Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7808PB Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ADS7808PB
Description  12-Bit 10ms Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7808PB Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button ADS7808PB Datasheet HTML 2Page - Burr-Brown (TI) ADS7808PB Datasheet HTML 3Page - Burr-Brown (TI) ADS7808PB Datasheet HTML 4Page - Burr-Brown (TI) ADS7808PB Datasheet HTML 5Page - Burr-Brown (TI) ADS7808PB Datasheet HTML 6Page - Burr-Brown (TI) ADS7808PB Datasheet HTML 7Page - Burr-Brown (TI) ADS7808PB Datasheet HTML 8Page - Burr-Brown (TI) ADS7808PB Datasheet HTML 9Page - Burr-Brown (TI) ADS7808PB Datasheet HTML 10Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
®
ADS7808
6
HEX
HEX
DESCRIPTION
BINARY CODE
CODE
BINARY CODE
CODE
Full-Scale Range
±10
±5
±3.33V
0V to 5V
0V to 10V
0V to 4V
Least Significant Bit (LSB)
4.88mV
2.44mV
1.63mV
1.22mV
2.44mV
0.98mV
+Full Scale (FS – 1LSB)
9.99512V 4.99756V 3.33171V
4.99878V 9.99756V
3.99902V
0111 1111 1111
7FF
1111 1111 1111
FFF
Midscale
0V
0V
0V
2.5V
5V
2V
0000 0000 0000
000
1000 0000 0000
800
One LSB Below Midscale
–4.88mV
–2.44mV
–1.63mV
2.49878V 4.99756V
1.99902V
1111 1111 1111
FFF
0111 1111 1111
7FF
–Full Scale
–10V
–5V
–3.333333V
0V
0V
0V
1000 0000 0000
800
0000 0000 0000
000
BINARY TWO’S
COMPLEMENT
STRAIGHT BINARY
(SB/BTC LOW)
(SB/BTC HIGH)
Initiate Conversion and
Output Data Using External
Clock
Power Down
Selecting Output Format
Incorrect Conversions
SPECIFIC FUNCTION
CS
R/C
BUSY
EXT/INT DATACLK PWRD
SB/BTC
OPERATION
Initiate Conversion and
1>0
0
1
0
Output
0
x
Initiates conversion “n”. Data from conversion “n–1”
Output Data Using
clocked out on DATA synchronized to 12 clock
Internal Clock
pulses output on DATACLK.
0
1>0
1
0
Output
0
x
Initiates conversion “n”. Data from conversion “n–1”
clocked out on DATA synchronized to 12 clock
pulses output on DATACLK.
1>0
0
1
1
Input
0
x
Initiates conversion “n”.
0
1>0
1
1
Input
0
x
Initiates conversion “n”.
1>0
1
1
1
Input
x
x
Outputs a pulse on SYNC followed by data from
conversion “n” clocked out synchronized to external
DATACLK.
1>0
1
0
1
Input
0
x
Outputs a pulse on SYNC followed by data from
conversion “n–1” clocked out synchronized to
external DATACLK.(1) Conversion “n” in process.
0
0>1
0
1
Input
0
x
Outputs a pulse on SYNC followed by data from
conversion “n–1” clocked out synchronized to
external DATACLK .(1) Conversion “n” in process.
0
0
0>1
x
x
0
x
CS or R/C must be HIGH or a new conversion will
be initiated without time for acquisition.
x
x
x
x
x
0
x
Analog circuitry powered. Conversion can proceed.
x
x
x
x
x
1
x
Analog circuitry disabled. Data from previous
conversion maintained in output registers.
x
x
x
x
x
x
0
Serial data is output in Binary Two’s Complement
format.
x
x
x
x
x
x
1
Serial data is output in Straight Binary format.
NOTE: (1) See Figure 3b for constraints on previous data valid during conversion.
Table III. Control Truth Table.
ANALOG INPUT
DIGITAL OUTPUT
Table IV. Output Codes and Ideal Input Voltages.


Similar Part No. - ADS7808PB

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7808PB BURR-BROWN-ADS7808PB Datasheet
329Kb / 13P
   12-Bit 10us Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
More results

Similar Description - ADS7808PB

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7804 BURR-BROWN-ADS7804 Datasheet
182Kb / 10P
   12-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7820 BURR-BROWN-ADS7820 Datasheet
280Kb / 10P
   12-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7809 BURR-BROWN-ADS7809 Datasheet
248Kb / 10P
   16-Bit 10ms Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
ADS7821 BURR-BROWN-ADS7821 Datasheet
280Kb / 10P
   16-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7805 BURR-BROWN-ADS7805 Datasheet
135Kb / 12P
   16-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7808 BURR-BROWN-ADS7808_07 Datasheet
329Kb / 13P
   12-Bit 10us Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS8508 TI1-ADS8508_14 Datasheet
504Kb / 28P
[Old version datasheet]   12-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8508 TI-ADS8508 Datasheet
631Kb / 27P
[Old version datasheet]   12-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Sipex Corporation
SP8531 SIPEX-SP8531 Datasheet
254Kb / 16P
   12-Bit Sampling Serial Out Analog to Digital Converter
logo
Burr-Brown (TI)
ADS7819 BURR-BROWN-ADS7819 Datasheet
317Kb / 11P
   12-Bit 800kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com