Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7812 Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS7812
Description  Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7812 Datasheet(HTML) 4 Page - Burr-Brown (TI)

  ADS7812 Datasheet HTML 1Page - Burr-Brown (TI) ADS7812 Datasheet HTML 2Page - Burr-Brown (TI) ADS7812 Datasheet HTML 3Page - Burr-Brown (TI) ADS7812 Datasheet HTML 4Page - Burr-Brown (TI) ADS7812 Datasheet HTML 5Page - Burr-Brown (TI) ADS7812 Datasheet HTML 6Page - Burr-Brown (TI) ADS7812 Datasheet HTML 7Page - Burr-Brown (TI) ADS7812 Datasheet HTML 8Page - Burr-Brown (TI) ADS7812 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
®
ADS7812
PIN CONFIGURATION
PIN CONFIGURATION
Top View
DIP, SOIC
V
S
PWRD
BUSY
CS
CONV
EXT/INT
DATA
DATACLK
R1
IN
GND
R2
IN
R3
IN
BUF
CAP
REF
GND
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
ADS7812
ANALOG
CONNECT
CONNECT
CONNECT
INPUT
INPUT
R1IN
R2IN
R3IN
IMPEDANCE
RANGE (V)
TO
TO
TO
(k
Ω)
±10V
VIN
BUF
GND
45.7
0.3125V to
2.8125V
VIN
VIN
VIN
> 10,000
±5V
GND
BUF
VIN
26.7
0V to 10V
BUF
GND
VIN
26.7
0V to 4V
BUF
VIN
GND
21.3
±3.33V
VIN
BUF
VIN
21.3
0.5V to
4.5V
GND
VIN
GND
21.3
TABLE I. ADS7812 Input Ranges.
PIN #
NAME
DESCRIPTION
1R1IN
Analog Input. See Tables I and IV.
2
GND
Ground
3R2IN
Analog Input. See Tables I and IV.
4R3IN
Analog Input. See Tables I and IV.
5
BUF
Reference Buffer Output. Connect to R1IN, R2IN, or R3IN, as needed.
6
CAP
Reference Buffer Compensation Node. Decouple to ground with a 1
µF tantalum capacitor in parallel with a 0.01µF ceramic capacitor.
7
REF
Reference Input/Output. Outputs internal +2.5V reference via a series 4k
Ω resistor. Decouple this voltage with a 1µF to 2.2µF
tantalum capacitor to ground. If an external reference voltage is applied to this pin, it will override the internal reference.
8
GND
Ground
9
DATACLK
Data Clock Pin. With EXT/INT LOW, this pin is an output and provides the synchronous clock for the serial data. The output
is tri-stated when CS is HIGH. With EXT/INT HIGH, this pin is an input and the serial data clock must be provided externally.
10
DATA
Serial Data Output. The serial data is always the result of the last completed conversion and is synchronized to DATACLK.
If DATACLK is from the internal clock (EXT/INT LOW), the serial data is valid on both the rising and falling edges of DATACLK.
DATA is tri-stated when CS is HIGH.
11
EXT/INT
External or Internal DATACLK Pin. Selects the source of the synchronous clock for serial data. If HIGH, the clock must be
provided externally. If LOW, the clock is derived from the internal conversion clock. Note that the clock used to time the
conversion is always internal regardless of the status of EXT/INT.
12
CONV
Convert Input. A falling edge on this input puts the internal sample/hold into the hold state and starts a conversion regardless
of the state of CS. If a conversion is already in progress, the falling edge is ignored. If EXT/INT is LOW, data from the previous
conversion will be serially transmitted during the current conversion.
13
CS
Chip Select. This input tri-states all outputs when HIGH and enables all outputs when LOW. This includes DATA, BUSY, and
DATACLK (when EXT/INT is LOW). Note that a falling edge on CONV will initiate a conversion even when CS is HIGH.
14
BUSY
Busy Output. When a conversion is started, BUSY goes LOW and remains LOW throughout the conversion. If EXT/INT is
LOW, data is serially transmitted while BUSY is LOW. BUSY is tri-stated when CS is HIGH.
15
PWRD
Power Down Input. When HIGH, the majority of the ADS7812 is placed in a low power mode and power consumption is
significantly reduced. CONV must be taken LOW prior to PWRD going LOW in order to achieve the lowest power
consumption. The time required for the ADS7812 to return to normal operation after power down depends on a number of
factors. Consult the Power Down section for more information.
16
VS
+5V Supply Input. For best performance, decouple to ground with a 0.1
µF ceramic capacitor in parallel with a 10µF tantalum
capacitor.


Similar Part No. - ADS7812

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7812 TI1-ADS7812 Datasheet
1,014Kb / 25P
[Old version datasheet]   Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7812 TI1-ADS7812 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7812P TI1-ADS7812P Datasheet
1,014Kb / 25P
[Old version datasheet]   Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7812P TI1-ADS7812P Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7812PB TI1-ADS7812PB Datasheet
1,014Kb / 25P
[Old version datasheet]   Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS7812

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7812 TI1-ADS7812 Datasheet
1,014Kb / 25P
[Old version datasheet]   Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7812 TI1-ADS7812_15 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Sipex Corporation
SP8531 SIPEX-SP8531 Datasheet
254Kb / 16P
   12-Bit Sampling Serial Out Analog to Digital Converter
logo
Texas Instruments
ADS7813 TI1-ADS7813_16 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power, Serial 16-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7813 TI1-ADS7813 Datasheet
1,007Kb / 25P
[Old version datasheet]   Low-Power, Serial 16-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7813 BURR-BROWN-ADS7813 Datasheet
376Kb / 17P
   Low-Power, Serial 16-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7806 TI1-ADS7806 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power 12-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7808 BURR-BROWN-ADS7808 Datasheet
251Kb / 10P
   12-Bit 10ms Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
ADS7808 BURR-BROWN-ADS7808_07 Datasheet
329Kb / 13P
   12-Bit 10us Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
ADS7806 BURR-BROWN-ADS7806 Datasheet
209Kb / 18P
   Low-Power 12-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com