Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1213UG4 Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ADS1213UG4
Description  22-Bit ANALOG-TO-DIGITAL CONVERTER
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS1213UG4 Datasheet(HTML) 3 Page - Burr-Brown (TI)

  ADS1213UG4 Datasheet HTML 1Page - Burr-Brown (TI) ADS1213UG4 Datasheet HTML 2Page - Burr-Brown (TI) ADS1213UG4 Datasheet HTML 3Page - Burr-Brown (TI) ADS1213UG4 Datasheet HTML 4Page - Burr-Brown (TI) ADS1213UG4 Datasheet HTML 5Page - Burr-Brown (TI) ADS1213UG4 Datasheet HTML 6Page - Burr-Brown (TI) ADS1213UG4 Datasheet HTML 7Page - Burr-Brown (TI) ADS1213UG4 Datasheet HTML 8Page - Burr-Brown (TI) ADS1213UG4 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 49 page
background image
ADS1212, 1213
3
SBAS064A
POWER SUPPLY REQUIREMENTS
Power Supply Voltage
4.75
5.25
V
Power Supply Current:
Analog Current
95
µA
Digital Current
185
µA
Additional Analog Current with
REFOUT Enabled
1.8
mA
VBIAS Enabled
No Load
1
mA
Power Dissipation
At +25
°C
1.4
mW
TMIN to TMAX
1.8
mW
TMR of 16
6
8.5
mW
fXIN = 2.5MHz
2.2
mW
fXIN = 2.5MHz, TMR of 16
7.5
mW
Sleep Mode
0.45
mW
TEMPERATURE RANGE
Specified
–40
+85
°C
Storage
–60
+125
°C
NOTES: (1) In order to achieve the converter’s full-scale range, the input must be fully differential (AINN = 2 • REFIN – AINP). If the input is single-ended (AINN or
AINP is fixed), then the full-scale range is one-half that of the differential range. (2) This range is set with external resistors and VBIAS (as described in the text).
Other ranges are possible. (3) Input impedance is higher with lower fXIN. (4) Applies after calibration. (5) After system calibration, these errors will be of the order
of the effective resolution of the converter. Refer to the Typical Performance Curves which apply to the desired mode of operation. (6) Recalibration can remove
these errors. (7) The specification also applies at fDATA /i, where i is 2, 3, 4, etc. (8) Voltages at the analog inputs must remain within AGND to AVDD. (9) The common-
mode rejection test is performed with 100mV differential input.
SPECIFICATIONS (Cont.)
ADS1212U, P/ADS1213U, P, E
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
All specifications TMIN to TMAX, AVDD = DVDD = +5V, fXIN = 1MHz, programmable gain amplifier setting of 1, Turbo Mode Rate of 1, REFOUT disabled, VBIAS disabled,
and external 2.5V reference, unless otherwise specified.
Analog Input: Current ................................................
±100mA, Momentary
±10mA, Continuous
Voltage ................................... AGND –0.3V to AVDD +0.3V
AVDD to DVDD ........................................................................... –0.3V to 6V
AVDD to AGND ......................................................................... –0.3V to 6V
DVDD to DGND ......................................................................... –0.3V to 6V
AGND to DGND ................................................................................
±0.3V
REFIN Voltage to AGND ............................................ –0.3V to AVDD +0.3V
Digital Input Voltage to DGND .................................. –0.3V to DVDD +0.3V
Digital Output Voltage to DGND ............................... –0.3V to DVDD +0.3V
Lead Temperature (soldering, 10s) .............................................. +300
°C
Power Dissipation (Any package) .................................................. 500mW
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDERING INFORMATION
For the latest package and ordering information, see the
Package Option Addendum located at the end of this data
sheet.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas
Instruments recommends that all integrated circuits be handled
with appropriate precautions. Failure to observe proper han-
dling and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet its
published specifications.


Similar Part No. - ADS1213UG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1213UG4 TI1-ADS1213UG4 Datasheet
1Mb / 51P
[Old version datasheet]   22-Bit ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS1213UG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1212 TI1-ADS1212_14 Datasheet
1Mb / 51P
[Old version datasheet]   22-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
TL5602 TI1-TL5602_08 Datasheet
106Kb / 6P
[Old version datasheet]   8-BIT DIGITAL-TO-ANALOG CONVERTER
logo
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
   24-Bit Analog-to-Digital Converter
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
   16-Bit Analog-to-Digital Converter
logo
DATEL, Inc.
5962-8953101HXA DATEL-5962-8953101HXA Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
5962-8953102HXC DATEL-5962-8953102HXC Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
logo
SHENZHEN FUMAN ELECTRON...
SC8211 FUMAN-SC8211 Datasheet
592Kb / 9P
   16 Bit Digital to Analog Converter
logo
Texas Instruments
TLC5502-5M TI1-TLC5502-5M Datasheet
92Kb / 11P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTER
DDC101U TI1-DDC101U Datasheet
265Kb / 29P
[Old version datasheet]   20-BIT ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com