Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC0805DPNPO7BN330 Datasheet(PDF) 4 Page - YAGEO Corporation

Part # CC0805DPNPO7BN330
Description  SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CC0805DPNPO7BN330 Datasheet(HTML) 4 Page - YAGEO Corporation

  CC0805DPNPO7BN330 Datasheet HTML 1Page - YAGEO Corporation CC0805DPNPO7BN330 Datasheet HTML 2Page - YAGEO Corporation CC0805DPNPO7BN330 Datasheet HTML 3Page - YAGEO Corporation CC0805DPNPO7BN330 Datasheet HTML 4Page - YAGEO Corporation CC0805DPNPO7BN330 Datasheet HTML 5Page - YAGEO Corporation CC0805DPNPO7BN330 Datasheet HTML 6Page - YAGEO Corporation CC0805DPNPO7BN330 Datasheet HTML 7Page - YAGEO Corporation CC0805DPNPO7BN330 Datasheet HTML 8Page - YAGEO Corporation CC0805DPNPO7BN330 Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
www.yageo.com
Aug 05, 2011 V8
Surface-Mount Ceramic Multilayer Capacitors
4
15
Product specification
General Purpose
16 V to 50 V
NP0
PHYCOMP CTC CODE (FOR NORTH AMERICA)
Example: 0603CG271J7B200
0603
CG
271
J
7
B
2
0
0
Size
code
Temp.
Char.
Capacitance
in pF
Tolerance
Voltage
Termination
Packing
Marking
Range identifier
0201
0402
0603
0805
1206
1210
1812
CG = NP0 101 = 100 pF; the
third digit signifies
the multiplying
factor:
0 = × 1
1 = × 10
2 = × 100
3 = × 1,000
B = ±0.1 pF
C = ±0.25 pF
D = ±0.5 pF
F = ±1%
G = ±2%
J = ±5%
7 = 16 V
8 = 25 V
9 = 50 V
B = NiSn
2 = 180 mm
7” paper
3 = 330 mm
13” paper
B = 180 mm
7” blister
F = 330 mm
13” blister
P = Bulk case
0 = no marking
0 = conv. ceramic
CONSTRUCTION
The capacitor consists of a
rectangular block of ceramic
dielectric in which a number of
interleaved metal electrodes are
contained. This structure gives
rise to a high capacitance per
unit volume.
The inner electrodes are
connected to the two end
terminations and finally covered
with a layer of plated tin (NiSn).
The terminations are lead-free. A
cross section of the structure is
shown in Fig.1.
MLB457
terminations
electrodes
ceramic material
Fig. 1 Surface mounted multilayer ceramic capacitor construction
L2 / L3 (mm) L4 (mm)
TYPE
L1 (mm)
W (mm)
T (MM)
min.
max.
min.
0201
0.6 ±0.03
0.3 ±0.03
0.10
0.20
0.20
0402
1.0 ±0.05
0.5 ±0.05
0.20
0.30
0.40
0603
1.6 ±0.10
0.8 ±0.10
0.20
0.60
0.40
2.0 ±0.10 (1)
1.25 ±0.10 (1)
0805
2.0 ±0.20 (2)
1.25 ±0.20 (2)
0.25
0.75
0.55
3.2 ±0.15 (1)
1.6 ±0.15 (1)
1206
3.2 ±0.30 (2)
1.6 ±0.20 (2)
0.25
0.75
1.40
1210
3.2 ±0.20
2.5 ±0.20
0.25
0.75
1.40
1812
4.5 ±0.20
3.2 ±0.20
Refer to
table 2 to 5
0.25
0.75
2.20
NOTE
1. Dimension for size 0805 and 1206, C ≤ 1 nF
2. Dimension for size 0805 and 1206, C > 1 nF
Table 1 For outlines see fig. 2
DIMENSION
MBB211
T
L 4
L 1
L 2
L 3
W
O
OU
UT
TL
LIIN
NE
ES
S
For dimension see Table 1
Fig. 2 Surface mounted multilayer
ceramic capacitor dimension


Similar Part No. - CC0805DPNPO7BN330

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
CC0805DPNPO7BN391 YAGEO-CC0805DPNPO7BN391 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results

Similar Description - CC0805DPNPO7BN330

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX7R9BB332 YAGEO-CC0603KRX7R9BB332 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805KRX7R0BB102 YAGEO-CC0805KRX7R0BB102 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0201BRNPO7BN121 YAGEO-CC0201BRNPO7BN121 Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CA0508JRNPO7BN121 YAGEO-CA0508JRNPO7BN121 Datasheet
985Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603CRNPO9BN1R0 YAGEO-CC0603CRNPO9BN1R0 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB103 YAGEO-CC1206KRX7RABB103 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com