Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC0805DPNPO7BN272 Datasheet(PDF) 3 Page - YAGEO Corporation

Part # CC0805DPNPO7BN272
Description  SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CC0805DPNPO7BN272 Datasheet(HTML) 3 Page - YAGEO Corporation

  CC0805DPNPO7BN272 Datasheet HTML 1Page - YAGEO Corporation CC0805DPNPO7BN272 Datasheet HTML 2Page - YAGEO Corporation CC0805DPNPO7BN272 Datasheet HTML 3Page - YAGEO Corporation CC0805DPNPO7BN272 Datasheet HTML 4Page - YAGEO Corporation CC0805DPNPO7BN272 Datasheet HTML 5Page - YAGEO Corporation CC0805DPNPO7BN272 Datasheet HTML 6Page - YAGEO Corporation CC0805DPNPO7BN272 Datasheet HTML 7Page - YAGEO Corporation CC0805DPNPO7BN272 Datasheet HTML 8Page - YAGEO Corporation CC0805DPNPO7BN272 Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
www.yageo.com
Aug 05, 2011 V8
Surface-Mount Ceramic Multilayer Capacitors
3
15
Product specification
General Purpose
16 V to 50 V
NP0
2 2 X X
X X
X
X
1
X
X X
Carrier type
22 = Blister
38 = Paper/PE
54 = Bulk
Voltage
78 = 16 V
91 = 25 V
Size
8 = 0201
7 = 0402
6 = 0603
0 = 0805
1 = 1206
2 = 1210
4 = 1812
Capacitance value(1)
Tolerance
3 =
±1%
4 =
±2%
5 =
±5%
TC material
1 = NP0
Packaging(3)
1 = reel:
∅180 mm; 7"
5 = reel:
∅330 mm; 13"
4 = bulk case
YNM0007
P
PH
HY
YC
CO
OM
MP
P B
BR
RA
AN
ND
D o
orrd
deerriin
ngg cco
od
deess
GLOBAL PART NUMBER (preferred), PHYCOMP CTC (for North America) and 12NC (traditional) codes are
acceptable to order Phycomp brand products.
GLOBAL PART NUMBER (PREFERRED)
For detailed information of GLOBAL PART NUMBER and ordering example, please refer to page 2.
12NC CODE
Ordering information for 16 V to 25 V
(1) Please refer to "Last 2-digit of 12NC" in "CAPACITANCE RANGE & THICKNESS FOR NP0"
(2) Please refer to "Last 3-digit of 12NC" in "CAPACITANCE RANGE & THICKNESS FOR NP0"
(3) Quantity on reel depends on thickness classification; see table 6
Ordering information for 50 V
2 2 X X X X X X X X X X
Carrier type
22 = Blister
38 = Paper/PE
54 = Bulk
Voltage
86 = 50 V
Size
8 = 0201
9 = 0402
7 = 0603
1 = 0805
3 = 1206
2 = 1210
5 = 1812
Capacitance value(2)
Tolerance
4 =
±0.1 pF for 0.47 pF ≤ C < 5 pF
±0.25 pF for 5 pF ≤ C < 10 pF
±2% for C ≥ 10 pF
5 =
±0.25 pF for C < 5 pF
±0.5 pF for 5 pF ≤ C < 10 pF
±5% for C ≥ 10 pF
8 =
±0.1 pF for 5 pF ≤ C < 10 pF
±1% for C ≥ 10 pF
YNM0008
Packaging(3)
1 = reel:
∅180 mm; 7"
7 = reel:
∅330 mm; 13"
4 = bulk case


Similar Part No. - CC0805DPNPO7BN272

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
CC0805DPNPO7BN YAGEO-CC0805DPNPO7BN Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805DPNPO7BN121 YAGEO-CC0805DPNPO7BN121 Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805DPNPO7BN151 YAGEO-CC0805DPNPO7BN151 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805DPNPO7BN330 YAGEO-CC0805DPNPO7BN330 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805DPNPO7BN391 YAGEO-CC0805DPNPO7BN391 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results

Similar Description - CC0805DPNPO7BN272

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402JRNPO9BN330 YAGEO-CC0402JRNPO9BN330 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX7R9BB332 YAGEO-CC0603KRX7R9BB332 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805KRX7R0BB102 YAGEO-CC0805KRX7R0BB102 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0201BRNPO7BN121 YAGEO-CC0201BRNPO7BN121 Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CA0508JRNPO7BN121 YAGEO-CA0508JRNPO7BN121 Datasheet
985Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603CRNPO9BN1R0 YAGEO-CC0603CRNPO9BN1R0 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB103 YAGEO-CC1206KRX7RABB103 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com