Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7816B Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ADS7816B
Description  12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7816B Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button ADS7816B Datasheet HTML 2Page - Burr-Brown (TI) ADS7816B Datasheet HTML 3Page - Burr-Brown (TI) ADS7816B Datasheet HTML 4Page - Burr-Brown (TI) ADS7816B Datasheet HTML 5Page - Burr-Brown (TI) ADS7816B Datasheet HTML 6Page - Burr-Brown (TI) ADS7816B Datasheet HTML 7Page - Burr-Brown (TI) ADS7816B Datasheet HTML 8Page - Burr-Brown (TI) ADS7816B Datasheet HTML 9Page - Burr-Brown (TI) ADS7816B Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
®
ADS7816
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, VCC = +5V, VREF = +5V, fSAMPLE = 200kHz, and fCLK = 16 • fSAMPLE, unless otherwise specified.
INTEGRAL LINEARITY ERROR vs CODE
1.00
0.75
0.50
0.25
0.00
–0.25
–0.50
–0.75
–1.00
0
2048
4095
Code
DIFFERENTIAL LINEARITY ERROR vs CODE
1.00
0.75
0.50
0.25
0.00
–0.25
–0.50
–0.75
–1.00
0
2048
4095
Code
CHANGE IN INTEGRAL LINEARITY AND DIFFERENTIAL
LINEARITY vs REFERENCE VOLTAGE
0.10
0.05
0.00
–0.05
–0.10
–0.15
–0.20
12345
Reference Voltage (V)
Change in Differential
Linearity (LSB)
Change in Integral
Linearity (LSB)
INPUT LEAKAGE CURRENT vs TEMPERATURE
10
1
0.1
0.01
–55
–40
–25
0
25
70
85
Temperature (°C)
SUPPLY CURRENT vs TEMPERATURE
450
400
350
300
250
200
150
–55
–40
–25
0
25
70
85
Temperature (°C)
f
SAMPLE = 12.5kHz
f
SAMPLE = 200kHz
POWER DOWN SUPPLY CURRENT
vs TEMPERATURE
3
2.5
2
1.5
1
0.5
0
–55
–40
–25
0
25
70
85
Temperature (°C)


Similar Part No. - ADS7816B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7816 TI-ADS7816 Datasheet
931Kb / 23P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling
ADS7816 TI-ADS7816 Datasheet
963Kb / 24P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7816E/250 TI1-ADS7816E/250 Datasheet
984Kb / 24P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling
ADS7816E/250G4 TI1-ADS7816E/250G4 Datasheet
984Kb / 24P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling
ADS7816E/2K5 TI1-ADS7816E/2K5 Datasheet
984Kb / 24P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling
More results

Similar Description - ADS7816B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7816U TI1-ADS7816U Datasheet
951Kb / 23P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7816P TI1-ADS7816P Datasheet
951Kb / 23P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7816EB TI-ADS7816EB Datasheet
963Kb / 24P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1286 BURR-BROWN-ADS1286 Datasheet
165Kb / 11P
   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1286 TI1-ADS1286_14 Datasheet
491Kb / 18P
[Old version datasheet]   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS1286 TI1-ADS1286_16 Datasheet
483Kb / 17P
[Old version datasheet]   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1286 BURR-BROWN-ADS1286_06 Datasheet
141Kb / 14P
   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS1286 BURR-BROWN-ADS1286_12 Datasheet
479Kb / 18P
   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7835 TI1-ADS7835_14 Datasheet
840Kb / 21P
[Old version datasheet]   12-Bit, High-Speed, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7834 TI1-ADS7834_14 Datasheet
966Kb / 22P
[Old version datasheet]   12-Bit High-Speed, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com