Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7819 Datasheet(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ADS7819
Description  12-Bit 800kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7819 Datasheet(HTML) 10 Page - Burr-Brown (TI)

Back Button ADS7819 Datasheet HTML 3Page - Burr-Brown (TI) ADS7819 Datasheet HTML 4Page - Burr-Brown (TI) ADS7819 Datasheet HTML 5Page - Burr-Brown (TI) ADS7819 Datasheet HTML 6Page - Burr-Brown (TI) ADS7819 Datasheet HTML 7Page - Burr-Brown (TI) ADS7819 Datasheet HTML 8Page - Burr-Brown (TI) ADS7819 Datasheet HTML 9Page - Burr-Brown (TI) ADS7819 Datasheet HTML 10Page - Burr-Brown (TI) ADS7819 Datasheet HTML 11Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
®
ADS7819
CALIBRATION
The ADS7819 can be trimmed in hardware or software. The
offset should be trimmed before the gain since the offset
directly affects the gain.
Hardware Calibration
To calibrate the offset and gain of the ADS7819, install the
proper resistors and potentiometers as shown in Figure 4a.
The calibration range is
±12mV for bipolar zero and ±30mV
for full scale.
Potentiometer P1 and resistor R1 form the offset adjust
circuit and P2 and R2 the gain adjust circuit. The exact values
are not critical. R1 and R2 should not be made any larger than
the value shown. They can easily be made smaller to provide
increased adjustment range. Reducing these below 15% of
the indicated values could begin to adversely affect the
operation of the converter.
P1 and P2 can also be made larger to reduce power dissipa-
tion. However, larger resistances will push the useful adjust-
ment range to the edges of the potentiometer. P1 should
probably not exceed 20k
Ω and P2 100kΩ in order to main-
tain reasonable sensitivity.
Software Calibration
To calibrate the offset and gain of the ADS7819, no external
resistors are required. See the No Calibration section for
details on the effects of the external resistor.
No Calibration
See Figure 4b for circuit connections. Note that the actual
voltage dropped across the 50
Ω resistor is nearly two orders
of magnitude lower than the voltage dropped across the
internal resistor divider network. This should be taken into
consideration when choosing the accuracy and drift specifi-
cations of the external resistors. In most applications, 1%
metal-film resistors will be sufficient.
The external 50
Ω resistor shown in Figure 4b may not be
necessary in some applications. This resistor provides trim
capability for the offset and compensates for a slight gain
adjustment internal to the ADS7819. Not using the 50
resistor will cause a small gain error but will have no effect
on the inherent offset error. Figure 5 shows typical transfer
function characteristics with and without the 50
Ω resistor in
the circuit.
REFERENCE
The ADS7819 can operate with its internal 2.5V reference or an
external reference. By applying an external reference to pin 3,
the internal reference can be bypassed. The reference voltage at
REF is buffered internally and output on CAP (pin 4).
The internal reference has a 6 ppm/
°C drift (typical) and
accounts for approximately 20% of the full scale error
(FSE =
±0.5% for low grade, ±0.25% for high grade.)
REF
REF (pin 3) is an input for an external reference or the
output for the internal 2.5V reference. A 0.1
µF capacitor
should be connected as close to the REF pin as possible. The
capacitor and the output resistance of REF create a low pass
filter to band limit noise on the reference. Using a smaller
value capacitor will introduce more noise to the reference
degrading the SNR and SINAD. The REF pin should not be
used to drive external AC or DC loads.
The range for the external reference is 2.3V to 2.7V and
determines the actual LSB size. Increasing the reference
voltage will increase the full scale range and the LSB size
of the converter which can improve the SNR.
FIGURE 5. Circuit Diagram With and Without External Resistors.
–2.46V
–2.5V
Digital
Output
+ Full Scale
Analog
Input
– Full Scale
Typical Transfer Function
with 50
Ω Resistor
Typical Transfer Function
Without 50
Ω Resistor
2.46V
2.5V


Similar Part No. - ADS7819

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7819 TI1-ADS7819 Datasheet
259Kb / 13P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7819P TI1-ADS7819P Datasheet
259Kb / 13P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7819PB TI1-ADS7819PB Datasheet
259Kb / 13P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7819U TI1-ADS7819U Datasheet
259Kb / 13P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7819U/1K TI1-ADS7819U/1K Datasheet
259Kb / 13P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
More results

Similar Description - ADS7819

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7810 BURR-BROWN-ADS7810 Datasheet
208Kb / 11P
   12-Bit 800kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7831 BURR-BROWN-ADS7831 Datasheet
313Kb / 10P
   12-Bit 600kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7804 BURR-BROWN-ADS7804 Datasheet
182Kb / 10P
   12-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7820 BURR-BROWN-ADS7820 Datasheet
280Kb / 10P
   12-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7808 BURR-BROWN-ADS7808 Datasheet
251Kb / 10P
   12-Bit 10ms Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
ADS8504 BURR-BROWN-ADS8504 Datasheet
379Kb / 19P
   12-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7806 TI1-ADS7806 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power 12-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7808 BURR-BROWN-ADS7808_07 Datasheet
329Kb / 13P
   12-Bit 10us Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
ADS7806 BURR-BROWN-ADS7806 Datasheet
209Kb / 18P
   Low-Power 12-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ISO808 BURR-BROWN-ISO808 Datasheet
171Kb / 7P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com