Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EETXB2D152E Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # EETXB2D152E
Description  Large Can Aluminum Electrolytic Capacitors
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EETXB2D152E Datasheet(HTML) 7 Page - Panasonic Semiconductor

Back Button EETXB2D152E Datasheet HTML 3Page - Panasonic Semiconductor EETXB2D152E Datasheet HTML 4Page - Panasonic Semiconductor EETXB2D152E Datasheet HTML 5Page - Panasonic Semiconductor EETXB2D152E Datasheet HTML 6Page - Panasonic Semiconductor EETXB2D152E Datasheet HTML 7Page - Panasonic Semiconductor EETXB2D152E Datasheet HTML 8Page - Panasonic Semiconductor EETXB2D152E Datasheet HTML 9Page - Panasonic Semiconductor EETXB2D152E Datasheet HTML 10Page - Panasonic Semiconductor EETXB2D152E Datasheet HTML 11Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
TS Type General Information
Dimensions
Ripple Current Multipliers
7
φφφφ
φφφφ
10.0±0.1
D
2 x
2.0±0.1
P. C. Board Mounting Holes
0.8
+0.2
-0.1
1.5±0.2
2.0 max.
Standard
Terminal
L+2 max.
Vinyl Sleeve
Vent
Polarity Bar
D+1 max.
φφφφ
10
1.5±0.2
0.8
+0.2
-0.1
2.0 max.
4.0mm length
"Short" Terminal
Terminal Dimensions
Aluminum Electrolytic Capacitors
Ripple Current Frequency Correction Factors
Frequency
(Hz):
50
60
100~
120
500
1k
10k~
50k
16~100WV:
0.93
0.95
1.0
1.05
1.08
1.15
160~500WV:
0.75
0.8
1.0
1.2
1.25
1.4
Ripple Current Temperature Correction Factors
Max. Temperature 105°C 85°C 70°C 60°C
≤45°C
TS-UP
---
1.0
1.3
1.4
1.5
TS-HA, HB,
XB, EX
1.0
1.7
2.0
2.2
2.35
Note: Use of temperature correction factors can limit load life to the hours
specified for the maximum operating temperature of the series.


Similar Part No. - EETXB2D152E

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EETXB2D152LJ PANASONIC-EETXB2D152LJ Datasheet
242Kb / 5P
   Snap-in Type
More results

Similar Description - EETXB2D152E

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
TS-HA PANASONIC-TS-HA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLC NIC-NRLC_14 Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
NRLF NIC-NRLF_14 Datasheet
82Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLFW NIC-NRLFW_14 Datasheet
81Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
ECO-S2GP331EX PANASONIC-ECO-S2GP331EX Datasheet
269Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
ECO-S1HA472EA PANASONIC-ECO-S1HA472EA Datasheet
224Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
EET-UQ2W331LA PANASONIC-EET-UQ2W331LA Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com