Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7818E Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ADS7818E
Description  2SC5161
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7818E Datasheet(HTML) 2 Page - Burr-Brown (TI)

  ADS7818E Datasheet HTML 1Page - Burr-Brown (TI) ADS7818E Datasheet HTML 2Page - Burr-Brown (TI) ADS7818E Datasheet HTML 3Page - Burr-Brown (TI) ADS7818E Datasheet HTML 4Page - Burr-Brown (TI) ADS7818E Datasheet HTML 5Page - Burr-Brown (TI) ADS7818E Datasheet HTML 6Page - Burr-Brown (TI) ADS7818E Datasheet HTML 7Page - Burr-Brown (TI) ADS7818E Datasheet HTML 8Page - Burr-Brown (TI) ADS7818E Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
®
ADS7818
SPECIFICATIONS
At TA = –40°C to +85°C, +VCC = +5V, fSAMPLE = 500kHz, fCLK = 16 • fSAMPLE, internal reference, unless otherwise specified.
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN
assumes no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject
to change without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not
authorize or warrant any BURR-BROWN product for use in life support devices and/or systems.
ADS7818P, E
ADS7818PB, EB
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
ANALOG INPUT
Full-Scale Input Span(1)
+In – (–In)
0
5
TT
V
Absolute Input Range
+In
–0.2
VCC +0.2
TT
V
–In
–0.2
+0.2
TT
V
Capacitance
15
T
pF
Leakage Current
1
T
µA
SYSTEM PERFORMANCE
Resolution
12
T
Bits
No Missing Codes
12
T
Bits
Integral Linearity Error
±1
±2
±0.5
±1
LSB(2)
Differential Linearity Error
±0.8
±0.5
±1
LSB
Offset Error
±2
±5
±1
T
LSB
Gain Error(3)
25
°C
±12
±30
±7
±15
LSB
–40
°C to +85°C
±50
±35
LSB
Common-Mode Rejection
DC, 0.2Vp-p
70
T
dB
1MHz, 0.2Vp-p
50
T
dB
Noise
150
T
µVrms
Power Supply Rejection
Worst Case
∆, +V
CC = 5V ±5%
1.2
T
LSB
SAMPLING DYNAMICS
Conversion Time
1.625
T
µs
Acquisition Time
0.350
T
µs
Throughput Rate
500
T
kHz
Aperture Delay
5
T
ns
Aperture Jitter
30
T
ps
Step Response
350
T
ns
DYNAMIC CHARACTERISTICS
Signal-to-Noise Ratio
VIN = 5Vp-p at 100kHz
72
T
dB
Total Harmonic Distortion(4)
VIN = 5Vp-p at 100kHz
–78
–72
–82
–75
dB
Signal-to-(Noise+Distortion)
VIN = 5Vp-p at 100kHz
68
70
70
72
dB
Spurious Free Dynamic Range
VIN = 5Vp-p at 100kHz
72
78
75
82
dB
Usable Bandwidth
SINAD > 68dB
350
T
kHz
REFERENCE OUTPUT
Voltage
IOUT = 0
2.475
2.50
2.525
2.48
T
2.52
V
Source Current(5)
Static Load
50
T
µA
Drift
IOUT = 0
20
T
ppm /
°C
Line Regulation
4.75V
≤ V
CC ≤ 5.25V
0.6
T
mV
REFERENCE INPUT
Range
2.0
2.55
TT
V
Resistance(6)
to Internal Reference Voltage
10
TT
T
k
DIGITAL INPUT/OUTPUT
Logic Family
CMOS
T
Logic Levels:
VIH
|IIH| ≤ +5µA
3.0
VCC +0.3
TT
V
VIL
|IIL| ≤ +5µA
–0.3
0.8
TT
V
VOH
IOH = –500µA
3.5
TT
V
VOL
IOL = 500µA
0.4
TT
V
Data Format
Straight Binary
T
POWER SUPPLY REQUIREMENT
+VCC
Specified Performance
4.75
5.25
TT
V
Quiescent Current
fSAMPLE = 500kHz
2.2
T
mA
Power Down
0.5
T
mA
Power Dissipation
fSAMPLE = 500kHz
11
20
TT
mW
Power Down
2.5
T
mW
TEMPERATURE RANGE
Specified Performance
–40
+85
TT
°C
T Specifications same as ADS7818P,E.
NOTES: (1) Ideal input span, does not include gain or offset error. (2) LSB means Least Significant Bit, with VREF equal to +2.5V, one LSB is 1.22mV. (3) Measured
relative to an ideal, full-scale input (+In – (–In)) of 4.999V. Thus, gain error includes the error of the internal voltage reference. (4) Calculated on the first nine
harmonics of the input frequency. (5) If the internal reference is required to source current to an external load, the reference voltage will change due to the internal
10k
Ω resistor. (6) Can vary ±30%.


Similar Part No. - ADS7818E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7818E TI-ADS7818E Datasheet
652Kb / 21P
[Old version datasheet]   12-Bit High Speed Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7818E/250 TI1-ADS7818E/250 Datasheet
668Kb / 21P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS7818E/250G4 TI1-ADS7818E/250G4 Datasheet
668Kb / 21P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS7818E/2K5 TI1-ADS7818E/2K5 Datasheet
668Kb / 21P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS7818E/2K5G4 TI1-ADS7818E/2K5G4 Datasheet
668Kb / 21P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com