Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLM-15R0 Datasheet(PDF) 2 Page - PANDUIT CORP.

Part # HLM-15R0
Description  Product Bulletin
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

HLM-15R0 Datasheet(HTML) 2 Page - PANDUIT CORP.

  HLM-15R0 Datasheet HTML 1Page - PANDUIT CORP. HLM-15R0 Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PANDUIT CORP.
Tinley Park, Illinois 60477-3091
Customer Service: 800-777-3300
Technical Support: 866-405-6660
Email: ctinfo@panduit.com
Internet: www.panduit.com/eg
PANDUIT CANADA
Markham, Ontario
Phone: 800-777-3300
SA101N308B-WC
10/2002
For a copy of PANDUIT product warranties,
log on to www.panduit.com/warranty
For a full line catalog, contact Customer Service
and ask for SA101N275C-WC.
Contact your local authorized PANDUIT
distributor for pricing. For your local
Sales Office call 800-777-3300
PANDUIT EUROPE LTD.
London, UK
Phone: 44 208-601-7200
PANDUIT SINGAPORE PTE. LTD.
Republic of Singapore
Phone: (65) 6379 6700
PANDUIT JAPAN
Tokyo, Japan
Phone (81) (3) 3767-7011
PANDUIT LATIN AMERICA
Jalisco, Mexico
Phone: (52) 3 666-2501
PANDUIT AUSTRALIA PTY. LTD.
Victoria, Australia
Phone: (61) 3-9794 9020
WORLDWIDE SUBSIDIARIES AND SALES OFFICES
© PANDUIT Corp.
ALL RIGHTS RESERVED Printed in U.S.A.
PANDUIT ® TAK-TY ® Hook & Loop Cable Ties
HLC Series
Part Number
Length
A
In. (mm)
Width
B
In. (mm)
Thickness
In. (mm)
Head
Width
C
In. (mm)
Min.
Bundle
Dia.
In. (mm)
Max.
Bundle
Dia.
In. (mm)
Min. Loop
Tensile
Strength*
Lbs. (N)
Packaging**
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
Cinch Ties - Cinch ring provides extra strength and bundle tightness
HLC3S-X0
12.0 (305)
.75 (19)
.10 (2.5)
1.10 (27.9)
2.0 (51)
3.0 (76)
50 (222)
10
100
HLC5S-X0
18.0 (457)
.75 (19)
.10 (2.5)
3.0 (76)
5.0 (127)
10
100
Pass hook portion through plastic
cinch ring. Pull end of tie against
ring to tension. Secure hook portion
against loop portion of tie body to
fasten. Available in black only.
HLT, HLM and HLS styles are hook
on one side and loop on the other
so they adhere to themselves.
Wrap around bundle and secure
end of tie on the body.
HLTP/HLSP style is U. L. Listed for
use in air handling spaces per
NEC Section 300-22 (c) and (d)
and is UL94V-2 flame rated.
HLT & HLTP Series
Loop Ties - Slot allows for pre-wrapping of bundles
HLT2I-X0
8.0 (203)
.50 (12.7) .10 (2.5) 1.00 (25.4)
.25 (6)
1.9 (48)
40 (178)
10
100
HLTP2I-X12
10
100
HLT3I-X0
12.0 (305)
3.2 (81)
40 (178)
10
100
HLTP3I-X12
10
100
HLM, HLS & HLSP Series
* Minimum 2" overlap required to achieve loop tensile rating (HLC, HLT, HLS, HLM series).
* Minimum 1" overlap required to achieve UL Listed Rated Load (HLSP series). -0 (Black) rated 18 lbs (80N)
* Minimum1.5" overlap required to achieve UL Listed Rated Load (HLTP series). -0 (Black) rated 18 lbs (80N)
**Order number of pieces required in multiples of packaging quantities.
Strip Ties - Rolls Perforated in Convenient 6", 12" and 18" strips
HLS1.5S-X0
6.0 (152)
.75 (19)
.10 (2.5)
.25 (6)
1.5 (38)
50 (222)
10
100
HLSP1.5S-X12
10
100
HLS3S-X0
12.0 (305)
.75 (19)
.10 (2.5)
.25 (6)
3.2 (81)
50 (222)
10
100
HLSP3S-X12
10
100
HLS5S-X0
18.0 (457)
.75 (19)
.10 (2.5)
.25 (6)
5.0 (127)
50 (222)
10
100
HLSP5S-X12
10
100
15' & 75' Rolls - Can be cut to desired length, eliminating waste
HLM-15R0
180.0 (4572)
.33 (8.4)
.10 (2.5)
.25 (6)
Various
18 (80)
1
10
HLS-15R0
180.0 (4572)
.75 (19)
.10 (2.5)
.25 (6)
Various
50 (222)
1
10
HLS-75R0
900.0 (22,860) .75 (19)
.10 (2.5)
.25 (6)
Various
50 (222)
1
10
HLSP/HLTP Series
available in black and
maroon only.
Color Chart
Color
Part No.
Suffix
Black
-0
Red
-2
Orange
-3
Yellow
-4
Green
-5
Blue
-6
Gray
-8
White
-10
Maroon
-12
C
A REF.
B
LOOP
HOOK
A REF.
B
C
X-Out for #10
Truss Head Screw
A REF.
B


Similar Part No. - HLM-15R0

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
HLM-15R0 PANDUIT-HLM-15R0 Datasheet
715Kb / 4P
   Hook and Loop Cable Ties
More results

Similar Description - HLM-15R0

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
28330-PBD-001-A MA-COM-28330-PBD-001-A_15 Datasheet
23Kb / 1P
   product bulletin
28953-PBD-001-A MA-COM-28953-PBD-001-A_15 Datasheet
29Kb / 2P
   product bulletin
28500-PBD-001-B MA-COM-28500-PBD-001-B_15 Datasheet
47Kb / 2P
   Product Bulletin
02007-PBD-001-A MA-COM-02007-PBD-001-A Datasheet
39Kb / 1P
   Product Bulletin
28560-PBD-001-A MA-COM-28560-PBD-001-A_15 Datasheet
60Kb / 2P
   Product Bulletin
logo
Gilway Technical Lamp
GTL-OS-70099 GILWAY-GTL-OS-70099 Datasheet
504Kb / 4P
   Product Information Bulletin
logo
Richco, Inc.
ML-L-2 RICHCO-ML-L-2 Datasheet
213Kb / 1P
   NEW PRODUCT BULLETIN
logo
Kemet Corporation
PBU-022415-CA KEMET-PBU-022415-CA Datasheet
231Kb / 3P
   Product/Process Bulletin Update
logo
OSRAM GmbH
70119 OSRAM-70119 Datasheet
127Kb / 4P
   Product Information Bulletin DRAGONtape
logo
Gilway Technical Lamp
GTL-OS-70072 GILWAY-GTL-OS-70072 Datasheet
167Kb / 2P
   Product Information Bulletin LINEARlight OPTICS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com