Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25040B Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT25040B
Description  Serial Peripheral Interface (SPI) Compatible
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25040B Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT25040B Datasheet HTML 4Page - ATMEL Corporation AT25040B Datasheet HTML 5Page - ATMEL Corporation AT25040B Datasheet HTML 6Page - ATMEL Corporation AT25040B Datasheet HTML 7Page - ATMEL Corporation AT25040B Datasheet HTML 8Page - ATMEL Corporation AT25040B Datasheet HTML 9Page - ATMEL Corporation AT25040B Datasheet HTML 10Page - ATMEL Corporation AT25040B Datasheet HTML 11Page - ATMEL Corporation AT25040B Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
8
8707B–SEEPR–3/10
AT25010B/020B/040B
WRITE STATUS REGISTER (WRSR): The WRSR instruction allows the user to select one of four levels of protec-
tion. The AT25010B/020B/040B is divided into four array segments. One-quarter, one-half, or all of the memory
segments can be protected. Any of the data within any selected segment will therefore be read only. The block
write protection levels and corresponding status register control bits are shown in Table 3-4.
Bits BP1 and BP0 are nonvolatile cells that have the same properties and functions as the regular memory cells
(e.g., WREN, t
WC, RDSR).
READ SEQUENCE (READ): Reading the AT25010B/020B/040B via the SO pin requires the following sequence.
After the CS line is pulled low to select a device, the read op-code (including A8) is transmitted via the SI line fol-
lowed by the byte address to be read (A7
−A0). Upon completion, any data on the SI line will be ignored. The data
(D7
−D0) at the specified address is then shifted out onto the SO line. If only one byte is to be read, the CS line
should be driven high after the data comes out. The read sequence can be continued since the byte address is
automatically incremented and data will continue to be shifted out. When the highest address is reached, the
address counter will roll over to the lowest address allowing the entire memory to be read in one continuous read
cycle.
WRITE SEQUENCE (WRITE): In order to program the AT25010B/020B/040B, the Write Protect pin (WP) must be
held high and two separate instructions must be executed. First, the device must be write enabled via the WREN
instruction. Then a Write (WRITE) instruction may be executed. Also, the address of the memory location(s) to be
programmed must be outside the protected address field location selected by the block write protection level. Dur-
ing an internal write cycle, all commands will be ignored except the RDSR instruction.
A Write instruction requires the following sequence. After the CS line is pulled low to select the device, the WRITE
op-code (including A8) is transmitted via the SI line followed by the byte address (A7
−A0) and the data (D7−D0) to
be programmed. Programming will start after the CS pin is brought high. The low-to-high transition of the CSpin
must occur during the SCK low time immediately after clocking in the D0 (LSB) data bit.
The ready/busy status of the device can be determined by initiating a Read Status Register (RDSR) instruction. If
Bit 0 = “1”, the write cycle is still in progress. If Bit 0 = “0”, the write cycle has ended. Only the RDSR instruction is
enabled during the write programming cycle.
The AT25010B/020B/040B is capable of an 8-byte page write operation. After each byte of data is received, the
three low-order address bits are internally incremented by one; the six high-order bits of the address will remain
constant. If more than 8 bytes of data are transmitted, the address counter will roll over and the previously written
data will be overwritten. The AT25010B/020B/040B is automatically returned to the write disable state at the com-
pletion of a write cycle.
Note:
If the WP pin is brought low or if the device is not write enabled (WREN), the device will ignore the Write instruction and
will return to the standby state, when CS is brought high. A new CS falling edge is required to reinitiate the serial
communication.
Table 3-4.
Block Write Protect Bits
Level
Status Register Bits
Array Addresses Protected
BP1
BP0
AT25010B
AT25020B
AT25040B
0
0
0
None
None
None
1 (1/4)
0
1
60
−7F
C0
−FF
180
−1FF
2 (1/2)
1
0
40
−7F
80
−FF
100
−1FF
3 (All)
1
1
00
−7F
00
−FF
000
−1FF


Similar Part No. - AT25040B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25040B ATMEL-AT25040B Datasheet
1Mb / 27P
   f serial electrically erasable able programmable read-only memory
AT25040B ATMEL-AT25040B Datasheet
1Mb / 27P
   Serial Peripheral Interface (SPI) Compatible
AT25040B-MAHL-T ATMEL-AT25040B-MAHL-T Datasheet
1Mb / 27P
   SPI Serial EEPROM
AT25040B-SSHL-B ATMEL-AT25040B-SSHL-B Datasheet
1Mb / 27P
   SPI Serial EEPROM
AT25040B-SSHL-T ATMEL-AT25040B-SSHL-T Datasheet
1Mb / 27P
   SPI Serial EEPROM
More results

Similar Description - AT25040B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25020A ATMEL-AT25020A_14 Datasheet
469Kb / 17P
   Serial Peripheral Interface (SPI) Compatible
AT45DB041B ATMEL-AT45DB041B_14 Datasheet
610Kb / 35P
   Serial Peripheral Interface (SPI) Compatible
AT25040A ATMEL-AT25040A_14 Datasheet
469Kb / 17P
   Serial Peripheral Interface (SPI) Compatible
AT25256A ATMEL-AT25256A_14 Datasheet
291Kb / 18P
   Serial Peripheral Interface (SPI) Compatible
AT26DF161A ATMEL-AT26DF161A_14 Datasheet
938Kb / 41P
   Serial Peripheral Interface (SPI) Compatible
AT25080A ATMEL-AT25080A_14 Datasheet
457Kb / 19P
   Serial Peripheral Interface (SPI) Compatible
AT45DB021B ATMEL-AT45DB021B_14 Datasheet
485Kb / 32P
   Serial Peripheral Interface (SPI) Compatible
AT26DF161 ATMEL-AT26DF161_14 Datasheet
697Kb / 34P
   Serial Peripheral Interface (SPI) Compatible
AT26DF321 ATMEL-AT26DF321_14 Datasheet
659Kb / 34P
   Serial Peripheral Interface (SPI) Compatible
AT25040A ATMEL-AT25040A_14 Datasheet
352Kb / 18P
   Serial Peripheral Interface (SPI) Compatible
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com