Selected language     English  ▼


L-07C Datasheet(PDF) 1 Page - Johanson Technology Inc.

Part No. L-07C
Description  Chip and Wirewound Inductor Packaging Information
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  JOHANSON [Johanson Technology Inc.]
Homepage  http://www.johansontechnology.com
Logo 

   
 1 page
background image
Chip and Wirewound Inductor Packaging Information
Taping Specifications
A
A’
B
C
D
T
L-05B
2.0
±
0.05
4.0
±0.1 0.38±
0.02
0.68
±
0.02
2.0
±
0.05
Max.
0.44
L-07C 2.0
±0.1 4.0±0.1 0.6±0.1 1.1±0.1 2.0±0.1
Max.
1.0
L-14C 4.0
±0.1 4.0±0.1 1.0±0.1 1.8±0.1 2.0±0.1
Max.
1.3
Quantity
Type
L-05B
L-07C
L-14C
Quantity/reel
15,000 pcs
10,000 pcs
4,000 pcs
Tape material
Paper
Paper
Paper
Reel Dimensions (Unit: mm)
Leader / Trailer Tape (Unit: mm)
Peel-off Force
Peel-off force should be in the range of 0.1 – 0.6 N at a peel-off speed of 300
±10 mm/min .
Notes
The contents of this data sheet are subject to change without notice. Please confirm the specifications and delivery
conditions when placing your order.
Peeling Direction
Top Cover Tape
Carrier Tape
<10
0
178 ± 2.0
60 ± 0.5
1.2 ± 0.2
9 ± 0.3
11.4 ± 1.0
Label
D:21.8 ± 0.8
D:13.0 ± 0.3
2.0 ± 0.5
Label: Customer’s Name, Johanson P/N, Date
Trailer End
Trailer (80mm min.)
Leader End
Cover Tape Only
60mm min.
Empty Compartments with
Cover Tape (80mm min.)
φ1.5
+0.1/-0.0
A’
0.2 ±
0.05
D
8 ± 0.2
3.5 ± 0.1
1.75 ±
0.1
C
T
A
B
Type
(Units: mm)




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl