Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7820UB Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ADS7820UB
Description  12-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7820UB Datasheet(HTML) 7 Page - Burr-Brown (TI)

Back Button ADS7820UB Datasheet HTML 2Page - Burr-Brown (TI) ADS7820UB Datasheet HTML 3Page - Burr-Brown (TI) ADS7820UB Datasheet HTML 4Page - Burr-Brown (TI) ADS7820UB Datasheet HTML 5Page - Burr-Brown (TI) ADS7820UB Datasheet HTML 6Page - Burr-Brown (TI) ADS7820UB Datasheet HTML 7Page - Burr-Brown (TI) ADS7820UB Datasheet HTML 8Page - Burr-Brown (TI) ADS7820UB Datasheet HTML 9Page - Burr-Brown (TI) ADS7820UB Datasheet HTML 10Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
®
ADS7820
7
READING DATA
The ADS7820 outputs full or byte-reading parallel data in
Straight Binary data output format. The parallel output will
be active when R/C (pin 24) is HIGH and CS (pin 25) is
LOW. Any other combination of CS and R/C will tri-state
the parallel output. Valid conversion data can be read in a
full parallel, 12-bit word or two 8-bit bytes on pins 6-13 and
pins 15-22. BYTE (pin 23) can be toggled to read both bytes
within one conversion cycle. Refer to Table II for ideal
output codes and Figure 2 for bit locations relative to the
state of BYTE.
FIGURE 2. Bit Locations Relative to State of BYTE (pin 23).
PARALLEL OUTPUT (During a Conversion)
After conversion ‘n’ has been initiated, valid data from
conversion ‘n-1’ can be read and will be valid up to 16
µs
after the start of conversion ‘n’. Do not attempt to read data
from 16
µs after the start of conversion ‘n’ until BUSY (pin
26) goes HIGH; this may result in reading invalid data.
Refer to Table III and Figures 3 and 5 for timing specifica-
tions.
Note! For the best possible performance, data should not be
read during a conversion. The switching noise of the asyn-
chronous data transfer can cause digital feedthrough degrad-
ing the converter’s performance.
The number of control lines can be reduced by tieing CS
LOW while using R/C to initiate conversions and activate
the output mode of the converter. See Figure 3.
PARALLEL OUTPUT (After a Conversion)
After conversion ‘n’ is completed and the output registers
have been updated, BUSY (pin 26) will go HIGH. Valid data
from conversion ‘n’ will be available on D11-D0 (pin 6-13
and 15-18 when BYTE is LOW). BUSY going HIGH can be
used to latch the data. Refer to Table III and Figures 3 and
5 for timing specifications.
DIGITAL OUTPUT
STRAIGHT BINARY
DESCRIPTION
ANALOG INPUT
BINARY CODE
HEX CODE
Full Scale Range
0 to +5V
Least Significant
1.22mV
Bit (LSB)
Full Scale
4.99878V
1111 1111 1111
FFF
Midscale
2.5V
1000 0000 0000
800
One LSB below
2.49878V
0111 1111 1111
7FF
Midscale
Zero Scale
0V
0000 0000 0000
0
Table II. Ideal Input Voltages and Output Codes.
SYMBOL
DESCRIPTION
MIN
TYP
MAX UNITS
t1
Convert Pulse Width
40
5400
ns
t2
Data Valid Delay after R/C LOW
8
µs
t3
BUSY Delay from R/C LOW
65
ns
t4
BUSY LOW
8
µs
t5
BUSY Delay after
220
ns
End of Conversion
t6
Aperture Delay
40
ns
t7
Conversion Time
7.6
8
µs
t8
Acquisition Time
2
µs
t9
Bus Relinquish Time
10
35
83
ns
t10
BUSY Delay after Data Valid
50
200
ns
t11
Previous Data Valid
7.4
µs
after R/C LOW
t7 + t6
Throughput Time
9
10
µs
t12
R/C to CS Setup Time
10
ns
t13
Time Between Conversions
10
µs
t14
Bus Access Time
10
83
ns
and BYTE Delay
TABLE III. Conversion Timing.
LOW
LOW
LOW
LOW
Bit 0 (LSB)
Bit 1
Bit 2
Bit 3
Bit 11 (MSB)
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
6
7
8
9
10
11
12
13
14
23
22
21
20
19
18
17
16
15
ADS7820
BYTE LOW
Bit 4
Bit 5
Bit 6
Bit 7
Bit 8
Bit 9
Bit 10
Bit 11
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
LOW
LOW
LOW
LOW
6
7
8
9
10
11
12
13
14
23
22
21
20
19
18
17
16
15
ADS7820
BYTE HIGH
+5V


Similar Part No. - ADS7820UB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7820UB TI1-ADS7820UB Datasheet
200Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7820UB/1K TI1-ADS7820UB/1K Datasheet
200Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
More results

Similar Description - ADS7820UB

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7804 BURR-BROWN-ADS7804 Datasheet
182Kb / 10P
   12-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7808 BURR-BROWN-ADS7808 Datasheet
251Kb / 10P
   12-Bit 10ms Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
ADS7821 BURR-BROWN-ADS7821 Datasheet
280Kb / 10P
   16-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7805 BURR-BROWN-ADS7805 Datasheet
135Kb / 12P
   16-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7809 BURR-BROWN-ADS7809 Datasheet
248Kb / 10P
   16-Bit 10ms Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
ADS7819 BURR-BROWN-ADS7819 Datasheet
317Kb / 11P
   12-Bit 800kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7831 BURR-BROWN-ADS7831 Datasheet
313Kb / 10P
   12-Bit 600kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7810 BURR-BROWN-ADS7810 Datasheet
208Kb / 11P
   12-Bit 800kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS8504 BURR-BROWN-ADS8504 Datasheet
379Kb / 19P
   12-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7806 TI1-ADS7806 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power 12-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com