Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATTINY87-A15XZ Datasheet(PDF) 7 Page - ATMEL Corporation

Part # ATTINY87-A15XZ
Description  Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
Download  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY87-A15XZ Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button ATTINY87-A15XZ Datasheet HTML 3Page - ATMEL Corporation ATTINY87-A15XZ Datasheet HTML 4Page - ATMEL Corporation ATTINY87-A15XZ Datasheet HTML 5Page - ATMEL Corporation ATTINY87-A15XZ Datasheet HTML 6Page - ATMEL Corporation ATTINY87-A15XZ Datasheet HTML 7Page - ATMEL Corporation ATTINY87-A15XZ Datasheet HTML 8Page - ATMEL Corporation ATTINY87-A15XZ Datasheet HTML 9Page - ATMEL Corporation ATTINY87-A15XZ Datasheet HTML 10Page - ATMEL Corporation ATTINY87-A15XZ Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 283 page
background image
7
7728G–AVR–06/10
ATtiny87/ATtiny167
2.
AVR CPU Core
2.1
Overview
This section discusses the AVR core architecture in general. The main function of the CPU
core is to ensure correct program execution. The CPU must therefore be able to access mem-
ories, perform calculations, control peripherals, and handle interrupts.
Figure 2-1.
Block Diagram of the AVR Architecture
In order to maximize performance and parallelism, the AVR uses a Harvard architecture – with
separate memories and buses for program and data. Instructions in the Program memory are
executed with a single level pipelining. While one instruction is being executed, the next
instruction is pre-fetched from the Program memory. This concept enables instructions to be
executed in every clock cycle. The Program memory is In-System Reprogrammable Flash
memory. The fast-access Register File contains 32 x 8-bit general purpose working registers
with a single clock cycle access time. This allows single-cycle Arithmetic Logic Unit (ALU)
operation. In a typical ALU operation, two operands are output from the Register File, the
operation is executed, and the result is stored back in the Register File – in one clock cycle.
Flash
Program
Memory
Instruction
Register
Instruction
Decoder
Program
Counter
Control Lines
32 x 8
General
Purpose
Registrers
ALU
Status
and Control
EEPROM
Data Bus 8-bit
I/O Lines
Data
SRAM
I/O Module 2
Analog
Comparator
I/O Module1
Watchdog
Timer
I/O Module n
Interrupt
Unit
A.D.C.


Similar Part No. - ATTINY87-A15XZ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATtiny87-15MD ATMEL-ATtiny87-15MD Datasheet
270Kb / 10P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATtiny87-15MZ ATMEL-ATtiny87-15MZ Datasheet
4Mb / 282P
   8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
ATtiny87-15SZ ATMEL-ATtiny87-15SZ Datasheet
4Mb / 282P
   8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
ATtiny87-15XD ATMEL-ATtiny87-15XD Datasheet
270Kb / 10P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATtiny87-15XZ ATMEL-ATtiny87-15XZ Datasheet
4Mb / 282P
   8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
More results

Similar Description - ATTINY87-A15XZ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY87 ATMEL-ATTINY87 Datasheet
4Mb / 282P
   8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
ATTINY87 ATMEL-ATTINY87_10 Datasheet
5Mb / 292P
   8-bit AVR Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
ATTINY167 ATMEL-ATTINY167 Datasheet
73Kb / 5P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash and LIN Controller
ATMEGA8HVA ATMEL-ATMEGA8HVA Datasheet
332Kb / 22P
   8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash
ATMEGA169P ATMEL-ATMEGA169P Datasheet
3Mb / 390P
   Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA48 ATMEL-ATMEGA48_10 Datasheet
1Mb / 19P
   Microcontroller with 8K Bytes In-System Programmable Flash
ATTINY88-MMU ATMEL-ATTINY88-MMU Datasheet
937Kb / 26P
   Microcontroller with 4/8K Bytes In-System Programmable Flash
ATTINY88-MU ATMEL-ATTINY88-MU Datasheet
728Kb / 23P
   Microcontroller with 4/8K Bytes In-System Programmable Flash
ATMEGA16A ATMEL-ATMEGA16A Datasheet
426Kb / 19P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165V_091 ATMEL-ATMEGA165V_091 Datasheet
342Kb / 19P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com