Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UN2E8-250M Datasheet(PDF) 5 Page - Socay Electornics Co., Ltd.

Part # UN2E8-250M
Description  2-Electrode Gas Discharge Tube (GDT)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

UN2E8-250M Datasheet(HTML) 5 Page - Socay Electornics Co., Ltd.

  UN2E8-250M Datasheet HTML 1Page - Socay Electornics Co., Ltd. UN2E8-250M Datasheet HTML 2Page - Socay Electornics Co., Ltd. UN2E8-250M Datasheet HTML 3Page - Socay Electornics Co., Ltd. UN2E8-250M Datasheet HTML 4Page - Socay Electornics Co., Ltd. UN2E8-250M Datasheet HTML 5Page - Socay Electornics Co., Ltd. UN2E8-250M Datasheet HTML 6Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2-Electrode Gas Discharge Tube (GDT)
Revision October 18, 2013
5 / 6
@SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
UN2E8 Series
SOCAY Electronics Co., Ltd.
www.socay.com
Part Number
Description
Quantity
UN2E8-XXXM / UN2E8XXXH
100PCS per Tray, 10 Trays / Inner Carton
1000
UN2E8-XXXML / UN2E8XXXHL
100PCS per Tray, 10 Trays / Inner Carton
1000
100PCS per Tray, 10 Trays / Inner Carton
1000
UN2E8-XXXMSMD / UN2E8XXXHSMD
Tape & Reel -16mm tape/13
″Reel
500
Tray used in UN2E8-XXXML / UN2E8-XXXHL
Tray used in UN2E8-XXXM / UN2E8-XXXH /
UN2E8-XXXSMD
Part Numbering
UN 2E8
– XXX M L
No,
without wire
L,
with axial wire
SMD,
Surface Mount
8/20
μs Level
M, 10KA
H, 20KA
Nominal DC Spark-over Voltage
75 = 75V
350=350V
90 = 90V
470=470V
150 = 150V
600=600V
230 = 230V
800=800V
Series
Packaging Information
Unit: mm


Similar Part No. - UN2E8-250M

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
UN2E8-250M SOCAY-UN2E8-250M Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
logo
UN Semiconducctor INC
UN2E8-250M UNSEMI-UN2E8-250M Datasheet
3Mb / 8P
   Single Gas Discharge Tube
Revision March 1,2022
logo
Socay Electornics Co., ...
UN2E8-250M SOCAY-UN2E8-250M Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
Revision October 18, 2013
UN2E8-250ML SOCAY-UN2E8-250ML Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
logo
UN Semiconducctor INC
UN2E8-250ML UNSEMI-UN2E8-250ML Datasheet
3Mb / 8P
   Single Gas Discharge Tube
Revision March 1,2022
More results

Similar Description - UN2E8-250M

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
UN2E8-420ML SOCAY-UN2E8-420ML Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-470HSMD SOCAY-UN2E8-470HSMD Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-75HSMD SOCAY-UN2E8-75HSMD Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-90HSMD SOCAY-UN2E8-90HSMD Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-150HSMD SOCAY-UN2E8-150HSMD Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-250M SOCAY-UN2E8-250M Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-350H SOCAY-UN2E8-350H Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-350MSMD SOCAY-UN2E8-350MSMD Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-420HSMD SOCAY-UN2E8-420HSMD Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-600HL SOCAY-UN2E8-600HL Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-75HL SOCAY-UN2E8-75HL Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com