Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UN2E8-230H Datasheet(PDF) 4 Page - Socay Electornics Co., Ltd.

Part # UN2E8-230H
Description  2-Electrode Gas Discharge Tube (GDT)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

UN2E8-230H Datasheet(HTML) 4 Page - Socay Electornics Co., Ltd.

  UN2E8-230H Datasheet HTML 1Page - Socay Electornics Co., Ltd. UN2E8-230H Datasheet HTML 2Page - Socay Electornics Co., Ltd. UN2E8-230H Datasheet HTML 3Page - Socay Electornics Co., Ltd. UN2E8-230H Datasheet HTML 4Page - Socay Electornics Co., Ltd. UN2E8-230H Datasheet HTML 5Page - Socay Electornics Co., Ltd. UN2E8-230H Datasheet HTML 6Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2-Electrode Gas Discharge Tube (GDT)
Revision October 18, 2013
4 / 6
@SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
UN2E8 Series
SOCAY Electronics Co., Ltd.
www.socay.com
Item
Test Condition / Description
Requirement
DC Spark-over Voltage
The voltage is measured with a slowly rate of rise dv / dt=100V/s
Impulse Spark-over
Voltage
The maximum impulse spark-over voltage is measured with a rise time of
dv / dt=100V//
μs or 1KV/μs
Insulation Resistance
The resistance of gas tube shall be measured each terminal each other terminal,
please see above spec.
Capacitance
The capacitance of gas tube shall be measured each terminal to each other
terminal.
Test frequency :1MHz
Nominal Impulse
Discharge Current
The maximum current applying a waveform of 8/20
μs that can be applied across
the terminals of the gas tube. One hour after the test is completed, re-testing of the
DC spark-over voltage does not exceed
±30% of the nominal DC spark-over
voltage. Dwell time between pulses is 3 minutes.
Nominal Alternating
Discharge Current
Rated RMS value of AC current at 50Hz, 1 sec. 10 times. Intervals: 3min. The DC
spark-over voltage does not exceed
±30% of the nominal DC spark-over voltage.
IR > 10
8ohms.
To meet
the specified
value
Solder Iron Temperature: 350
°C +/-5°C
Heating Time:
5 seconds max.
Electrical Rating
Recommended soldering profile
Wave soldering
Soldering profile applied a single process
Reflow soldering
Soldering Parameters - Hand Soldering


Similar Part No. - UN2E8-230H

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
UN2E8-230H SOCAY-UN2E8-230H Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-230H SOCAY-UN2E8-230H Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
logo
UN Semiconducctor INC
UN2E8-230H UNSEMI-UN2E8-230H Datasheet
3Mb / 8P
   Single Gas Discharge Tube
Revision March 1,2022
logo
Socay Electornics Co., ...
UN2E8-230H SOCAY-UN2E8-230H Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
Revision October 18, 2013
UN2E8-230HL SOCAY-UN2E8-230HL Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
More results

Similar Description - UN2E8-230H

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
UN2E8-420ML SOCAY-UN2E8-420ML Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-470HSMD SOCAY-UN2E8-470HSMD Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-75HSMD SOCAY-UN2E8-75HSMD Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-90HSMD SOCAY-UN2E8-90HSMD Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-150HSMD SOCAY-UN2E8-150HSMD Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-250M SOCAY-UN2E8-250M Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-350H SOCAY-UN2E8-350H Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-350MSMD SOCAY-UN2E8-350MSMD Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-420HSMD SOCAY-UN2E8-420HSMD Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-600HL SOCAY-UN2E8-600HL Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-75HL SOCAY-UN2E8-75HL Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com