Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7862 Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS7862
Description  Dual 500kHz, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7862 Datasheet(HTML) 3 Page - Burr-Brown (TI)

  ADS7862 Datasheet HTML 1Page - Burr-Brown (TI) ADS7862 Datasheet HTML 2Page - Burr-Brown (TI) ADS7862 Datasheet HTML 3Page - Burr-Brown (TI) ADS7862 Datasheet HTML 4Page - Burr-Brown (TI) ADS7862 Datasheet HTML 5Page - Burr-Brown (TI) ADS7862 Datasheet HTML 6Page - Burr-Brown (TI) ADS7862 Datasheet HTML 7Page - Burr-Brown (TI) ADS7862 Datasheet HTML 8Page - Burr-Brown (TI) ADS7862 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
ADS7862
®
PIN
NAME
DESCRIPTION
1
REFIN
Reference Input
2
REFOUT
+2.5V Reference Output. Connect directly to REFIN
(pin 1) when using internal reference.
3
AGND
Analog Ground
4+VA
Analog Power Supply, +5VDC. Connect directly to
digital power supply (pin 24). Decouple to analog
ground with a 0.1
µF ceramic capacitor and a 10µF
tantalum capacitor.
5
DB11
Data Bit 11, MSB
6
DB10
Data Bit 10
7
DB9
Data Bit 9
8
DB8
Data Bit 8
9
DB7
Data Bit 7
10
DB6
Data Bit 6
11
DB5
Data Bit 5
12
DB4
Data Bit 4
13
DB3
Data Bit 3
14
DB2
Data Bit 2
15
DB1
Data Bit 1
16
DB0
Data Bit 0, LSB
17
BUSY
HIGH when a conversion is in progress.
18
CONVST
Convert Start
19
CLOCK
An external CMOS-compatible clock can be applied to
the CLOCK input to synchronize the conversion pro-
cess to an external source. The CLOCK pin controls
the sampling rate by the equation: CLOCK 16 • fSAMPLE.
20
CS
Chip Select
21
RD
Synchronization pulse for the parallel output. During a
Read operation, the first falling edge selects the A
register and the second edge selects the B register,
A0, then controls whether input 0 or input 1 is read.
22
A0
On the falling edge of Convert Start, when A0 is LOW
Channel A0 and Channel B0 are converted and when
it is HIGH, Channel A1 and Channel B1 are converted.
During a Read operation, the first falling edge selects
the A register and the second edge selects the B of RD
register, A0, then controls whether input 0 or input 1 is
read.
23
DGND
Digital Ground. Connect directly to analog ground (pin 3).
24
+VD
Digital Power Supply, +5VDC
25
CH B1+
Non-Inverting Input Channel B1
26
CH B1–
Inverting Input Channel B1
27
CH B0+
Non-Inverting Input Channel B0
28
CH B0–
Inverting Input Channel B0
29
CH A1–
Inverting Input Channel A1
30
CH A1+
Non-Inverting Input Channel A1
31
CH A0–
Inverting Input Channel A0
32
CH A0+
Non-Inverting Input Channel A0
PIN CONFIGURATION
Top View
PIN DESCRIPTIONS
ABSOLUTE MAXIMUM RATINGS
Analog Inputs to AGND: Any Channel Input ........ –0.3V to (+VD + 0.3V)
REFIN ............................. –0.3V to (+VD + 0.3V)
Digital Inputs to DGND .......................................... –0.3V to (+VD + 0.3V)
Ground Voltage Differences: AGND, DGND ...................................
±0.3V
+VD to AGND ......................... –0.3V to +6V
Power Dissipation .......................................................................... 325mW
Maximum Junction Temperature ................................................... +150
°C
Operating Temperature Range ........................................ –40
°C to +85°C
Storage Temperature Range ......................................... –65
°C to +150°C
Lead Temperature (soldering, 10s) ............................................... +300
°C
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and
installation procedures can cause damage.
ESD damage can range from subtle performance degradation to
complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric
changes could cause the device not to meet its published specifi-
cations.
REF
IN
REF
OUT
AGND
+V
A
DB11
DB10
DB9
DB8
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
+V
D
DGND
A0
RD
CS
CLOCK
CONVST
BUSY
9
101112131415
16
32
31
30
29
28
ADS7862
27
26
25


Similar Part No. - ADS7862

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7862 TI1-ADS7862 Datasheet
932Kb / 21P
[Old version datasheet]   Dual 500kHz, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7862Y TI1-ADS7862Y Datasheet
706Kb / 20P
[Old version datasheet]   Dual 500kHz, 12-Bit, 2 2 Channel Simultaneous Sampling
ADS7862Y/250 TI1-ADS7862Y/250 Datasheet
706Kb / 20P
[Old version datasheet]   Dual 500kHz, 12-Bit, 2 2 Channel Simultaneous Sampling
ADS7862Y/250G4 TI1-ADS7862Y/250G4 Datasheet
706Kb / 20P
[Old version datasheet]   Dual 500kHz, 12-Bit, 2 2 Channel Simultaneous Sampling
ADS7862Y/2K TI1-ADS7862Y/2K Datasheet
706Kb / 20P
[Old version datasheet]   Dual 500kHz, 12-Bit, 2 2 Channel Simultaneous Sampling
More results

Similar Description - ADS7862

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7861 BURR-BROWN-ADS7861 Datasheet
226Kb / 15P
   Dual, 500kHz, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7862 TI1-ADS7862_14 Datasheet
932Kb / 21P
[Old version datasheet]   Dual 500kHz, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7862Y TI1-ADS7862Y Datasheet
706Kb / 20P
[Old version datasheet]   Dual 500kHz, 12-Bit, 2 2 Channel Simultaneous Sampling
ADS7861 TI1-ADS7861_14 Datasheet
1Mb / 33P
[Old version datasheet]   Dual, 500kSPS, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7861 TI1-ADS7861_16 Datasheet
1Mb / 32P
[Old version datasheet]   Dual, 500kSPS, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7863 BURR-BROWN-ADS7863 Datasheet
663Kb / 30P
   Dual, 1.5MSPS, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7864 TI1-ADS7864 Datasheet
994Kb / 27P
[Old version datasheet]   500kHz, 12-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7864 BURR-BROWN-ADS7864 Datasheet
183Kb / 16P
   500kHz, 12-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7864 TI1-ADS7864_14 Datasheet
995Kb / 28P
[Old version datasheet]   500kHz, 12-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7865 TI-ADS7865 Datasheet
694Kb / 30P
[Old version datasheet]   Dual, 12-Bit, 33 or 22 Channel, Simultaneous Sampling Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com