Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7862 Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS7862
Description  Dual 500kHz, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7862 Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button ADS7862 Datasheet HTML 2Page - Burr-Brown (TI) ADS7862 Datasheet HTML 3Page - Burr-Brown (TI) ADS7862 Datasheet HTML 4Page - Burr-Brown (TI) ADS7862 Datasheet HTML 5Page - Burr-Brown (TI) ADS7862 Datasheet HTML 6Page - Burr-Brown (TI) ADS7862 Datasheet HTML 7Page - Burr-Brown (TI) ADS7862 Datasheet HTML 8Page - Burr-Brown (TI) ADS7862 Datasheet HTML 9Page - Burr-Brown (TI) ADS7862 Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
ADS7862
®
INTEGRAL LINEARITY ERROR vs CODE
Hex BTC Code
1
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1
800
000
7FF
Typical of All Four Channels
TYPICAL PERFORMANCE CURVES (Cont.)
At TA = +25°C, +VA = +VD = +5V, VREF = internal +2.5V and fCLK = 8MHz, fSAMPLE = 500kHz, unless otherwise noted.
CHANGE IN NEGATIVE GAIN MATCH
vs TEMPERATURE
(Maximum Deviation for All Four Channels)
Temperature (
°C)
0.2
0.18
0.16
0.14
0.12
0.1
0.08
0.06
0.04
0.02
0
–40
25
85
150
CHANGE IN REFERENCE VOLTAGE
vs TEMPERATURE
Temperature (
°C)
2.51
2.505
2.5
2.495
2.49
2.485
–40
25
85
150
CHANGE IN BIPOLAR ZERO
vs TEMPERATURE
Temperature (
°C)
0.75
0.5
0.25
0
–0.25
–0.5
–0.75
–40
25
A Channel
B Channel
85
150
CHANGE IN BPZ MATCH vs TEMPERATURE
Temperature (
°C)
1
0.75
0.5
0.25
0
–40
25
85
150
CHANGE IN CMRR vs TEMPERATURE
Temperature (
°C)
86
85
84
83
82
81
80
79
78
–40
–5
25
55
85


Similar Part No. - ADS7862

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7862 TI1-ADS7862 Datasheet
932Kb / 21P
[Old version datasheet]   Dual 500kHz, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7862Y TI1-ADS7862Y Datasheet
706Kb / 20P
[Old version datasheet]   Dual 500kHz, 12-Bit, 2 2 Channel Simultaneous Sampling
ADS7862Y/250 TI1-ADS7862Y/250 Datasheet
706Kb / 20P
[Old version datasheet]   Dual 500kHz, 12-Bit, 2 2 Channel Simultaneous Sampling
ADS7862Y/250G4 TI1-ADS7862Y/250G4 Datasheet
706Kb / 20P
[Old version datasheet]   Dual 500kHz, 12-Bit, 2 2 Channel Simultaneous Sampling
ADS7862Y/2K TI1-ADS7862Y/2K Datasheet
706Kb / 20P
[Old version datasheet]   Dual 500kHz, 12-Bit, 2 2 Channel Simultaneous Sampling
More results

Similar Description - ADS7862

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7861 BURR-BROWN-ADS7861 Datasheet
226Kb / 15P
   Dual, 500kHz, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7862 TI1-ADS7862_14 Datasheet
932Kb / 21P
[Old version datasheet]   Dual 500kHz, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7862Y TI1-ADS7862Y Datasheet
706Kb / 20P
[Old version datasheet]   Dual 500kHz, 12-Bit, 2 2 Channel Simultaneous Sampling
ADS7861 TI1-ADS7861_14 Datasheet
1Mb / 33P
[Old version datasheet]   Dual, 500kSPS, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7861 TI1-ADS7861_16 Datasheet
1Mb / 32P
[Old version datasheet]   Dual, 500kSPS, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7863 BURR-BROWN-ADS7863 Datasheet
663Kb / 30P
   Dual, 1.5MSPS, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7864 TI1-ADS7864 Datasheet
994Kb / 27P
[Old version datasheet]   500kHz, 12-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7864 BURR-BROWN-ADS7864 Datasheet
183Kb / 16P
   500kHz, 12-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7864 TI1-ADS7864_14 Datasheet
995Kb / 28P
[Old version datasheet]   500kHz, 12-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7865 TI-ADS7865 Datasheet
694Kb / 30P
[Old version datasheet]   Dual, 12-Bit, 33 or 22 Channel, Simultaneous Sampling Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com