Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UN2K8-600SMD-1 Datasheet(PDF) 5 Page - Socay Electornics Co., Ltd.

Part # UN2K8-600SMD-1
Description  Switching Spark Gap
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

UN2K8-600SMD-1 Datasheet(HTML) 5 Page - Socay Electornics Co., Ltd.

  UN2K8-600SMD-1 Datasheet HTML 1Page - Socay Electornics Co., Ltd. UN2K8-600SMD-1 Datasheet HTML 2Page - Socay Electornics Co., Ltd. UN2K8-600SMD-1 Datasheet HTML 3Page - Socay Electornics Co., Ltd. UN2K8-600SMD-1 Datasheet HTML 4Page - Socay Electornics Co., Ltd. UN2K8-600SMD-1 Datasheet HTML 5Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Switching Spark Gap
Revision October 18, 2013
5 / 5
@SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
UN2K8 Series
SOCAY Electronics Co., Ltd.
www.socay.com
Part Number
Description
Quantity
UN2K8-XXXL
100PCS per Tray, 10 Trays / Inner Carton
1000
UN2K8-XXX
100PCS per Tray, 10 Trays / Inner Carton
1000
100PCS per Tray, 10 Trays / Inner Carton
1000
UN2K8-XXXSMD
Tape & Reel -16mm tape/13
″Reel
500
Tray used in UN2K8-XXXL
Tray used in UN2K8-XXX / UN2K8-XXXSMD
Tape
Used in UN2K8-XXXSMD
Reel
u
Switching spark gaps may be used only within their specified values.
u
Damaged switching spark gaps must not be re-used.
Packaging Information
Unit: mm
Cautions and warnings


Similar Part No. - UN2K8-600SMD-1

ManufacturerPart #DatasheetDescription
logo
UN Semiconducctor INC
UN2K8-600SMD-1 UNSEMI-UN2K8-600SMD-1 Datasheet
3Mb / 7P
   Switching Spark Gap
Revision March 1,2022
More results

Similar Description - UN2K8-600SMD-1

ManufacturerPart #DatasheetDescription
logo
EPCOS
B88069X0870T502 EPCOS-B88069X0870T502 Datasheet
84Kb / 2P
   Switching Spark Gap
B88069X0410T502 EPCOS-B88069X0410T502 Datasheet
92Kb / 2P
   Switching Spark Gap
B88069X0260S102 EPCOS-B88069X0260S102 Datasheet
90Kb / 2P
   Switching Spark Gap
B88069X5980T502 EPCOS-B88069X5980T502 Datasheet
95Kb / 5P
   Switching spark gap
logo
Socay Electornics Co., ...
UN2K8-350SMD SOCAY-UN2K8-350SMD Datasheet
359Kb / 5P
   Switching Spark Gap
UN2K8-350SMD-2 SOCAY-UN2K8-350SMD-2 Datasheet
359Kb / 5P
   Switching Spark Gap
UN2K8-400SMD SOCAY-UN2K8-400SMD Datasheet
364Kb / 5P
   Switching Spark Gap
UN2K8-600SMD SOCAY-UN2K8-600SMD Datasheet
363Kb / 5P
   Switching Spark Gap
UN2K8-350-1 SOCAY-UN2K8-350-1 Datasheet
359Kb / 5P
   Switching Spark Gap
UN2K8-500 SOCAY-UN2K8-500 Datasheet
359Kb / 5P
   Switching Spark Gap
logo
TDK Electronics
B88069X3440S102 TDK-B88069X3440S102 Datasheet
168Kb / 5P
   Switching spark gap
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com