Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UN2E8-1600L Datasheet(PDF) 1 Page - Socay Electornics Co., Ltd.

Part # UN2E8-1600L
Description  High Voltage 2-Electrode Gas Discharge Tube (GDT)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

UN2E8-1600L Datasheet(HTML) 1 Page - Socay Electornics Co., Ltd.

  UN2E8-1600L Datasheet HTML 1Page - Socay Electornics Co., Ltd. UN2E8-1600L Datasheet HTML 2Page - Socay Electornics Co., Ltd. UN2E8-1600L Datasheet HTML 3Page - Socay Electornics Co., Ltd. UN2E8-1600L Datasheet HTML 4Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
High Voltage 2-Electrode Gas Discharge Tube (GDT)
Revision October 18, 2013
1 / 4
@SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
UN2E8 / UN2H8 Series
SOCAY Electronics Co., Ltd.
www.socay.com
UN2E8-XXXLL
UN2E8-XXXL
UN2H8-XXXLL
UN2H8-XXXL
The high voltage (1.0 - 6.0KV) gas discharge tubes are designed
for surge protection and high isolation applications, and for
applications for which bias voltages or signal levels of several
hundred volts are normally present.
u
Non-Radioactive
u
RoHS compliant
u
Low insertion loss
u
Excellent response to fast rising transients
u
Ultra low capacitance
u
5KA surge capability tested with 8/20
μs
pulse as de
fined by IEC 61000-4-5
Materials
Nickel-plated with Tinplated wires
Product
Marking
UNION XXXXL
XXXX
-Nominal voltage
L
-5KA
Glow to Arc
Transition
Current
< 0.5 Amps
Glow Voltage
~180 Volts
Storage and
Operational
Temperature
-40 to +90
°C
UN2E8-XXXLL
~1.5g
UN2E8-XXXL
~1.35g
UN2H8-XXXLL
~1.6g
u
CRT terminals
u
CATV equipment
u
Antennas
u
Power supplies
u
Medical electronics
Weight
UN2H8-XXXL
~1.45g
Agency Approvals
Features
Schematic Symbol
Applications
Product Characteristics
Description


Similar Part No. - UN2E8-1600L

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
UN2E8-1600L SOCAY-UN2E8-1600L Datasheet
416Kb / 4P
   High Voltage 2-Electrode Gas Discharge Tube (GDT)
logo
UN Semiconducctor INC
UN2E8-1600L UNSEMI-UN2E8-1600L Datasheet
3Mb / 7P
   High Voltage Single Gas Discharge Tube
Revision March 1,2022
logo
Socay Electornics Co., ...
UN2E8-1600LL SOCAY-UN2E8-1600LL Datasheet
416Kb / 4P
   High Voltage 2-Electrode Gas Discharge Tube (GDT)
logo
UN Semiconducctor INC
UN2E8-1600LL UNSEMI-UN2E8-1600LL Datasheet
3Mb / 7P
   High Voltage Single Gas Discharge Tube
Revision March 1,2022
More results

Similar Description - UN2E8-1600L

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
UN2E8-6000LL SOCAY-UN2E8-6000LL Datasheet
418Kb / 4P
   High Voltage 2-Electrode Gas Discharge Tube (GDT)
UN2E8-1000LL SOCAY-UN2E8-1000LL Datasheet
416Kb / 4P
   High Voltage 2-Electrode Gas Discharge Tube (GDT)
UN2E5-1000D SOCAY-UN2E5-1000D Datasheet
377Kb / 4P
   High Voltage 2-Electrode Gas Discharge Tube (GDT)
SC2E5 SOCAY-SC2E5_V01 Datasheet
1Mb / 4P
   High Voltage 2-Electrode Gas Discharge Tube (GDT)
SC2H8 SOCAY-SC2H8 Datasheet
2Mb / 5P
   High Voltage 2-Electrode Gas Discharge Tube (GDT)
UN2E8-1000L SOCAY-UN2E8-1000L Datasheet
418Kb / 4P
   High Voltage 2-Electrode Gas Discharge Tube (GDT)
UN2E8-420ML SOCAY-UN2E8-420ML Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-470HSMD SOCAY-UN2E8-470HSMD Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-75HSMD SOCAY-UN2E8-75HSMD Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-90HSMD SOCAY-UN2E8-90HSMD Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com