Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS801U Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS801U
Description  12-Bit, 25MHz Sampling ANALOG-TO-DIGITAL CONVERTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS801U Datasheet(HTML) 7 Page - Burr-Brown (TI)

Back Button ADS801U Datasheet HTML 3Page - Burr-Brown (TI) ADS801U Datasheet HTML 4Page - Burr-Brown (TI) ADS801U Datasheet HTML 5Page - Burr-Brown (TI) ADS801U Datasheet HTML 6Page - Burr-Brown (TI) ADS801U Datasheet HTML 7Page - Burr-Brown (TI) ADS801U Datasheet HTML 8Page - Burr-Brown (TI) ADS801U Datasheet HTML 9Page - Burr-Brown (TI) ADS801U Datasheet HTML 10Page - Burr-Brown (TI) ADS801U Datasheet HTML 11Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
®
ADS801
POWER DISSIPATION vs TEMPERATURE
Ambient Temperature (°C)
265
260
255
250
245
–50
–25
0
25
50
75
100
SIGNAL-TO-(NOISE + DISTORTION)
vs TEMPERATURE
Ambient Temperature (°C)
70
65
60
55
50
45
–50
–25
0
25
50
75
100
f
IN = 500kHz
f
IN = 10MHz
DIFFERENTIAL LINEARITY ERROR vs TEMPERATURE
Ambient Temperature (°C)
0.5
0.4
0.3
0.2
0.1
–50
–25
0
25
50
75
100
f
IN = 10MHz
f
IN = 500kHz
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, VS = +5V, Sampling Rate = 25MHz, with a 50% duty cycle clock having a 2ns rise/fall time, unless otherwise noted.
SPURIOUS FREE DYNAMIC RANGE (SFDR)
vs TEMPERATURE
Ambient Temperature (°C)
80
75
70
65
60
55
–50
–25
0
25
50
75
100
f
IN = 500kHz
f
IN = 10MHz
SIGNAL-TO-NOISE RATIO vs TEMPERATURE
Ambient Temperature (°C)
70
68
66
64
62
–50
–25
0
25
50
75
100
f
IN = 500kHz
f
IN = 10MHz
SUPPLY CURRENT vs TEMPERATURE
Ambient Temperature (°C)
52
51
50
49
–50
–25
0
25
50
75
100


Similar Part No. - ADS801U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS801U TI1-ADS801U Datasheet
390Kb / 19P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS801UG4 TI1-ADS801UG4 Datasheet
390Kb / 19P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS801U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ISO808 BURR-BROWN-ISO808 Datasheet
171Kb / 7P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 BURR-BROWN-ADS803 Datasheet
255Kb / 12P
   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ISO806 BURR-BROWN-ISO806 Datasheet
147Kb / 12P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS805 TI1-ADS805 Datasheet
866Kb / 20P
[Old version datasheet]   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 TI1-ADS803_14 Datasheet
799Kb / 18P
[Old version datasheet]   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS800 TI1-ADS800 Datasheet
958Kb / 23P
[Old version datasheet]   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS804 TI1-ADS804_14 Datasheet
809Kb / 18P
[Old version datasheet]   12-Bit, 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7800 BURR-BROWN-ADS7800 Datasheet
122Kb / 12P
   12-Bit 3ms Sampling ANALOG-TO-DIGITAL CONVERTER
ADS804 BURR-BROWN-ADS804 Datasheet
260Kb / 12P
   12-Bit, 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS805 BURR-BROWN-ADS805 Datasheet
260Kb / 12P
   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com