Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS805U Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ADS805U
Description  12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS805U Datasheet(HTML) 2 Page - Burr-Brown (TI)

  ADS805U Datasheet HTML 1Page - Burr-Brown (TI) ADS805U Datasheet HTML 2Page - Burr-Brown (TI) ADS805U Datasheet HTML 3Page - Burr-Brown (TI) ADS805U Datasheet HTML 4Page - Burr-Brown (TI) ADS805U Datasheet HTML 5Page - Burr-Brown (TI) ADS805U Datasheet HTML 6Page - Burr-Brown (TI) ADS805U Datasheet HTML 7Page - Burr-Brown (TI) ADS805U Datasheet HTML 8Page - Burr-Brown (TI) ADS805U Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
®
ADS805
SPECIFICATIONS
At TA = full specified temperature range, VS = +5V, specified input range = 1.5V to 3.5V, single-ended input and sampling rate = 20MHz, unless otherwise specified.
ADS805U
ADS805E
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
RESOLUTION
12 Bits Guaranteed
T(1)
Bits
SPECIFIED TEMPERATURE RANGE
–40 to +85
–40 to +85
°C
CONVERSION CHARACTERISTICS
Sample Rate
10k
20M
TT
Samples/s
Data Latency
6
T
Clk Cycles
ANALOG INPUT
Standard Single-Ended Input Range
1.5
3.5
TT
V
Optional Single-Ended Input Range
0
5
TT
V
Standard Common-Mode Voltage
2.5
T
V
Standard Optional Common-Mode Voltage
1
T
V
Input Capacitance
20
T
pF
Track-Mode Input Bandwidth
–3dBFS Input
270
T
MHz
DYNAMIC CHARACTERISTICS
Differential Linearity Error (Largest Code Error)
f = 500kHz
±0.25
±0.75
TT
LSB
No Missing Codes
Guaranteed
Guaranteed
Spurious Free Dynamic Range(2)
f = 9.8MHz
65
74
TT
dBFS
Two-Tone Intermodulation Distortion(4)
f = 7.7MHz and 7.9MHz (–7dB each tone)
–70
T
dBc
Signal-to-Noise Ratio (SNR)
f = 9.8MHz
63
68
TT
dBFS
Signal-to-(Noise + Distortion) (SINAD)
f = 9.8MHz
62
66
TT
dBFS
Effective Number of Bits at 9.8MHz(5)
10.7
T
Bits
Input Referred Noise
0V to 5V Input
0.09
T
LSBs rms
1.5V to 3.5V Input
0.23
T
LSBs rms
Integral Nonlinearity Error
f = 500kHz
±1
±2
TT
LSB
Aperture Delay Time
3
T
ns
Aperture Jitter
4
T
ps rms
Overvoltage Recovery Time
1.5X FS Input
2
T
ns
Full-Scale Step Acquisition Time
20
20
ns
DIGITAL INPUTS
Logic Family
Convert Command
Start Conversion
High Level Input Current (VIN = 5V)(6)
±100
T
µA
Low Level Input Current (VIN = 0V)
10
T
µA
High Level Input Voltage
+3.5
T
V
Low Level Input Voltage
+1.0
T
V
Input Capacitance
5
T
pF
DIGITAL OUTPUTS
Logic Family
Logic Coding
Low Output Voltage
(IOL = 50µA)
0.1
T
V
Low Output Voltage
(IOL = 1.6mA)
0.4
T
V
High Output Voltage
(IOH = 50µA)
+4.5
T
V
High Output Voltage
(IOH = 0.5mA)
+2.4
T
V
3-State Enable Time
OE = L
20
40
TT
ns
3-State Disable Time
OE = H
2
10
TT
ns
Output Capacitance
5
T
pF
ACCURACY (5Vp-p Input Range)
Zero Error (Referred to –FS)
At 25
°C
0.3
±1.5
TT
%FS
Zero Error Drift (Referred to –FS)
±5
T
ppm/
°C
Gain Error(7)
At 25
°C
0.7
±2.0
T
%FS
Gain Error Drift(7)
±18
T
ppm/
°C
Gain Error(8)
At 25
°C
0.2
±1.5
T
%FS
Gain Error Drift(8)
±10
T
ppm/
°C
Power Supply Rejection of Gain
∆ V
S = ±5%
60
70
TT
dB
Reference Input Resistance
1.6
T
k
Internal Voltage Reference Tolerance (VREF = 2.5V)
At 25
°C
±35
T
mV
Internal Voltage Reference Tolerance (VREF = 1.0V)
At 25
°C
±14
T
mV
CMOS/TTL Compatible
Straight Offset Binary
CMOS/TTL Compatible
Straight Offset Binary
CMOS Compatible
Rising Edge of Convert Clock
CMOS Compatible
Rising Edge of Convert Clock


Similar Part No. - ADS805U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS805U TI1-ADS805U Datasheet
866Kb / 20P
[Old version datasheet]   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS805U TI1-ADS805U Datasheet
868Kb / 19P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS805U/1K TI1-ADS805U/1K Datasheet
868Kb / 19P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS805U1K TI1-ADS805U1K Datasheet
866Kb / 20P
[Old version datasheet]   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS805U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS805 TI1-ADS805 Datasheet
866Kb / 20P
[Old version datasheet]   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820 Datasheet
418Kb / 21P
[Old version datasheet]   10-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS820 BURR-BROWN-ADS820 Datasheet
295Kb / 14P
   10-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ISO808 BURR-BROWN-ISO808 Datasheet
171Kb / 7P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 BURR-BROWN-ADS803 Datasheet
255Kb / 12P
   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ISO806 BURR-BROWN-ISO806 Datasheet
147Kb / 12P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS803 TI1-ADS803_14 Datasheet
799Kb / 18P
[Old version datasheet]   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS800 TI1-ADS800 Datasheet
958Kb / 23P
[Old version datasheet]   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS801 BURR-BROWN-ADS801 Datasheet
279Kb / 13P
   12-Bit, 25MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS804 TI1-ADS804_14 Datasheet
809Kb / 18P
[Old version datasheet]   12-Bit, 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com