Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS821E Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ADS821E
Description  10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS821E Datasheet(HTML) 1 Page - Burr-Brown (TI)

  ADS821E Datasheet HTML 1Page - Burr-Brown (TI) ADS821E Datasheet HTML 2Page - Burr-Brown (TI) ADS821E Datasheet HTML 3Page - Burr-Brown (TI) ADS821E Datasheet HTML 4Page - Burr-Brown (TI) ADS821E Datasheet HTML 5Page - Burr-Brown (TI) ADS821E Datasheet HTML 6Page - Burr-Brown (TI) ADS821E Datasheet HTML 7Page - Burr-Brown (TI) ADS821E Datasheet HTML 8Page - Burr-Brown (TI) ADS821E Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
10-Bit, 40MHz Sampling
ANALOG-TO-DIGITAL CONVERTER
FEATURES
q NO MISSING CODES
q INTERNAL REFERENCE
q LOW POWER: 380mW
q HIGH SNR: 58dB
q INTERNAL TRACK-AND-HOLD
DESCRIPTION
The ADS821 is a low-power, monolithic 10-bit, 40MHz Ana-
log-to-Digital (A/D) converter utilizing a small geometry CMOS
process. This complete converter includes a 10-bit quantizer
with internal track-and-hold, reference, and a power-down
feature. It operates from a single +5V power supply and can
be configured to accept either differential or single-ended
input signals.
The ADS821 employs digital error correction to provide
excellent Nyquist differential linearity performance for de-
manding imaging applications. Its low distortion, high SNR,
and high oversampling capability give it the extra margin
needed for telecommunications and video applications.
This high-performance converter is specified for AC and DC-
performance at a 40MHz sampling rate. The ADS821 is
available in an SO-28 package.
APPLICATIONS
q VIDEO DIGITIZING
q ULTRASOUND IMAGING
q GAMMA CAMERAS
q SET-TOP BOXES
q CABLE MODEMS
q CCD IMAGING
Color Copiers
Scanners
Camcorders
Security Cameras
Fax Machines
q IF AND BASEBAND DIGITIZATION
q TEST INSTRUMENTATION
ADS821
SBAS040B – DECEMBER 1995 – REVISED FEBRUARY 2005
www.ti.com
Copyright © 1995-2005, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Pipeline
A/D
Converter
Timing
Circuitry
Error
Correction
Logic
3-State
Outputs
T&H
10-Bit
Digital
Data
CLK
+1.25V
+3.25V
MSBI
OE
IN
IN
REFT
CM
REFB
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
ADS8
21U
All trademarks are the property of their respective owners.


Similar Part No. - ADS821E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS821E TI1-ADS821E Datasheet
419Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS821E/1K TI1-ADS821E/1K Datasheet
419Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS821E

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS5421 BURR-BROWN-ADS5421 Datasheet
395Kb / 21P
   14-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS800 TI1-ADS800 Datasheet
958Kb / 23P
[Old version datasheet]   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS822 BURR-BROWN-ADS822 Datasheet
199Kb / 12P
   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS800 BURR-BROWN-ADS800 Datasheet
368Kb / 17P
   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS5421 TI1-ADS5421_14 Datasheet
996Kb / 26P
[Old version datasheet]   14-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS822 TI1-ADS822 Datasheet
881Kb / 19P
[Old version datasheet]   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTERS
logo
Burr-Brown (TI)
ADS902 BURR-BROWN-ADS902 Datasheet
149Kb / 11P
   10-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS820 BURR-BROWN-ADS820 Datasheet
295Kb / 14P
   10-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS823 TI-ADS823 Datasheet
334Kb / 16P
[Old version datasheet]   10-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS823 TI1-ADS823_14 Datasheet
876Kb / 20P
[Old version datasheet]   10-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com