Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS821U Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS821U
Description  10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS821U Datasheet(HTML) 9 Page - Burr-Brown (TI)

Back Button ADS821U Datasheet HTML 5Page - Burr-Brown (TI) ADS821U Datasheet HTML 6Page - Burr-Brown (TI) ADS821U Datasheet HTML 7Page - Burr-Brown (TI) ADS821U Datasheet HTML 8Page - Burr-Brown (TI) ADS821U Datasheet HTML 9Page - Burr-Brown (TI) ADS821U Datasheet HTML 10Page - Burr-Brown (TI) ADS821U Datasheet HTML 11Page - Burr-Brown (TI) ADS821U Datasheet HTML 12Page - Burr-Brown (TI) ADS821U Datasheet HTML 13Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
www.ti.com
ADS821
9
SBAS040B
FIGURE 1. Input Track-and-Hold Configuration with Timing
Signals.
FIGURE 2. Pipeline A/D Converter Architecture.
THEORY OF OPERATION
The ADS821 is a high-speed, sampling A/D converter with
pipelining. It uses a fully differential architecture and digital
error correction to ensure 10-bit resolution. The differential
track-and-hold circuit is shown in Figure 1. The switches are
controlled by an internal clock that has a non-overlapping 2-
phase signal,
φ1 and φ2. At the sampling time, the input
signal is sampled on the bottom plates of the input capaci-
tors. In the next clock phase,
φ2, the bottom plates of the
input capacitors are connected together and the feedback
capacitors are switched to the op amp output. At this time,
the charge redistributes between CI and CH, completing one
track-and-hold cycle. The differential output is a held DC
representation of the analog input at the sample time. The
track-and-hold circuit can also convert a single-ended input
signal into a fully differential signal for the quantizer.
The pipelined quantizer architecture has 9 stages with each
stage containing a 2-bit quantizer and a 2-bit Digital-to-
Analog Converter (DAC), as shown in Figure 2. Each 2-bit
quantizer stage converts on the edge of the sub-clock, which
is twice the frequency of the externally applied clock. The
output of each quantizer is fed into its own delay line to
φ1
φ1
φ2
φ1
φ1
φ1
φ1
φ1
φ2
φ1
φ2
φ1
φ2
IN
IN
OUT
OUT
Op Amp
Bias
V
CM
Op Amp
Bias
V
CM
C
H
C
I
C
I
C
H
Input Clock (50%)
Internal Non-Overlapping Clock
B1 (MSB)
B2
B3
B4
B5
B6
B7
B8
B9
B10 (LSB)
2-Bit
DAC
2-Bit
Flash
Input
T&H
Digital Delay
x2
x2
2-Bit
DAC
2-Bit
Flash
Digital Delay
2-Bit
Flash
Digital Delay
2-Bit
DAC
2-Bit
Flash
Digital Delay
x2
IN
IN
Stage 1
Stage 2
Stage 8
Stage 9
Σ
+
Σ
+
Σ
+


Similar Part No. - ADS821U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS821U TI1-ADS821U Datasheet
419Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS821UG4 TI1-ADS821UG4 Datasheet
419Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS821U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS5421 BURR-BROWN-ADS5421 Datasheet
395Kb / 21P
   14-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS800 TI1-ADS800 Datasheet
958Kb / 23P
[Old version datasheet]   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS822 BURR-BROWN-ADS822 Datasheet
199Kb / 12P
   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS800 BURR-BROWN-ADS800 Datasheet
368Kb / 17P
   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS5421 TI1-ADS5421_14 Datasheet
996Kb / 26P
[Old version datasheet]   14-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS822 TI1-ADS822 Datasheet
881Kb / 19P
[Old version datasheet]   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTERS
logo
Burr-Brown (TI)
ADS902 BURR-BROWN-ADS902 Datasheet
149Kb / 11P
   10-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS820 BURR-BROWN-ADS820 Datasheet
295Kb / 14P
   10-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS823 TI-ADS823 Datasheet
334Kb / 16P
[Old version datasheet]   10-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS823 TI1-ADS823_14 Datasheet
876Kb / 20P
[Old version datasheet]   10-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com