Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS825 Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS825
Description  10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS825 Datasheet(HTML) 2 Page - Burr-Brown (TI)

  ADS825 Datasheet HTML 1Page - Burr-Brown (TI) ADS825 Datasheet HTML 2Page - Burr-Brown (TI) ADS825 Datasheet HTML 3Page - Burr-Brown (TI) ADS825 Datasheet HTML 4Page - Burr-Brown (TI) ADS825 Datasheet HTML 5Page - Burr-Brown (TI) ADS825 Datasheet HTML 6Page - Burr-Brown (TI) ADS825 Datasheet HTML 7Page - Burr-Brown (TI) ADS825 Datasheet HTML 8Page - Burr-Brown (TI) ADS825 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
®
ADS822, ADS825
SPECIFICATIONS
At TA = full specified temperature range, VS = +5V, single-ended input range = 1.5V to 3.5V, and sampling rate = 40MHz, external reference, unless otherwise noted.
CMOS-Compatible
Rising Edge of Convert Clock
CMOS-Compatible
Straight Offset Binary
CMOS-Compatible
Straight Offset Binary
ADS822E
ADS825E(1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
RESOLUTION
10 Guaranteed
10 Guaranteed
Bits
SPECIFIED TEMPERATURE RANGE
Ambient Air
–40 to +85
–40 to +85
°C
ANALOG INPUT
Standard Single-Ended Input Range
2Vp-p
1.5
3.5
TT
V
Optional Single-Ended Input Range
1Vp-p
2
3
TT
V
Common-Mode Range
2.5
T
V
Optional Differential Input Range
2Vp-p
2
3
TT
V
Analog Input Bias Current
1
T
µA
Input Impedance
1.25 || 5
T
M
Ω || pF
Track-Mode Input Bandwidth
–3dBFS Input
300
T
MHz
CONVERSION CHARACTERISTICS
Sample Rate
10k
40M
TT
Samples/s
Data Latency
5
T
Clk Cyc
DYNAMIC CHARACTERISTICS
Differential Linearity Error (largest code error)
f = 1MHz
±0.25
±1.0
TT
LSB
f = 10MHz
±0.5
T
LSB
No Missing Codes
Guaranteed
Guaranteed
Integral Nonlinearity Error, f = 1MHz
±0.5
±2.0
TT
LSBs
Spurious Free Dynamic Range(2)
Referred to Full Scale
f = 1MHz
72
71
dBFS(3)
f = 10MHz
63
66
60
65
dBFS
Two-Tone Intermodulation Distortion(4)
f = 9.5MHz and 9.9MHz (–7dB each tone)
–67
T
dBc
Signal-to-Noise Ratio (SNR)
Referred to Full Scale
f = 1MHz
60
T
dB
f = 10MHz
57
60
TT
dB
Signal-to-(Noise + Distortion) (SINAD)
Referred to Full Scale
f = 1MHz
59
T
dB
f = 10MHz
56
58
TT
dB
Effective Number of Bits(5), f = 1MHz
9.5
T
Bits
Output Noise
Input Tied to Common-Mode
0.2
T
LSBs rms
Aperture Delay Time
3
T
ns
Aperture Jitter
1.2
T
ps rms
Overvoltage Recovery Time
2
T
ns
Full-Scale Step Acquisition Time
5
T
ns
DIGITAL INPUTS
Logic Family
Convert Command
Start Conversion
High Level Input Current(6) (VIN = 5VDD)
100
T
µA
Low Level Input Current (VIN = 0V)
10
T
µA
High Level Input Voltage
+3.5
+2.0
V
Low Level Input Voltage
+1.0
+0.8
V
Input Capacitance
5
T
pF
DIGITAL OUTPUTS
Logic Family
Logic Coding
Low Output Voltage (IOL = 50µA to 1.6mA)
VDRV = 5V
+0.1
T
V
High Output Voltage, (IOH = 50µA to 0.5mA)
+4.9
T
V
Low Output Voltage, (IOL = 50µA to 1.6mA)
VDRV = 3V
+0.1
T
V
High Output Voltage, (IOH = 50µA to 0.5mA)
+2.8
T
V
3-State Enable Time
OE = H to L
2
40
TT
ns
3-State Disable Time
OE = L to H
2
10
TT
ns
Output Capacitance
5
T
pF
ACCURACY (Internal Reference, 2Vp-p, Unless Otherwise Noted)
Zero Error (referred to –FS)
at 25
°C
±1.0
±3.0
TT
% FS
Zero Error Drift (referred to –FS)
5
T
ppm/
°C
Midscale Offset Error
at 25
°C
±0.29
% FS
Gain Error(7)
at 25
°C
±1.5
±2.5
TT
% FS
Gain Error Drift(7)
38
T
ppm/
°C
Gain Error(8)
at 25
°C
±0.75
±1.5
TT
% FS
Gain Error Drift(8)
25
T
ppm/
°C
Power Supply Rejection of Gain
∆ V
S = ±5%
70
T
dB
REFT Tolerance
Deviation From Ideal 3.5V
±10
±25
TT
mV
REFB Tolerance
Deviation From Ideal 1.5V
±10
±25
TT
mV
External REFT Voltage Range
REFB + 0.8
3.5
VS – 1.25
TT
T
V
External REFB Voltage Range
1.25
1.5
REFT – 0.8
TT
T
V
Reference Input Resistance
REFT to REFB
1.6
T
k
TTL, +3V/+5V CMOS-Compatible
Rising Edge of Convert Clock


Similar Part No. - ADS825

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS825 TI1-ADS825 Datasheet
881Kb / 19P
[Old version datasheet]   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS825 TI1-ADS825 Datasheet
882Kb / 18P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTERS
ADS8254 TI-ADS8254 Datasheet
1Mb / 36P
[Old version datasheet]   16-BIT, 1-MSPS, PSEUDO-BIPOLAR DIFFERENTIAL SAR ADC WITH ON-CHIP ADC DRIVER (OPA) AND 4-CHANNEL DIFFERENTIAL MULTIPLEXER
ADS8254IBRGCR TI-ADS8254IBRGCR Datasheet
1Mb / 36P
[Old version datasheet]   16-BIT, 1-MSPS, PSEUDO-BIPOLAR DIFFERENTIAL SAR ADC WITH ON-CHIP ADC DRIVER (OPA) AND 4-CHANNEL DIFFERENTIAL MULTIPLEXER
ADS8254IBRGCT TI-ADS8254IBRGCT Datasheet
1Mb / 36P
[Old version datasheet]   16-BIT, 1-MSPS, PSEUDO-BIPOLAR DIFFERENTIAL SAR ADC WITH ON-CHIP ADC DRIVER (OPA) AND 4-CHANNEL DIFFERENTIAL MULTIPLEXER
More results

Similar Description - ADS825

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS822 TI1-ADS822 Datasheet
881Kb / 19P
[Old version datasheet]   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTERS
logo
Burr-Brown (TI)
ADS821 BURR-BROWN-ADS821 Datasheet
312Kb / 18P
   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS5421 BURR-BROWN-ADS5421 Datasheet
395Kb / 21P
   14-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS800 TI1-ADS800 Datasheet
958Kb / 23P
[Old version datasheet]   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS800 BURR-BROWN-ADS800 Datasheet
368Kb / 17P
   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS5421 TI1-ADS5421_14 Datasheet
996Kb / 26P
[Old version datasheet]   14-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
TLC5615C TI-TLC5615C Datasheet
244Kb / 18P
[Old version datasheet]   10-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5615C TI-TLC5615C_15 Datasheet
702Kb / 23P
[Old version datasheet]   10-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5615C TI-TLC5615C_07 Datasheet
467Kb / 21P
[Old version datasheet]   10-BIT DIGITAL-TO-ANALOG CONVERTERS
ADS8353 TI1-ADS8353 Datasheet
2Mb / 71P
[Old version datasheet]   Simultaneous-Sampling, Analog-to-Digital Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com