Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS831E Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS831E
Description  8-Bit, 80MHz Sampling ANALOG-TO-DIGITAL CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS831E Datasheet(HTML) 7 Page - Burr-Brown (TI)

Back Button ADS831E Datasheet HTML 3Page - Burr-Brown (TI) ADS831E Datasheet HTML 4Page - Burr-Brown (TI) ADS831E Datasheet HTML 5Page - Burr-Brown (TI) ADS831E Datasheet HTML 6Page - Burr-Brown (TI) ADS831E Datasheet HTML 7Page - Burr-Brown (TI) ADS831E Datasheet HTML 8Page - Burr-Brown (TI) ADS831E Datasheet HTML 9Page - Burr-Brown (TI) ADS831E Datasheet HTML 10Page - Burr-Brown (TI) ADS831E Datasheet HTML 11Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
ADS831
®
APPLICATION INFORMATION
THEORY OF OPERATION
The ADS831 is a high-speed CMOS analog-to-digital con-
verter which employs a pipelined converter architecture
consisting of 6 internal stages. Each stage feeds its data into
the digital error correction logic ensuring excellent differen-
tial linearity and no missing codes at the 8-bit level. The
output data becomes valid on the rising clock edge (see
Timing Diagram). The pipeline architecture results in a data
latency of 4 clock cycles.
The analog input of the ADS831 is a differential track and
hold, see Figure 1. The differential topology along with
tightly matched capacitors produce a high level of ac perfor-
mance while sampling at very high rates.
The ADS831 allows its analog inputs to be driven either
single-ended or differentially. The typical configuration for
the ADS831 is for the single-ended mode in which the input
track and hold performs a single-ended to differential con-
version of the analog input signal.
Both inputs (IN, IN) require external biasing using a com-
mon-mode voltage that is typically at the mid-supply level
(+VS/2).
The following application discussion focuses on the single-
ended configuration. Typically, its implementation is easier
to achieve and the rated specifications for the ADS831 are
characterized using the single-ended mode of operation.
DRIVING THE ANALOG INPUT
The ADS831 achieves excellent ac performance either in the
single-ended or differential mode of operation. The selection
for the optimum interface configuration will depend on the
individual application requirements and system structure.
For example, communication applications often process a
band of frequencies that does not include DC, whereas in
imaging applications, the previously restored DC level must
be maintained correctly up to the A/D converter. Features on
the ADS831, such as the input range select (RSEL pin) or
the option for an external reference, provide the needed
flexibility to accommodate a wide range of applications. In
any case, the ADS831 should be configured such that the
application objectives are met while observing the headroom
requirements of the driving amplifier in order to yield the
best overall performance.
INPUT CONFIGURATIONS
AC-Coupled, Single-Supply Interface
Figure 2 shows the typical circuit for an ac-coupled analog
input configuration of the ADS831 where all components
are powered from a single +5V supply.
With the RSEL pin connected HIGH, the full scale input
range is set to 2Vp-p. In this configuration, the top and
bottom references (REFT, REFB) provide an output voltage
of +3.0V and +2.0V, respectively. Two resistors ( 2 x 1k
Ω)
are used to create a common-mode voltage (VCM) of ap-
proximately +2.5V to bias the inputs of the driving ampli-
fier. Using the OPA681 on a single +5V supply, its ideal
common-mode point is +2.5V. This coincides with the
recommended common-mode input level for the ADS831
thus, obviating the need for a coupling capacitor between the
amplifier and the converter. Even though the OPA681 has an
ac gain of +2, the dc gain is only +1 due to the blocking
capacitor at resistor RG.
The addition of a small series resistor (RS) between the
output of the op amp and the input of the ADS831 will be
beneficial in almost all interface configurations. This will
de-couple the op amp’s output from the capacitive load and
avoid gain peaking, which can result in increased noise. For
best spurious and distortion performance, the resistor value
should be kept below 75
Ω. The series resistor in combina-
tion with the 47pF capacitor establishes a passive low-pass
filter limiting the bandwidth for the wideband noise thus
help improving the SNR performance.
AC-Coupled, Dual Supply Interface
The circuit provided in Figure 3 shows typical connections
for the analog input in case the selected amplifier operates
on dual supplies. This might be necessary to take full
advantage of very low distortion operational amplifiers, like
the OPA642. The advantage is that the driving amplifier can
be operated with a ground referenced bipolar signal swing.
This will keep the distortion performance at its lowest since
the signal range stays within the linear region of the op amp
and sufficient headroom to the supply rails can be main-
tained. By capacitively coupling the single-ended signal to
the input of the ADS831, its common-mode requirements
can easily be satisfied with two resistors connected between
the top and bottom reference.
FIGURE 1. Simplified Circuit of Input Track and Hold with
Timing Diagram.
φ1
φ1
φ2
φ1
φ1
φ1
φ1
φ1
φ2
φ1
φ2
φ1
φ2
IN
IN
OUT
OUT
Op Amp
Bias
V
CM
Op Amp
Bias
V
CM
C
H
C
I
C
I
C
H
Input Clock (50%)
Internal Non-overlapping Clock


Similar Part No. - ADS831E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS831E TI1-ADS831E Datasheet
559Kb / 15P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS831E/2K5 TI1-ADS831E/2K5 Datasheet
559Kb / 15P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS831E/2K5G4 TI1-ADS831E/2K5G4 Datasheet
559Kb / 15P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS831EG4 TI1-ADS831EG4 Datasheet
559Kb / 15P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS831E

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS809 BURR-BROWN-ADS809 Datasheet
437Kb / 18P
   12-Bit, 80MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS930 BURR-BROWN-ADS930 Datasheet
191Kb / 11P
   8-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS931 BURR-BROWN-ADS931 Datasheet
210Kb / 12P
   8-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS930 TI1-ADS930_14 Datasheet
417Kb / 16P
[Old version datasheet]   8-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS931 TI-ADS931 Datasheet
442Kb / 16P
[Old version datasheet]   8-Bit, 33MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS930 TI-ADS930_V01 Datasheet
314Kb / 14P
[Old version datasheet]   8-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS830 BURR-BROWN-ADS830 Datasheet
177Kb / 11P
   8-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS830 TI1-ADS830_14 Datasheet
556Kb / 16P
[Old version datasheet]   8-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS931 TI1-ADS931_14 Datasheet
437Kb / 17P
[Old version datasheet]   8-Bit, 33MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7830IPWRG4 TI1-ADS7830IPWRG4 Datasheet
929Kb / 26P
[Old version datasheet]   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com