Selected language     English  ▼


LCE28 Datasheet(PDF) 5 Page - UN Semiconducctor INC

Part No. LCE28
Description  Axial Lead Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  UNSEMI [UN Semiconducctor INC]
Homepage  http://www.unsemi.com.tw
Logo 

   
 5 page
background image
Axial Lead Transient Voltage Suppressors (TVS)
Revision October 18, 2013
5 / 5
@ UN Semiconductor Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
SAC Series
6.5 To 90 V
1500W
Low Capacitance
UN Semiconductor Co., Ltd.
www.unsemi.com.tw
Part Number
Component
Package
Quantity
Packaging
Option
LCEXXX
DO-201
1000
Box
LCE
××× A
5% VBR VOLTAGE TOLERANCE
VR VOLTAGE
SERIES
Packaging
Packaging Dimensions
Unit: Inches (Millimeters)
Part Numbering
2.56
(65.00)
0.40
±0.020
(10.16
±0.508)
0.25
(6.35)




Html Pages

1  2  3  4  5 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl