Selected language     English  ▼


LCE28 Datasheet(PDF) 2 Page - UN Semiconducctor INC

Part No. LCE28
Description  Axial Lead Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  UNSEMI [UN Semiconducctor INC]
Homepage  http://www.unsemi.com.tw
Logo 

   
 2 page
background image
Axial Lead Transient Voltage Suppressors (TVS)
Revision October 18, 2013
2 / 5
@ UN Semiconductor Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
SAC Series
6.5 To 90 V
1500W
Low Capacitance
UN Semiconductor Co., Ltd.
www.unsemi.com.tw
Breakdown
Voltage VBR
@IT
(V)
Part
Number
Reverse
Stand-Off
Voltage
VRWM (V)
Min
Max
Test
Current
IT
(mA)
Maximum
Reverse
Leakage IR
@VRWM
(
μA)
Maximum
Clamping
Voltage VC
@IPP
(V)
Maximum
Peak
Pulse
Current
IPP (A)
Maximum
Junction
Capacitance
@0V
(pF)
Working
Inverse
Blocking
Voltage
VWIB (V)
Inverse
Blocking
Leakage
Current IIB
@VWIB(mA)
Peak
Inverse
Voltage
VPIB
(V)
LCE6.5
6.5
7.22
8.82
10
1000
12.3
100
100
75
1
100
LCE6.5A
6.5
7.22
7.98
10
1000
11.2
100
100
75
1
100
LCE7.0
7.0
7.78
9.51
10
500
13.3
100
100
75
1
100
LCE7.0A
7.0
7.78
8.60
10
500
12.0
100
100
75
1
100
LCE7.5
7.5
8.33
10.20
10
250
14.3
100
100
75
1
100
LCE7.5A
7.5
8.33
9.21
10
250
12.9
100
100
75
1
100
LCE8.0
8.0
8.89
10.90
1
100
15.0
100
100
75
1
100
LCE8.0A
8.0
8.89
9.83
1
100
13.6
100
100
75
1
100
LCE8.5
8.5
9.44
11.50
1
50
15.9
94
100
75
1
100
LCE8.5A
8.5
9.44
10.40
1
50
14.4
100
100
75
1
100
LCE9.0
9.0
10.00
12.20
1
10
16.9
89
100
75
1
100
LCE9.0A
9.0
10.00
11.10
1
10
15.4
97
100
75
1
100
LCE10
10.0
11.10
13.60
1
5
18.8
80
100
75
1
100
LCE10A
10.0
11.10
12.30
1
5
17.0
88
100
75
1
100
LCE11
11..0
12.20
14.90
1
5
20.1
74
100
75
1
100
LCE11A
11.0
12.20
13.50
1
5
18.2
82
100
75
1
100
LCE12
12.0
13.30
16.30
1
5
22.0
68
100
75
1
100
LCE12A
12.0
13.30
14.70
1
5
19.9
75
100
75
1
100
LCE13
13.0
14.40
17.60
1
5
23.8
63
100
75
1
100
LCE13A
13.0
14.40
15.90
1
5
21.5
70
100
75
1
100
LCE14
14.0
15.60
19.10
1
5
25.8
58
100
75
1
100
LCE14A
14.0
15.60
17.20
1
5
23.2
65
100
75
1
100
LCE15
15.0
16.70
20.40
1
5
26.9
56
100
75
1
100
LCE15A
15.0
16.70
18.50
1
5
24.4
61
100
75
1
200
LCE16
16.0
17.80
21.80
1
5
28.8
52
100
75
1
200
LCE16A
16.0
17.80
19.70
1
5
26.0
57
100
75
1
200
LCE17
17.0
18.90
23.10
1
5
30.5
49
100
75
1
200
LCE17A
17.0
18.90
20.90
1
5
27.6
54
100
75
1
200
LCE18
18.0
20.00
24.40
1
5
32.2
46
100
75
1
200
LCE18A
18.0
20.00
22.10
1
5
29.2
51
100
75
1
200
LCE20
20.0
22.20
27.10
1
5
35.8
42
100
75
1
200
LCE20A
20.0
22.20
24.50
1
5
32.4
46
100
75
1
200
LCE22
22.0
24.40
29.80
1
5
39.4
38
100
75
1
200
LCE22A
22.0
24.40
26.90
1
5
35.5
42
100
75
1
200
LCE24
24.0
26.70
32.60
1
5
43.0
35
100
75
1
200
LCE24A
24.0
26.70
29.50
1
5
38.9
39
100
75
1
200
LCE26
26.0
28.90
35.30
1
5
46.6
32
100
75
1
200
LCE26A
26.0
28.90
31.90
1
5
42.1
36
100
75
1
200
LCE28
28.0
31.10
38.00
1
5
50.1
30
100
75
1
200
LCE28A
28.0
31.10
34.40
1
5
45.5
33
100
75
1
200
LCE30A
30.0
33.30
36.80
1
5
48.4
31
100
75
1
100
LCE33A
33.0
36.70
40.60
1
5
53.3
28
100
75
1
100
LCE36A
36.0
40.00
44.20
1
5
58.1
26
100
75
1
100
LCE40A
40.0
44.40
49.10
1
5
64.5
23
100
75
1
100
LCE43A
43.0
47.80
52.80
1
5
69.4
22
100
75
1
100
LCE45A
45.0
50.00
55.30
1
5
72.7
21
100
75
1
100
LCE48A
48.0
53.30
58.90
1
5
77.4
19
100
75
1
100
LCE51A
51.0
56.70
62.70
1
5
82.4
18
100
75
1
100
LCE54A
54.0
60.00
66.30
1
5
87.1
17
100
100
1
125
LCE58A
58.0
64.40
71.20
1
5
93.6
16
100
100
1
125
LCE60A
60.0
66.70
73.70
1
5
96.8
16
100
100
1
125
LCE64A
64.0
71.10
78.60
1
5
103.0
15
100
100
1
125
LCE70A
70.0
77.80
86.00
1
5
113.0
13
100
125
1
150
LCE75A
75.0
83.30
92.10
1
5
121.0
12
100
125
1
150
LCE85A
85.0
94.40
104.00
1
5
129.0
12
100
125
1
150
LCE90A
90.0
100.00
111.00
1
5
146.0
10
100
125
1
150
Electrical Characteristics
(TA=25℃ unless otherwise noted)




Html Pages

1  2  3  4  5 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl