Selected language     English  ▼


LCE28 Datasheet(PDF) 3 Page - UN Semiconducctor INC

Part No. LCE28
Description  Axial Lead Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  UNSEMI [UN Semiconducctor INC]
Homepage  http://www.unsemi.com.tw
Logo 

   
 3 page
background image
Axial Lead Transient Voltage Suppressors (TVS)
Revision October 18, 2013
3 / 5
@ UN Semiconductor Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
SAC Series
6.5 To 90 V
1500W
Low Capacitance
UN Semiconductor Co., Ltd.
www.unsemi.com.tw
Figure 1 - Peak Pulse Power Rating Curve
Figure 3 - Pulse Waveform
Ratings and Characteristic Curves (TA=25°C unless otherwise noted)
Figure 4
– AC Line Protection Application
Figure 2 - Pulse Derating Curve
150
100
50
0
tr=10µsec
Peak Value
IPPM
Half Value
IPPM (IPPM/2)
tc
10/1000
µsec. Waveform
as de
fined by R.E.A
0
1.0
2.0
3.0
4.0
TJ=25°C
Pulse Width(td) is de
fined
as the point where the peak
current decays to 50% of IPPM
t - Time (ms)
td - Pulse Width (μs)
100
0.1
1
0.1
1
10
100
1000
10000
10
0
25
50
75
100
125
150
175
100
80
60
40
20
0
TL - Lead temperature(°C)
Peak Power (Single Pulse)
TJ=Initial Temperature
Power Dissipation
Low
Capacitance
TVS
Application Note: Device must be used with two
units in parallel, opposite in polarity as shown in
circuit for AC signal line protection.




Html Pages

1  2  3  4  5 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl