Selected language     English  ▼


LCE28A Datasheet(PDF) 1 Page - UN Semiconducctor INC

Part No. LCE28A
Description  Axial Lead Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  UNSEMI [UN Semiconducctor INC]
Homepage  http://www.unsemi.com.tw
Logo 

   
 1 page
background image
Axial Lead Transient Voltage Suppressors (TVS)
Revision October 18, 2013
1 / 5
@ UN Semiconductor Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
SAC Series
6.5 To 90 V
1500W
Low Capacitance
UN Semiconductor Co., Ltd.
www.unsemi.com.tw
The SAC series is designed specifically to protect sensitive electronic
equipment from voltage transients induced by lightning and other transient
voltage events.
Uni-directional
Bi-directional
u
Glass passivated chip
u
1500W peak pulse power capability with a 10/1000
µs waveform,
repetitive rate (duty cycle): 0.01%
u
Low leakage
u
Excellent clamping capability
u
Very fast response time
u
RoHS compliant
TVS devices are ideal for the protection of I/O interfaces, VCC bus and other
vulnerable circuits used in Telecom, Computer, Industrial and Consumer
electronic applications.
Parameter
Symbol
Value
Unit
Peak Pulse Power Dissipation with a 10/1000
µs waveform
(1)
PPPM
1500
Watts
Peak Pulse Current with a 10/1000
µs waveform.(Fig.2)
(1)
IPP
See Next Table
Amps
Power Dissipation on Infinite Heat Sink at TL=75°C (Fig.2)
PM(AV)
6.5
Watt
Operating junction and Storage Temperature Range
TJ , TSTG
-55 to +150
°C
Notes:
1. Non-repetitive current pulse , per Fig. 3 and derated above TA= 25
°C per Fig. 2
Maximum Ratings
(TA=25℃ unless otherwise noted)
Description
Features
Applications




Html Pages

1  2  3  4  5 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl