Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS900E Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS900E
Description  10-Bit, 20MHz, 3V Supply ANALOG-TO-DIGITAL CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS900E Datasheet(HTML) 7 Page - Burr-Brown (TI)

Back Button ADS900E Datasheet HTML 3Page - Burr-Brown (TI) ADS900E Datasheet HTML 4Page - Burr-Brown (TI) ADS900E Datasheet HTML 5Page - Burr-Brown (TI) ADS900E Datasheet HTML 6Page - Burr-Brown (TI) ADS900E Datasheet HTML 7Page - Burr-Brown (TI) ADS900E Datasheet HTML 8Page - Burr-Brown (TI) ADS900E Datasheet HTML 9Page - Burr-Brown (TI) ADS900E Datasheet HTML 10Page - Burr-Brown (TI) ADS900E Datasheet HTML 11Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
®
ADS900
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, VS = LVDD = +3V, Single-Ended Input, Sampling Rate = 20MHz, unless otherwise specified.
GAIN ERROR vs TEMPERATURE
Temperature (°C)
6.5
6.0
5.5
5.0
4.5
–50
0
25
–25
50
75
100
OFFSET ERROR vs TEMPERATURE
Temperature (°C)
–25
–30
–35
–40
–45
–50
0
25
–25
50
75
100
POWER DISSIPATION vs TEMPERATURE
Temperature (°C)
65
60
55
50
–50
0
25
–25
50
75
100
OUTPUT NOISE HISTOGRAM (DC Input)
Output Code
500
400
300
200
100
0
N-3
N-1
N
N-2
N+1
N+2
N+3
SIGNAL-TO-NOISE RATIO (SNR) vs TEMPERATURE
Temperature (°C)
55
50
45
40
025
–25
–50
50
75
100
f
IN = 10MHz
f
IN = 500kHz


Similar Part No. - ADS900E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS900E TI1-ADS900E Datasheet
450Kb / 16P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS900E TI-ADS900E Datasheet
342Kb / 15P
[Old version datasheet]   10-Bit, 20MHz, 3V Supply ANALOG-TO-DIGITAL CONVERTER
ADS900E/1K TI1-ADS900E/1K Datasheet
450Kb / 16P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS900E/1K TI-ADS900E/1K Datasheet
342Kb / 15P
[Old version datasheet]   10-Bit, 20MHz, 3V Supply ANALOG-TO-DIGITAL CONVERTER
ADS900E/1KG4 TI1-ADS900E/1KG4 Datasheet
450Kb / 16P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS900E

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS901 BURR-BROWN-ADS901 Datasheet
174Kb / 11P
   10-Bit, 20MHz, 3V Supply ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS900 TI-ADS900_V01 Datasheet
342Kb / 15P
[Old version datasheet]   10-Bit, 20MHz, 3V Supply ANALOG-TO-DIGITAL CONVERTER
ADS901 TI1-ADS901_14 Datasheet
254Kb / 14P
[Old version datasheet]   10-Bit, 20MHz, 3V Supply ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820 Datasheet
418Kb / 21P
[Old version datasheet]   10-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS820 BURR-BROWN-ADS820 Datasheet
295Kb / 14P
   10-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS805 BURR-BROWN-ADS805 Datasheet
260Kb / 12P
   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS805 TI1-ADS805 Datasheet
866Kb / 20P
[Old version datasheet]   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADC101C021 TI1-ADC101C021_15 Datasheet
1Mb / 44P
[Old version datasheet]   10-Bit Analog-to-Digital Converter
logo
Analog Devices
AD9218 AD-AD9218_17 Datasheet
872Kb / 29P
   3V Dual Analog-to-Digital Converter
logo
Burr-Brown (TI)
DAC900 BURR-BROWN-DAC900 Datasheet
192Kb / 16P
   10-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com