Electronic Components Datasheet Search |
|
TOM9307 Datasheet(PDF) 1 Page - API Technologies Corp |
|
TOM9307 Datasheet(HTML) 1 Page - API Technologies Corp |
|
1 / 1 page VOLTAGE CONTROLLED OSCILLATOR TOM9307 Available as: TOM9307, 4 Pin TO-8 (T4) TON9307, 4 Pin Surface Mount (SM3) TOP9307, 4 Pin Flatpack (FP4) BXO9307, Connectorized Housing (H1) Features ! ! ! ! ! Low Noise Bipolar Transistor ! ! ! ! ! Broad Tuning Range ! ! ! ! ! Operating Case Temp. -55 ºC to + 85 ºC ! ! ! ! ! Environmental Screening available CHARACTERISTIC TYPICAL MIN/MAX Ta=25ºC Ta = - 55 ºC to + 85 ºC Typical Performance Data Specifications 02/15/05 Maximum Ratings Ambient Operating Temperature ........... -54ºC to + 100 ºC Storage Temperature ............................ -62ºC to + 125 ºC Case Temperature .............................................. + 125 ºC DC Voltage ........................................................ + 20 Volts Maximum DC Tuning Voltage ............................ + 20 Volts Minimum DC Tuning Voltage ................................. 0 Volts Note: Care should always be taken to effectively ground the case of each unit. Legend +25 ºC +85 ºC -55 ºC Pulling (MHz); 12dB RL 5 15 Max. Notes: 1. Phase Noise is measured using the Aeroflex PN9000. 2. Worst case phase noise @ 100KHz offset across frequency range and temperature extremes is - 120 dBc/Hz. --- Frequency 300 - 600 MHz 300 - 600 MHz Output Power (dBm) +12 +10 Min. Power Flatness (dB) ±1 ±2.0 Max. Tuning Voltage Range (v) 1 to 17 0 to 20 Tuning Voltage Sensitivity (MHz/V) 20 5 Min. Harmonics (dBc) -15 -10 Max. Spurious (dBc) <-80 -80 Max. 3dB Modulation BW, Zg = 50 Ohm 8MHz Min. Pushing (MHz/V) 2 4 Max. Frequency Drift (MHz/ºC) --- -.05 Max. Power Vdc +15 +15 mA 17 25 Max. 6 0 4 10 16 18 12 2 8 14 20 6 0 4 10 16 18 +12 + 11 + 13 +14 350 400 450 500 600 12 550 2 8 14 20 300 650 Tuning Voltage (Volts) Tuning Voltage (Volts) 300 - 600 MHz Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532 Spectrum Microwave (Europe) · 2707 Black Lake Place · Philadelphia, Pa. 19154 · PH (215) 464-4000 · Fax (215) 464-4001 www.SpectrumMicrowave.com |
Similar Part No. - TOM9307 |
|
Similar Description - TOM9307 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |