Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS930 Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS930
Description  8-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS930 Datasheet(HTML) 5 Page - Burr-Brown (TI)

  ADS930 Datasheet HTML 1Page - Burr-Brown (TI) ADS930 Datasheet HTML 2Page - Burr-Brown (TI) ADS930 Datasheet HTML 3Page - Burr-Brown (TI) ADS930 Datasheet HTML 4Page - Burr-Brown (TI) ADS930 Datasheet HTML 5Page - Burr-Brown (TI) ADS930 Datasheet HTML 6Page - Burr-Brown (TI) ADS930 Datasheet HTML 7Page - Burr-Brown (TI) ADS930 Datasheet HTML 8Page - Burr-Brown (TI) ADS930 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
®
ADS930
SPECTRAL PERFORMANCE
Frequency (MHz)
0
–20
–40
–60
–80
–100
0
5
10
15
f
IN = 500kHz
SPECTRAL PERFORMANCE
Frequency (MHz)
0
–20
–40
–60
–80
–100
0
f
IN = 12MHz
0
5
10
15
DIFFERENTIAL LINEARITY ERROR
Output Code
2.0
1.0
0.0
–1.0
–2.0
0
64
128
192
256
f
IN = 500kHz
TWO-TONE INTERMODULATION
Frequency (MHz)
0
–20
–40
–60
–80
–100
02
4
8
610
f
1 = 3.5MHz at –7dBFS
f
2 = 3.4MHz at –7dBFS
2f
1 –f2 = 54.7dBFS
2f
2 –f1 = 54.2dBFS
SPECTRAL PERFORMANCE
Frequency (MHz)
0
–20
–40
–60
–80
–100
0
f
IN = 3.58MHz
0
5
10
15
TYPICAL PERFORMANCE CURVES
At TA = +25°C, VS = +3V, Single-ended Input and Sampling Rate = 30MHz, unless otherwise specified.
0
64
128
192
256
DIFFERENTIAL LINEARITY ERROR
Output Code
2.0
1.0
0.0
–1.0
–2.0
f
IN = 12MHz


Similar Part No. - ADS930

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS930 TI1-ADS930 Datasheet
417Kb / 16P
[Old version datasheet]   8-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS930 TI-ADS930 Datasheet
314Kb / 14P
[Old version datasheet]   8-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS930E TI1-ADS930E Datasheet
417Kb / 16P
[Old version datasheet]   8-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS930E TI-ADS930E Datasheet
314Kb / 14P
[Old version datasheet]   8-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS930E/1K TI1-ADS930E/1K Datasheet
417Kb / 16P
[Old version datasheet]   8-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS930

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS931 BURR-BROWN-ADS931 Datasheet
210Kb / 12P
   8-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS930 TI1-ADS930_14 Datasheet
417Kb / 16P
[Old version datasheet]   8-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS930 TI-ADS930_V01 Datasheet
314Kb / 14P
[Old version datasheet]   8-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS902 BURR-BROWN-ADS902 Datasheet
149Kb / 11P
   10-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS831 BURR-BROWN-ADS831 Datasheet
179Kb / 11P
   8-Bit, 80MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS931 TI-ADS931 Datasheet
442Kb / 16P
[Old version datasheet]   8-Bit, 33MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS830 BURR-BROWN-ADS830 Datasheet
177Kb / 11P
   8-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS830 TI1-ADS830_14 Datasheet
556Kb / 16P
[Old version datasheet]   8-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS931 TI1-ADS931_14 Datasheet
437Kb / 17P
[Old version datasheet]   8-Bit, 33MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7830IPWRG4 TI1-ADS7830IPWRG4 Datasheet
929Kb / 26P
[Old version datasheet]   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com