Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFE1103 Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # AFE1103
Description  HDSL/MDSL ANALOG FRONT END
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

AFE1103 Datasheet(HTML) 5 Page - Burr-Brown (TI)

  AFE1103 Datasheet HTML 1Page - Burr-Brown (TI) AFE1103 Datasheet HTML 2Page - Burr-Brown (TI) AFE1103 Datasheet HTML 3Page - Burr-Brown (TI) AFE1103 Datasheet HTML 4Page - Burr-Brown (TI) AFE1103 Datasheet HTML 5Page - Burr-Brown (TI) AFE1103 Datasheet HTML 6Page - Burr-Brown (TI) AFE1103 Datasheet HTML 7Page - Burr-Brown (TI) AFE1103 Datasheet HTML 8Page - Burr-Brown (TI) AFE1103 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
®
AFE1103
TYPICAL PERFORMANCE CURVES
At Output of Pulse Transformer
Typical at 25
°C, AV
DD = +5V, DVDD = +3.3V, unless otherwise specified.
CURVE 2. Transmitted Pulse Template and Actual Performance as Measured at the Transformer Output.
CURVE 1. Upper Bound of Power Spectral Density Measured at the Transformer Output.
0.4T
B = 1.07
C = 1.00
D = 0.93
0.4T
–0.6T
–1.2T
A = 0.01
E = 0.03
G = –0.16
A
B
C
D
E
F
G
H
0.01
1.07
1.00
0.93
0.03
–0.01
–0.16
–0.05
0.0264
2.8248
2.6400
2.4552
0.0792
–0.0264
–0.4224
–0.1320
–0.0264
–2.8248
–2.6400
–2.4552
–0.0792
0.0264
0.4224
0.1320
0.0088
0.9416
0.8800
0.8184
0.0264
–0.0088
–0.1408
–0.0440
–0.0088
–0.9416
–0.8800
–0.8184
–0.0264
0.0088
0.1408
0.0440
NORMALIZED
LEVEL
QUATERNARY SYMBOLS
+3
–3
+1
–1
14T
H = –0.05
50T
F = –0.01
A = 0.01
F = –0.01
0.5T
1.25T
CURVE 3. Input Impedance of rxLINE and rxHYB.
1K
–20
–40
–60
–80
–100
–120
10K
100K
POWER SPECTRAL DENSITY LIMIT
Frequency (Hz)
1M
10M
–38dBm/Hz for T1
–40dBm/Hz for E1
196kHz
292kHz
–80dB/decade
T1
–120dBm/Hz
for E1
–118dBm/Hz
E1
100
200
150
100
50
0
300
500
INPUT IMPEDANCE vs BIT RATE
Bit Rate (kbps)
700
900
1300
1100
E1
T1
T1 = 784kbps, 45k
E1 = 1168kbps, 30k


Similar Part No. - AFE1103

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
AFE1104 BURR-BROWN-AFE1104 Datasheet
203Kb / 10P
   HDSL/MDSL ANALOG FRONT END
AFE1104E BURR-BROWN-AFE1104E Datasheet
203Kb / 10P
   HDSL/MDSL ANALOG FRONT END
AFE1105 BURR-BROWN-AFE1105 Datasheet
206Kb / 10P
   HDSL/MDSL ANALOG FRONT END
AFE1105E BURR-BROWN-AFE1105E Datasheet
206Kb / 10P
   HDSL/MDSL ANALOG FRONT END
More results

Similar Description - AFE1103

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
AFE1144 BURR-BROWN-AFE1144 Datasheet
114Kb / 11P
   HDSL/MDSL ANALOG FRONT END
AFE1105 BURR-BROWN-AFE1105 Datasheet
206Kb / 10P
   HDSL/MDSL ANALOG FRONT END
logo
Texas Instruments
AFE1124 TI1-AFE1124 Datasheet
884Kb / 17P
[Old version datasheet]   HDSL/MDSL ANALOG FRONT END
logo
Burr-Brown (TI)
AFE1104E BURR-BROWN-AFE1104E Datasheet
203Kb / 10P
   HDSL/MDSL ANALOG FRONT END
AFE1124 BURR-BROWN-AFE1124 Datasheet
160Kb / 11P
   HDSL/MDSL ANALOG FRONT END
AFE1115 BURR-BROWN-AFE1115 Datasheet
219Kb / 12P
   HDSL/MDSL ANALOG FRONT END WITH VCXO
logo
Texas Instruments
AFE1115 TI1-AFE1115 Datasheet
183Kb / 14P
[Old version datasheet]   HDSL/MDSL ANALOG FRONT END WITH VCXO
AFE2124 TI1-AFE2124 Datasheet
178Kb / 14P
[Old version datasheet]   Dual HDSL/SDSL ANALOG FRONT END
logo
Burr-Brown (TI)
AFE2126 BURR-BROWN-AFE2126 Datasheet
148Kb / 11P
   Dual HDSL/SDSL ANALOG FRONT END
AFE2124 BURR-BROWN-AFE2124 Datasheet
187Kb / 11P
   Dual HDSL/SDSL ANALOG FRONT END
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com