Electronic Components Datasheet Search |
|
AFE1104E Datasheet(PDF) 4 Page - Burr-Brown (TI) |
|
|
AFE1104E Datasheet(HTML) 4 Page - Burr-Brown (TI) |
4 / 10 page 4 ® AFE1104 PIN CONFIGURATION Top View SSOP Analog Inputs: Current .............................................. ±100mA, Momentary ±10mA, Continuous Voltage .................................. AGND –0.3V to AVDD +0.3V Analog Outputs Short Circuit to Ground (+25 °C) ..................... Continuous AVDD to AGND ........................................................................ –0.3V to 6V PVDD to PGND ........................................................................ –0.3V to 6V DVDD to DGND ........................................................................ –0.3V to 6V PLLIN or PLLOUT to PGND ......................................... –0.3V to PVDD +0.3V Digital Input Voltage to DGND .................................. –0.3V to DVDD +0.3V Digital Output Voltage to DGND ............................... –0.3V to DVDD +0.3V AGND, DGND, PGND Differential Voltage ......................................... 0.3V Junction Temperature (TJ) ............................................................ +150°C Storage Temperature Range .......................................... –40 °C to +125°C Lead Temperature (soldering, 3s) ................................................. +260 °C Power Dissipation ......................................................................... 700mW ABSOLUTE MAXIMUM RATINGS PGND PV DD txCLK DGND txDAT rxD0 rxD1 rxD2 rxD3 rxD4 rxD5 DGND DV DD rxD6 rxD7 rxD8 rxD9 rxD10 rxD11 rxD12 rxD13 rxCLK rxSYNC rxGAIN0 PLL IN PLL OUT NC NC NC NC AGND txLINE P AV DD txLINE N AGND AV DD REF N V CM REF P AGND AGND rxLINE P rxLINE N rxHYB P rxHYB N AV DD rxLOOP rxGAIN1 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 AFE1104E PACKAGE DRAWING TEMPERATURE PRODUCT PACKAGE NUMBER(1) RANGE AFE1104E 48-Pin Plastic SSOP 333 –40 °C to +85°C NOTE: (1) For detailed drawing and dimension table, please see end of data sheet, or Appendix C of Burr-Brown IC Data Book. PACKAGE/ORDERING INFORMATION ELECTROSTATIC DISCHARGE SENSITIVITY This integrated circuit can be damaged by ESD. Burr-Brown recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. |
Similar Part No. - AFE1104E |
|
Similar Description - AFE1104E |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |