Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFE1104E Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # AFE1104E
Description  HDSL/MDSL ANALOG FRONT END
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

AFE1104E Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button AFE1104E Datasheet HTML 2Page - Burr-Brown (TI) AFE1104E Datasheet HTML 3Page - Burr-Brown (TI) AFE1104E Datasheet HTML 4Page - Burr-Brown (TI) AFE1104E Datasheet HTML 5Page - Burr-Brown (TI) AFE1104E Datasheet HTML 6Page - Burr-Brown (TI) AFE1104E Datasheet HTML 7Page - Burr-Brown (TI) AFE1104E Datasheet HTML 8Page - Burr-Brown (TI) AFE1104E Datasheet HTML 9Page - Burr-Brown (TI) AFE1104E Datasheet HTML 10Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
®
AFE1104
THEORY OF OPERATION
The transmit channel consists of a switched-capacitor pulse
forming network followed by a differential line driver. The
pulse forming network receives symbol data from
SPAROW’S DAC+ line and generates a 2B1Q output wave-
form. The output meets the pulse mask and power spectral
density requirements defined in European Telecommunica-
tions Standards Institute document RTR/TM-03036 for E1
mode and in sections 6.2.1 and 6.2.2.1 of Bellcore technical
advisory TA-NWT-001210 for T1 mode. The differential
line driver uses a composite output stage combining class B
operation (for high efficiency driving large signals) with
class AB operation (to minimize crossover distortion).
The receive channel is designed around a fourth-order delta
sigma A/D converter. It includes a difference amplifier that
can be used with an external compromise hybrid for first
order analog crosstalk reduction. A programmable gain
amplifier with gains of 0dB to +9dB is also included. The
delta sigma modulator operating at a 24X oversampling ratio
produces 14 bits of resolution at output rates up to 584kHz.
The basic functionality of the AFE1104 is illustrated in
Figure 1 shown below.
The receive channel operates by summing the two differen-
tial inputs, one from the line (rxLINE) and the other from the
compromise hybrid (rxHYB). The connection of these two
inputs so that the hybrid signal is subtracted from the line
signal is described in the paragraph titled “Echo Cancella-
tion in the AFE”. The equivalent gain for each input in the
difference amp is 1. The resulting signal then passes to a
programmable gain amplifier which can be set for gains of
0dB through 9dB. The ADC converts the signal to a
14-bit digital word, rxD13 - rxD0.
rxLOOP INPUT
rxLOOP is the loopback control signal. When enabled, the
rxLINEP and rxLINEN inputs are disconnected from the
AFE. The rxHYBP and rxHYBN inputs remain connected.
Loopback is enabled by applying a positive signal (Logic 1)
to rxLOOP.
ECHO CANCELLATION IN THE AFE
The rxHYB input is designed to be subtracted from the
rxLINE input for first order echo cancellation. To accom-
plish this, note that the rxLINE input is connected to the
same polarity signal at the transformer (positive to positive
and negative to negative) while the rxHYB input is con-
nected to opposite polarity through the compromise hybrid
(negative to positive and positive to negative) as shown in
Figure 2.
RECEIVE DATA CODING
The data from the receive channel A/D converter is in two’s
complement code.
FIGURE 1. Functional Block Diagram of AFE1104.
ADC
Pulse Former
Programmable
Gain Amp
Difference
Amplifier
Differential
Line Driver
txLINE
P
txLINE
N
rxHYB
P
rxHYB
N
rxLINE
P
rxLINE
N
txDAT
rxD13 - rxD0
14
ANALOG INPUT
OUTPUT CODE (rxD13 - rxD0)
Positive Full Scale
01111111111111
Mid Scale
00000000000000
Negative Full Scale
10000000000000
RECEIVE CHANNEL PROGRAMMABLE
GAIN AMPLIFIER
The gain of the amplifier at the input of the Receive Channel
is set by two gain control pins, rxGAIN1 and rxGAIN0. The
resulting gain between 0dB and +9dB is shown below.
rxGAIN1
rxGAIN0
GAIN
0
0
0dB
0
1
3.25dB
1
0
6dB
1
1
9dB


Similar Part No. - AFE1104E

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
AFE1103 BURR-BROWN-AFE1103 Datasheet
204Kb / 10P
   HDSL/MDSL ANALOG FRONT END
AFE1103E BURR-BROWN-AFE1103E Datasheet
204Kb / 10P
   HDSL/MDSL ANALOG FRONT END
AFE1105 BURR-BROWN-AFE1105 Datasheet
206Kb / 10P
   HDSL/MDSL ANALOG FRONT END
AFE1105E BURR-BROWN-AFE1105E Datasheet
206Kb / 10P
   HDSL/MDSL ANALOG FRONT END
More results

Similar Description - AFE1104E

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
AFE1144 BURR-BROWN-AFE1144 Datasheet
114Kb / 11P
   HDSL/MDSL ANALOG FRONT END
AFE1103 BURR-BROWN-AFE1103 Datasheet
204Kb / 10P
   HDSL/MDSL ANALOG FRONT END
AFE1105 BURR-BROWN-AFE1105 Datasheet
206Kb / 10P
   HDSL/MDSL ANALOG FRONT END
logo
Texas Instruments
AFE1124 TI1-AFE1124 Datasheet
884Kb / 17P
[Old version datasheet]   HDSL/MDSL ANALOG FRONT END
logo
Burr-Brown (TI)
AFE1124 BURR-BROWN-AFE1124 Datasheet
160Kb / 11P
   HDSL/MDSL ANALOG FRONT END
AFE1115 BURR-BROWN-AFE1115 Datasheet
219Kb / 12P
   HDSL/MDSL ANALOG FRONT END WITH VCXO
logo
Texas Instruments
AFE1115 TI1-AFE1115 Datasheet
183Kb / 14P
[Old version datasheet]   HDSL/MDSL ANALOG FRONT END WITH VCXO
AFE2124 TI1-AFE2124 Datasheet
178Kb / 14P
[Old version datasheet]   Dual HDSL/SDSL ANALOG FRONT END
logo
Burr-Brown (TI)
AFE2126 BURR-BROWN-AFE2126 Datasheet
148Kb / 11P
   Dual HDSL/SDSL ANALOG FRONT END
AFE2124 BURR-BROWN-AFE2124 Datasheet
187Kb / 11P
   Dual HDSL/SDSL ANALOG FRONT END
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com