Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFE1104 Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # AFE1104
Description  HDSL/MDSL ANALOG FRONT END
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

AFE1104 Datasheet(HTML) 7 Page - Burr-Brown (TI)

Back Button AFE1104 Datasheet HTML 2Page - Burr-Brown (TI) AFE1104 Datasheet HTML 3Page - Burr-Brown (TI) AFE1104 Datasheet HTML 4Page - Burr-Brown (TI) AFE1104 Datasheet HTML 5Page - Burr-Brown (TI) AFE1104 Datasheet HTML 6Page - Burr-Brown (TI) AFE1104 Datasheet HTML 7Page - Burr-Brown (TI) AFE1104 Datasheet HTML 8Page - Burr-Brown (TI) AFE1104 Datasheet HTML 9Page - Burr-Brown (TI) AFE1104 Datasheet HTML 10Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
®
AFE1104
7
FIGURE 2. Basic Connection Diagram.
rxHYB AND rxLINE INPUT ANTI-ALIASING FILTERS
The –3dB frequency of the input anti-aliasing filter for the
rxLINE and rxHYB differential inputs should be about
1MHz. Suggested values for the filter are 750
Ω for each of
the two input resistors and 100pF for the capacitor. Together
the two 750
Ω resistors and the 100pF capacitor result in a
–3dB frequency of just over 1MHz. The 750
Ω input resis-
tors will result in a minimal voltage divider loss with the
input impedance of the AFE1104.
This circuit applies at both T1 and E1 rates. For slower rates,
the antialiasing filters will give best performance with their
–3dB frequency approximately equal to the bit rate. For
example, a –3dB frequency of 500kHz should be used for a
single pair bit rate of 500kbps.
rxHYB AND rxLINE INPUT BIAS VOLTAGE
The transmitter output on the txLINE pins is centered at
midscale, 2.5V. But, the rxLINE input signal is centered at
1.5V in the circuit shown in Figure 2 above.
Inside the AFE1104, the rxHYB and rxLINE signals are
subtracted as described in the paragraph on echo cancella-
tion above. This means that the rxHYB inputs need to be
centered at 1.5V just as the rxLINE signal is centered at
1.5V. REFN (Pin 36) is a 1.5V voltage source. The external
compromise hybrid must be designed so that the signal into
the rxHYB inputs is centered at 1.5V.
PLL
OUT
REF
P
V
CM
REF
N
DV
DD
PV
DD
AV
DD
AFE1104
AV
DD
AV
DD
PLL
IN
txDAT
txCLK
rxSYNC
rxCLK
rxLOOP
rxGAIN1
rxGAIN0
rxD13 - rxD0
DAC+
TX_SYM_CLK
HOLD_
MCLK19_2
AD13 - AD0
SPAROW
AGND
PGND
DGND
AGND
AGND
AGND
txLINE
P
txLINE
N
rxHYB
P
rxHYB
N
rxLINE
N
rxLINE
P
1k
200
0.1µF
0.01µF
Neg
Neg
Pos
Pos
750
13
13
750
750
750
100pF
100pF
Compromise
Hybrid
0.01µF
5V Analog
0.1µF
0.1µF
10µF
0.1µF
0.1µF 0.1µF
1 - 10µF
+
5V to 3.3V Digital
5 - 10
Ω resistor for isolation
Input antialias
filter f
C ≅ 1MHz
1:2 Transformer
Tip
Ring
0.1µF
0.1µF
0.1µF
2k
2k
REF
N
2k
2k
REF
N
0.1µF
0.1µF
0.1µF
0.1µF
14


Similar Part No. - AFE1104

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
AFE1103 BURR-BROWN-AFE1103 Datasheet
204Kb / 10P
   HDSL/MDSL ANALOG FRONT END
AFE1103E BURR-BROWN-AFE1103E Datasheet
204Kb / 10P
   HDSL/MDSL ANALOG FRONT END
AFE1105 BURR-BROWN-AFE1105 Datasheet
206Kb / 10P
   HDSL/MDSL ANALOG FRONT END
AFE1105E BURR-BROWN-AFE1105E Datasheet
206Kb / 10P
   HDSL/MDSL ANALOG FRONT END
More results

Similar Description - AFE1104

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
AFE1144 BURR-BROWN-AFE1144 Datasheet
114Kb / 11P
   HDSL/MDSL ANALOG FRONT END
AFE1103 BURR-BROWN-AFE1103 Datasheet
204Kb / 10P
   HDSL/MDSL ANALOG FRONT END
AFE1105 BURR-BROWN-AFE1105 Datasheet
206Kb / 10P
   HDSL/MDSL ANALOG FRONT END
logo
Texas Instruments
AFE1124 TI1-AFE1124 Datasheet
884Kb / 17P
[Old version datasheet]   HDSL/MDSL ANALOG FRONT END
logo
Burr-Brown (TI)
AFE1124 BURR-BROWN-AFE1124 Datasheet
160Kb / 11P
   HDSL/MDSL ANALOG FRONT END
AFE1115 BURR-BROWN-AFE1115 Datasheet
219Kb / 12P
   HDSL/MDSL ANALOG FRONT END WITH VCXO
logo
Texas Instruments
AFE1115 TI1-AFE1115 Datasheet
183Kb / 14P
[Old version datasheet]   HDSL/MDSL ANALOG FRONT END WITH VCXO
AFE2124 TI1-AFE2124 Datasheet
178Kb / 14P
[Old version datasheet]   Dual HDSL/SDSL ANALOG FRONT END
logo
Burr-Brown (TI)
AFE2126 BURR-BROWN-AFE2126 Datasheet
148Kb / 11P
   Dual HDSL/SDSL ANALOG FRONT END
AFE2124 BURR-BROWN-AFE2124 Datasheet
187Kb / 11P
   Dual HDSL/SDSL ANALOG FRONT END
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com