Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFE1124E Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # AFE1124E
Description  HDSL/MDSL ANALOG FRONT END
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

AFE1124E Datasheet(HTML) 9 Page - Burr-Brown (TI)

Back Button AFE1124E Datasheet HTML 3Page - Burr-Brown (TI) AFE1124E Datasheet HTML 4Page - Burr-Brown (TI) AFE1124E Datasheet HTML 5Page - Burr-Brown (TI) AFE1124E Datasheet HTML 6Page - Burr-Brown (TI) AFE1124E Datasheet HTML 7Page - Burr-Brown (TI) AFE1124E Datasheet HTML 8Page - Burr-Brown (TI) AFE1124E Datasheet HTML 9Page - Burr-Brown (TI) AFE1124E Datasheet HTML 10Page - Burr-Brown (TI) AFE1124E Datasheet HTML 11Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
®
AFE1124
For the transmit channel, the pulse shape and the power
spectral density scale directly with the clock rate. The power
spectral density shown in Curve 1 and the pulse template
shown in Curve 2 are measured at the output of the trans-
former. The transformer and the RC circuit on the output
provide some smoothing for the output transmission. At
lower bit rates, the amount of smoothing will be less.
RXHYB AND RXLINE INPUT
ANTI-ALIASING FILTERS
An external input antialiasing filter is needed on the hybrid
and line inputs as shown in the Basic Connection Diagram
above. The –3dB frequency of the input anti-aliasing filter
for the rxLINE and rxHYB differential inputs should be
approximately 1MHz for T1 and E1 symbol rates. Suggested
values for the filter are 750
Ω for each of the two input
resistors and 100pF for the capacitor. Together the two
750
Ω resistors and the 100pF capacitor result in a 3dB
frequency of just over 1MHz. The 750
Ω input resistors will
result in minimal voltage divider loss with the input imped-
ance of the AFE1124.
The antialiasing filters will give best performance with 3dB
frequency approximately equal to the bit rate. For instance,
a 3dB frequency of 320kHz may be used for a single line bit
rate of 320k bits per second.
FIGURE 6. Basic Connection Diagram.
REF
P
V
CM
REF
N
DV
DD DVDD
AV
DD
AFE1124
AV
DD
AV
DD
rxbaudCLK
rx48xCLK
Data Out
txbaudCLK
tx48xCLK
Data In
HDSL DSP
GNDA
GNDA
GNDA
txLINE+
txLINE–
rxHYB+
rxHYB–
rxLINE–
rxLINE+
0.01µF
+
+
Compromise
Hybrid
Input Antialias Filter
fc
≅ 2 x Symbol Rate
0.01µF
5V Analog
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
1 - 10µF
100pF
750
100pF
750
750
13
13
750
5V to 3.3V Digital
1:2 Transformer
Tip
Ring
0.1µF
0.1µF
0.1µF


Similar Part No. - AFE1124E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE1124E/1K TI1-AFE1124E/1K Datasheet
884Kb / 17P
[Old version datasheet]   HDSL/MDSL ANALOG FRONT END
More results

Similar Description - AFE1124E

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
AFE1144 BURR-BROWN-AFE1144 Datasheet
114Kb / 11P
   HDSL/MDSL ANALOG FRONT END
AFE1103 BURR-BROWN-AFE1103 Datasheet
204Kb / 10P
   HDSL/MDSL ANALOG FRONT END
AFE1105 BURR-BROWN-AFE1105 Datasheet
206Kb / 10P
   HDSL/MDSL ANALOG FRONT END
logo
Texas Instruments
AFE1124 TI1-AFE1124 Datasheet
884Kb / 17P
[Old version datasheet]   HDSL/MDSL ANALOG FRONT END
logo
Burr-Brown (TI)
AFE1104E BURR-BROWN-AFE1104E Datasheet
203Kb / 10P
   HDSL/MDSL ANALOG FRONT END
AFE1115 BURR-BROWN-AFE1115 Datasheet
219Kb / 12P
   HDSL/MDSL ANALOG FRONT END WITH VCXO
logo
Texas Instruments
AFE1115 TI1-AFE1115 Datasheet
183Kb / 14P
[Old version datasheet]   HDSL/MDSL ANALOG FRONT END WITH VCXO
AFE2124 TI1-AFE2124 Datasheet
178Kb / 14P
[Old version datasheet]   Dual HDSL/SDSL ANALOG FRONT END
logo
Burr-Brown (TI)
AFE2126 BURR-BROWN-AFE2126 Datasheet
148Kb / 11P
   Dual HDSL/SDSL ANALOG FRONT END
AFE2124 BURR-BROWN-AFE2124 Datasheet
187Kb / 11P
   Dual HDSL/SDSL ANALOG FRONT END
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com