Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFE1203 Datasheet(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # AFE1203
Description  2Mbps, Single Pair HDSL ANALOG FRONT END
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

AFE1203 Datasheet(HTML) 10 Page - Burr-Brown (TI)

Back Button AFE1203 Datasheet HTML 2Page - Burr-Brown (TI) AFE1203 Datasheet HTML 3Page - Burr-Brown (TI) AFE1203 Datasheet HTML 4Page - Burr-Brown (TI) AFE1203 Datasheet HTML 5Page - Burr-Brown (TI) AFE1203 Datasheet HTML 6Page - Burr-Brown (TI) AFE1203 Datasheet HTML 7Page - Burr-Brown (TI) AFE1203 Datasheet HTML 8Page - Burr-Brown (TI) AFE1203 Datasheet HTML 9Page - Burr-Brown (TI) AFE1203 Datasheet HTML 10Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
®
AFE1203
LAYOUT
The analog front end of an HDSL system has a number of
conflicting requirements. It must accept and deliver digital
outputs at fairly high rates of speed, phase-lock to a high-
speed digital clock, and convert the line input to a high-
precision (14-bit) digital output. Thus, there are really three
sections of the AFE1203: the digital section, the phase-
locked loop, and the analog section. A combined analog and
digital ground plane is recommended. The ground plane
should pass under all of the AFE1203 and its pins.
The power supply for the digital section of the AFE1203 can
range from 3.3V to 5V. This supply should be decoupled to
ground with a ceramic 0.1
µF capacitor placed as close to
DGND (pin 12) and DVDD (pin 13) as possible. Ideally, both
a digital power supply plane and a ground plane should run
up to and underneath the digital pins of the AFE1203 (pins
3 through 26). However, DVDD may be supplied by a wide
printed circuit board (PCB) trace. A ground plane under-
neath all digital pins is strongly recommended.
The Phase Locked Loop (PLL) analog supply, pin 2, must be
derived from AVDD, the general analog supply. The power
supply to the PLL must be in the range of 4.75V to 5.25V.
The PLL section of the AFE1203 should be decoupled with
both a 10
µF tantalum capacitor and a 0.1µF ceramic capaci-
tor. Both capacitors should be placed between pins 1 and 2.
The ceramic capacitor should be placed as close to the
AFE1203 as possible. The placement of the tantalum capaci-
tor is not as critical, but should be close. A 5
Ω to 10Ω
resistor should be used to connect the PLL supply (pin 2) to
the analog supply. This resistor, in combination with the
10
µF tantalum capacitor, form a low pass filter to keep
glitches that occur on the general analog supply, AVDD,
from affecting the PLL supply. The PLL ground (pin 1)
should connect directly to the ground plane. The ground
plane should also extend underneath PLLOUT and PLLIN
(pins 47 and 48, respectively).
The remaining portion of the AFE1203 should be considered
analog. All AGND pins should be connected directly to the
common ground plane and all AVDD pins should be con-
nected to an analog 5V power plane. Both of these planes
should have a low impedance path to the power supply.
Ideally, all ground planes and traces and all power planes
and traces should return to the power supply connector
before being connected together (if necessary). Each ground
and power trace pair should be routed over each other,
should not overlap any portion of another pair, and the pairs
should be separated by a distance of at least 0.25 inch
(6mm).


Similar Part No. - AFE1203

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE1203 TI-AFE1203 Datasheet
880Kb / 15P
[Old version datasheet]   2Mbps, Single Pair HDSL ANALOG FRONT END
AFE1203 TI1-AFE1203 Datasheet
897Kb / 16P
[Old version datasheet]   2Mbps, Single Pair HDSL ANALOG FRONT END
AFE1203E TI-AFE1203E Datasheet
880Kb / 15P
[Old version datasheet]   2Mbps, Single Pair HDSL ANALOG FRONT END
AFE1203E/1K TI1-AFE1203E/1K Datasheet
897Kb / 16P
[Old version datasheet]   2Mbps, Single Pair HDSL ANALOG FRONT END
AFE1203E1K TI-AFE1203E1K Datasheet
880Kb / 15P
[Old version datasheet]   2Mbps, Single Pair HDSL ANALOG FRONT END
More results

Similar Description - AFE1203

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
AFE1205 BURR-BROWN-AFE1205 Datasheet
196Kb / 10P
   2Mbps, Single Pair HDSL ANALOG FRONT END
logo
Texas Instruments
AFE1203E TI-AFE1203E Datasheet
880Kb / 15P
[Old version datasheet]   2Mbps, Single Pair HDSL ANALOG FRONT END
AFE1203 TI1-AFE1203_14 Datasheet
897Kb / 16P
[Old version datasheet]   2Mbps, Single Pair HDSL ANALOG FRONT END
logo
Burr-Brown (TI)
AFE1224 BURR-BROWN-AFE1224 Datasheet
137Kb / 11P
   2Mbps, Single Pair ANALOG FRONT END
logo
Texas Instruments
AFE1224 TI1-AFE1224 Datasheet
152Kb / 13P
[Old version datasheet]   2Mbps, Single Pair ANALOG FRONT END
logo
Analog Devices
AD6472 AD-AD6472 Datasheet
114Kb / 8P
   2 Pair/1 Pair ETSI Compatible HDSL Analog Front End
REV. 0
AD5011 AD-AD5011 Datasheet
93Kb / 8P
   2 Pair/1 Pair ETSI Compatible HDSL Analog Front End
REV PrA
logo
Burr-Brown (TI)
AFE1144 BURR-BROWN-AFE1144 Datasheet
114Kb / 11P
   HDSL/MDSL ANALOG FRONT END
AFE1103 BURR-BROWN-AFE1103 Datasheet
204Kb / 10P
   HDSL/MDSL ANALOG FRONT END
AFE1105 BURR-BROWN-AFE1105 Datasheet
206Kb / 10P
   HDSL/MDSL ANALOG FRONT END
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com