Electronic Components Datasheet Search |
|
NBPLLNN015PAUNV Datasheet(PDF) 2 Page - Honeywell Accelerometers |
|
NBPLLNN015PAUNV Datasheet(HTML) 2 Page - Honeywell Accelerometers |
2 / 8 page 2 www.honeywell.com/sensing FEATURES AND BENEFITS Small Size: Package size (as small as 7 mm x 7 mm [0.276 in x 0.276 in]) is very small when compared to most board mount pressure sensors, occupying less space on the PCB and typically allowing for easy placement on crowded PCBs or in small devices Durable: Many features allow for use in tough environments, including: – Wide operating temperature range from -40 °C to 125 °C [-40 °F to 257 °F] – Media compatibility options: o Non-gel coating: The input port is limited to non- corrosive, non-ionic media such as dry air and gases and should not be exposed to condensation; the gases are limited to media that are compatible with high temperature polyamide, silicone, alumina ceramic, silicon, gold, and glass o Gel coating: Uses the same materials in the wetted media path but is protected from condensation by a silicone-based gel coating; allows use in applications where condensation can occur – ISO 9001 compliance Flexible: Numerous package styles, pressure ranges, housings, gel coating, and porting options simplify integration into the device manufacturer’s application Robust: Reflow mounting J-STD-020D, MSL 1 and rapid stabilization after reflow soldering allow calibration immediately after mounting POTENTIAL APPLICATIONS Medical: Hospital beds Oxygen concentrators Wound therapy Blood pressure monitoring Industrial: HVAC Transmitters Air movement control Environmental control Level indicators Leak detection Industrial controls Pneumatic controls Other commercial applications Table 1. Absolute Maximum Ratings 1 Parameter Min. Max. Unit Supply voltage (Vsupply) -12.0 12.0 Vdc ESD susceptibility (human body model) 2 kV Storage temperature -40 [-40] 125 [257] C [ F] Soldering time and temperature: lead solder temperature ( DIP) peak reflow temperature (Leadless SMT, SMT) 4 s max. at 250 °C [482 °F] 15 s max. at 250 °C [482 °F] Table 2. Operating Specifications Parameter Min. Typ. Max. Unit Supply voltage (Vsupply) 2 1.8 5.0 3 12.0 Vdc Supply current (at 5.0 Vdc supply) 1.5 2.5 mA Specified temperature range 4 -40 [-40] 125 [257] C [ F] Accuracy 5 0.25 %FSS BFSL 6 Input resistance 2.4 3.0 5.5 kOhm Thermal effect on resistance (TCR) 7 1200 3200 ppm/ C Table 3. Environmental Specifications Parameter Characteristic Humidity: all external surfaces internal surfaces of gel coating option internal surfaces of non-gel coating option 0 %RH to 95 %RH, non-condensing 0 %RH to 100 %RH, condensing 0 %RH to 95 %RH, non-condensing Vibration MIL-STD-202F, Method 214A, Condition 1E (15 g, 10 Hz to 2 kHz) Shock MIL-STD-202F, Method 213B, Condition F (100g, 6 ms duration) Life 8 1 million pressure cycles min. ESD MIL-STD-883 Method 3015.7, Class 2, 2kV, human body model Solder reflow J-STD-020D, MSL 1, unlimited storage life |
Similar Part No. - NBPLLNN015PAUNV |
|
Similar Description - NBPLLNN015PAUNV |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |