Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUF634 Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # BUF634
Description  250mA HIGH-SPEED BUFFER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

BUF634 Datasheet(HTML) 3 Page - Burr-Brown (TI)

  BUF634 Datasheet HTML 1Page - Burr-Brown (TI) BUF634 Datasheet HTML 2Page - Burr-Brown (TI) BUF634 Datasheet HTML 3Page - Burr-Brown (TI) BUF634 Datasheet HTML 4Page - Burr-Brown (TI) BUF634 Datasheet HTML 5Page - Burr-Brown (TI) BUF634 Datasheet HTML 6Page - Burr-Brown (TI) BUF634 Datasheet HTML 7Page - Burr-Brown (TI) BUF634 Datasheet HTML 8Page - Burr-Brown (TI) BUF634 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
®
BUF634
3
PIN CONFIGURATION
Top View
8-Pin Dip Package
SO-8 Surface-Mount Package
Top View
Supply Voltage .....................................................................................
±18V
Input Voltage Range ...............................................................................
±V
S
Output Short-Circuit (to ground) ................................................. Continuous
Operating Temperature ..................................................... –40
°C to +125°C
Storage Temperature ........................................................ –55
°C to +125°C
Junction Temperature ....................................................................... +150
°C
Lead Temperature (soldering,10s) .................................................... +300
°C
NC = No Connection
BW
NC
V
IN
V–
NC
V+
V
O
NC
1
2
3
4
8
7
6
5
G = 1
Any integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet
published specifications.
ELECTROSTATIC
DISCHARGE SENSITIVITY
NOTE: Tab electrically
connected to V–.
G = 1
G = 1
V–
V
O
V+
V
IN
BW
123 4 5
5-Lead
TO-220
V–
V
O
V+
V
IN
BW
123 4 5
5-Lead DDPAK
Surface Mount
PACKAGE
DRAWING
TEMPERATURE
PRODUCT
PACKAGE
NUMBER(1)
RANGE
BUF634P
8-Pin Plastic DIP
006
–40
°C to +85°C
BUF634U
SO-8 Surface-Mount
182
–40
°C to +85°C
BUF634T
5-Lead TO-220
315
–40
°C to +85°C
BUF634F
5-Lead DDPAK
325
–40
°C to +85°C
NOTE: (1) For detailed drawing and dimension table, please see end of data
sheet, or Appendix C of Burr-Brown IC Data Book.
PACKAGE/ORDERING INFORMATION
ABSOLUTE MAXIMUM RATINGS


Similar Part No. - BUF634

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
BUF634 BURR-BROWN-BUF634 Datasheet
248Kb / 12P
   250mA HIGH-SPEED BUFFER
BUF634 BURR-BROWN-BUF634 Datasheet
851Kb / 20P
   250mA HIGH-SPEED BUFFER
logo
Texas Instruments
BUF634 TI-BUF634 Datasheet
3Mb / 41P
[Old version datasheet]   BUF634A 36-V, 210-MHz, 250-mA Output, High-Speed Buffer
BUF634A TI1-BUF634A Datasheet
665Kb / 21P
[Old version datasheet]   210-MHz, 250-mA, high-speed buffer
BUF634A TI1-BUF634A Datasheet
2Mb / 34P
[Old version datasheet]   BUF634A 36-V, 210-MHz, 250-mA Output, High-Speed Buffer
More results

Similar Description - BUF634

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
BUF634 BURR-BROWN-BUF634_07 Datasheet
248Kb / 12P
   250mA HIGH-SPEED BUFFER
BUF634 BURR-BROWN-BUF634_12 Datasheet
851Kb / 20P
   250mA HIGH-SPEED BUFFER
logo
National Semiconductor ...
LM6121 NSC-LM6121 Datasheet
285Kb / 10P
   High Speed Buffer
logo
Calogic, LLC
CLM6121 CALOGIC-CLM6121 Datasheet
62Kb / 5P
   High Speed Buffer
logo
Texas Instruments
LM6121 TI1-LM6121 Datasheet
322Kb / 13P
[Old version datasheet]   High Speed Buffer
LM6125 TI1-LM6125 Datasheet
306Kb / 11P
[Old version datasheet]   High Speed Buffer
logo
Calogic, LLC
CLM4121 CALOGIC-CLM4121 Datasheet
58Kb / 6P
   High Speed Buffer
CLM6121 CALOGIC-CLM6121_15 Datasheet
82Kb / 6P
   High Speed Buffer
logo
National Semiconductor ...
LM6125 NSC-LM6125 Datasheet
261Kb / 9P
   High Speed Buffer
LM6121 NSC-LM6121_04 Datasheet
328Kb / 11P
   High Speed Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com