Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUF634U Datasheet(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # BUF634U
Description  250mA HIGH-SPEED BUFFER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

BUF634U Datasheet(HTML) 10 Page - Burr-Brown (TI)

Back Button BUF634U Datasheet HTML 3Page - Burr-Brown (TI) BUF634U Datasheet HTML 4Page - Burr-Brown (TI) BUF634U Datasheet HTML 5Page - Burr-Brown (TI) BUF634U Datasheet HTML 6Page - Burr-Brown (TI) BUF634U Datasheet HTML 7Page - Burr-Brown (TI) BUF634U Datasheet HTML 8Page - Burr-Brown (TI) BUF634U Datasheet HTML 9Page - Burr-Brown (TI) BUF634U Datasheet HTML 10Page - Burr-Brown (TI) BUF634U Datasheet HTML 11Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
BUF634F
OBSOLETE
DDPAK/
TO-263
KTT
5
TBD
Call TI
Call TI
BUF634F/500
ACTIVE
DDPAK/
TO-263
KTT
5
500
TBD
CU SNPB
Level-3-220C-168 HR
BUF634FKTTT
ACTIVE
DDPAK/
TO-263
KTT
5
50
TBD
CU SNPB
Level-3-220C-168 HR
BUF634P
ACTIVE
PDIP
P
8
50
TBD
CU SNPB
Level-NA-NA-NA
BUF634T
ACTIVE
TO-220
KC
5
49
Green (RoHS &
no Sb/Br)
TAMAC2-1/2H
SN
Level-NC-NC-NC
BUF634U
ACTIVE
SOIC
D
8
100
TBD
CU NIPDAU
Level-3-220C-168 HR
BUF634U/2K5
ACTIVE
SOIC
D
8
2500
TBD
CU NIPDAU
Level-3-220C-168 HR
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2)
Eco
Plan
-
The
planned
eco-friendly
classification:
Pb-Free
(RoHS)
or
Green
(RoHS
&
no
Sb/Br)
-
please
check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
25-Oct-2005
Addendum-Page 1


Similar Part No. - BUF634U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
BUF634U BURR-BROWN-BUF634U Datasheet
248Kb / 12P
   250mA HIGH-SPEED BUFFER
BUF634U BURR-BROWN-BUF634U Datasheet
851Kb / 20P
   250mA HIGH-SPEED BUFFER
BUF634U-2K5 BURR-BROWN-BUF634U-2K5 Datasheet
851Kb / 20P
   250mA HIGH-SPEED BUFFER
BUF634U-2K5E4 BURR-BROWN-BUF634U-2K5E4 Datasheet
851Kb / 20P
   250mA HIGH-SPEED BUFFER
BUF634U/2K5 BURR-BROWN-BUF634U/2K5 Datasheet
248Kb / 12P
   250mA HIGH-SPEED BUFFER
More results

Similar Description - BUF634U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
BUF634 BURR-BROWN-BUF634_07 Datasheet
248Kb / 12P
   250mA HIGH-SPEED BUFFER
BUF634 BURR-BROWN-BUF634_12 Datasheet
851Kb / 20P
   250mA HIGH-SPEED BUFFER
logo
National Semiconductor ...
LM6121 NSC-LM6121 Datasheet
285Kb / 10P
   High Speed Buffer
logo
Calogic, LLC
CLM6121 CALOGIC-CLM6121 Datasheet
62Kb / 5P
   High Speed Buffer
logo
Texas Instruments
LM6121 TI1-LM6121 Datasheet
322Kb / 13P
[Old version datasheet]   High Speed Buffer
LM6125 TI1-LM6125 Datasheet
306Kb / 11P
[Old version datasheet]   High Speed Buffer
logo
Calogic, LLC
CLM4121 CALOGIC-CLM4121 Datasheet
58Kb / 6P
   High Speed Buffer
CLM6121 CALOGIC-CLM6121_15 Datasheet
82Kb / 6P
   High Speed Buffer
logo
National Semiconductor ...
LM6125 NSC-LM6125 Datasheet
261Kb / 9P
   High Speed Buffer
LM6121 NSC-LM6121_04 Datasheet
328Kb / 11P
   High Speed Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com