Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NBPMANN100PAUNV Datasheet(PDF) 1 Page - Honeywell Accelerometers

Part # NBPMANN100PAUNV
Description  Basic Board Mount Pressure Sensors: NBP Series??Uncompensated/Unamplified
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

NBPMANN100PAUNV Datasheet(HTML) 1 Page - Honeywell Accelerometers

  NBPMANN100PAUNV Datasheet HTML 1Page - Honeywell Accelerometers NBPMANN100PAUNV Datasheet HTML 2Page - Honeywell Accelerometers NBPMANN100PAUNV Datasheet HTML 3Page - Honeywell Accelerometers NBPMANN100PAUNV Datasheet HTML 4Page - Honeywell Accelerometers NBPMANN100PAUNV Datasheet HTML 5Page - Honeywell Accelerometers NBPMANN100PAUNV Datasheet HTML 6Page - Honeywell Accelerometers NBPMANN100PAUNV Datasheet HTML 7Page - Honeywell Accelerometers NBPMANN100PAUNV Datasheet HTML 8Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Basic Board Mount Pressure
Sensors: NBP Series
Uncompensated/Unamplified
1 Bar to 10 Bar [15 psi to 150 psi]
DESCRIPTION
Honeywell’s Basic Board Mount Pressure Sensors: NBP
Series Uncompensated/Unamplified are designed for
customers who require a simple, cost-effective, basic
performance, mV output, unamplified, uncompensated, high
quality, high resolution solution for medical and industrial
applications.
These unamplified and uncompensated sensors offer infinite
resolution of the pressure signal. They will operate as specified
from -40 °C to 125 °C [-40 °F to 257 °F].
The NBP Series is ideal for those customers who want to do
their own compensation, calibration, and amplification in order
to make use of the maximum resolution of the bare sensor
output, leveraging a custom algorithm required for the
application.
Additionally, the NBP Series offers several package styles and
mounting options, making it easier for device manufacturers to
integrate the product into their applications.
The NBP Series measures absolute and gage pressures. The
absolute versions have an internal vacuum reference and an
output value proportional to absolute pressure. Gage versions
are referenced to atmospheric pressure and provide an output
proportional to pressure variations from atmosphere.
The NBP Series sensors are intended for use with non-
corrosive, non-ionic gases, such as air and other dry gases
and for non-corrosive, non-ionic liquids. All products are
designed and manufactured according to ISO 9001.
VALUE TO CUSTOMERS
Cost-effective: These devices provide a cost-effective
pressure sensing solution with a variety of options that
allow customers to meet their specific application needs
Honeywell brand:
– Manufacturing excellence: Honeywell has more than
100 years of manufacturing and engineering
excellence
– Fast Request for Quotes (RFQs): Responding
quickly to your RFQs and product sample needs is a
hallmark of Honeywell. Our experienced engineers
understand the importance of timely quotes. And
because Honeywell is a manufacturer, you can depend
on a quick response to your prototype needs.
– Fast response for samples: Dedicated teams and
manufacturing processes ensure that product samples
are shipped quickly and delivered in time to support
your demanding product development cycle
– Reliable supply chain: Honeywell’s effective
inventory management and dependable supply chain is
there throughout your development cycle
– Designed to Six Sigma standards: Six Sigma
standards provide the highest level of product quality,
performance, and consistency. Six Sigma provides
confidence that the sensor will perform to specification.
Many competitive products are produced to lower
Sigma tolerances, which may result in some products
not performing to the specification to which they were
designed.
– Supporting documentation: Honeywell’s website
provides numerous technical materials to assist you in
your application needs


Similar Part No. - NBPMANN100PAUNV

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
NBPMANN001BAUNV HONEYWELL-ACC-NBPMANN001BAUNV Datasheet
431Kb / 8P
   Basic Board Mount Pressure Sensors: NBP Series??Uncompensated/Unamplified
NBPMANN001BGUNV HONEYWELL-ACC-NBPMANN001BGUNV Datasheet
431Kb / 8P
   Basic Board Mount Pressure Sensors: NBP Series??Uncompensated/Unamplified
NBPMANN004BAUNV HONEYWELL-ACC-NBPMANN004BAUNV Datasheet
431Kb / 8P
   Basic Board Mount Pressure Sensors: NBP Series??Uncompensated/Unamplified
NBPMANN004BGUNV HONEYWELL-ACC-NBPMANN004BGUNV Datasheet
431Kb / 8P
   Basic Board Mount Pressure Sensors: NBP Series??Uncompensated/Unamplified
NBPMANN006BAUNV HONEYWELL-ACC-NBPMANN006BAUNV Datasheet
431Kb / 8P
   Basic Board Mount Pressure Sensors: NBP Series??Uncompensated/Unamplified
More results

Similar Description - NBPMANN100PAUNV

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
NBPDLNN060PAUNV HONEYWELL-ACC-NBPDLNN060PAUNV Datasheet
431Kb / 8P
   Basic Board Mount Pressure Sensors: NBP Series??Uncompensated/Unamplified
logo
Honeywell Solid State E...
NBPDANN150PAUNV HONEYWELL-NBPDANN150PAUNV Datasheet
431Kb / 8P
   Basic Board Mount Pressure Sensors: NBP Series??Uncompensated/Unamplified
logo
Sensortechnics GmbH
24PC0050DSMT SENSORTECHNICS-24PC0050DSMT Datasheet
181Kb / 4P
   Unamplified, uncompensated pressure sensors
24PC0050D2 SENSORTECHNICS-24PC0050D2 Datasheet
55Kb / 4P
   Unamplified, uncompensated pressure sensors
24PC0035D2 SENSORTECHNICS-24PC0035D2 Datasheet
60Kb / 4P
   Unamplified, uncompensated pressure sensors
24PC0070DSMT SENSORTECHNICS-24PC0070DSMT Datasheet
241Kb / 4P
   Unamplified, uncompensated pressure sensors
logo
Honeywell Accelerometer...
NSCDNNN015PAUNV HONEYWELL-ACC-NSCDNNN015PAUNV Datasheet
1Mb / 12P
   TruStability짰 Board Mount Pressure Sensors: NSC Series?밬ncompensated/Unamplified
NSCDANN150PGUNV HONEYWELL-ACC-NSCDANN150PGUNV Datasheet
1Mb / 12P
   TruStability짰 Board Mount Pressure Sensors:NSC Series.Uncompensated/Unamplified
logo
All Sensors Corporation
DS-0165 ASC-DS-0165 Datasheet
323Kb / 2P
   Surface Mount Basic Pressure Sensors
DS-01651 ASC-DS-01651 Datasheet
323Kb / 2P
   Surface Mount Basic Pressure Sensors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com