Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC2814AP Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # DAC2814AP
Description  DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER Serial Interface
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC2814AP Datasheet(HTML) 1 Page - Burr-Brown (TI)

  DAC2814AP Datasheet HTML 1Page - Burr-Brown (TI) DAC2814AP Datasheet HTML 2Page - Burr-Brown (TI) DAC2814AP Datasheet HTML 3Page - Burr-Brown (TI) DAC2814AP Datasheet HTML 4Page - Burr-Brown (TI) DAC2814AP Datasheet HTML 5Page - Burr-Brown (TI) DAC2814AP Datasheet HTML 6Page - Burr-Brown (TI) DAC2814AP Datasheet HTML 7Page - Burr-Brown (TI) DAC2814AP Datasheet HTML 8Page - Burr-Brown (TI) DAC2814AP Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
A
20k
20k
20k
20k
10k
10k
Logic
16
15
12
11
19
14
18
17
6
10
7
8
1
+V
Out
REF
Inv In
Inv Out
V
In
REF
BPO A
V
A
OUT
BPO B
V
B
OUT
+V
L
+V
S
–V
S
AGND
DGND
10V
Ref
DAC A
DAC B
DAC2814
3
A
1
A
2
Serial
Data
Out
5
Serial
Data and
Control In
DAC2814
FEATURES
q COMPLETE DUAL DAC —
INCLUDES INTERNAL REFERENCES AND
OUTPUT AMPLIFIERS
q GUARANTEED SPECIFICATIONS OVER
TEMPERATURE
q GUARANTEED MONOTONIC OVER
TEMPERATURE
DESCRIPTION
The DAC2814 is one in a family of dual and quad 12-
bit digital-to-analog converters. Serial, 8-bit, 12-bit
interfaces are available.
The DAC2814 is complete. It contains CMOS logic,
switches, a high-performance buried-zener reference,
and low-noise bipolar output amplifiers. No external
components are required for either unipolar 0 to 10V,
0 to –10V, or bipolar
±10V output ranges.
The DAC2814 has a high-speed serial interface
capable of being clocked at 10MHz. Serial data are
clocked DAC B MSB first into a 24-bit shift register,
then strobed into each DAC separately or simulta-
neously as required. The DAC has an asynchronous
clear control for reset to unipolar or bipolar zero
depending on the mode selected. This feature is useful
for power-on reset or system calibration. The DAC2814
is packaged in a 24-pin plastic DIP rated for the –40
°C
to +85
°C extended industrial temperature range.
High-stability laser-trimmed thin film resistors assure
high reliability and true 12-bit integral and differential
linearity over the full specified temperature range.
DUAL 12-BIT DIGITAL-TO-ANALOG
CONVERTER (Serial Interface)
q HIGH-SPEED SERIAL INTERFACE
(10MHz CLOCK)
q LOW POWER: 300mW (150mW/DAC)
q LOW GAIN DRIFT: 5ppm/
°C
q LOW NONLINEARITY:
±1/2 LSB max
q UNIPOLAR OR BIPOLAR OUTPUT
q CLEAR/RESET TO UNIPOLAR OR
BIPOLAR ZERO
®
International Airport Industrial Park
Mailing Address: PO Box 11400
Tucson, AZ 85734
Street Address: 6730 S. Tucson Blvd.
• Tucson, AZ 85706
Tel: (520) 746-1111
Twx: 910-952-1111
Cable: BBRCORP
Telex: 066-6491
FAX: (520) 889-1510
Immediate Product Info: (800) 548-6132
© 1991 Burr-Brown Corporation
PDS-1103B
Printed in U.S.A. October, 1993


Similar Part No. - DAC2814AP

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
DAC2812D MSK-DAC2812D Datasheet
192Kb / 7P
   6W DUAL DC - DC CONVERTERS
DAC2812DH MSK-DAC2812DH Datasheet
192Kb / 7P
   6W DUAL DC - DC CONVERTERS
DAC2812D MSK-DAC2812D_15 Datasheet
415Kb / 9P
   Wave Solderable Package
DAC2812S MSK-DAC2812S Datasheet
428Kb / 9P
   5.4W DC-DC CONVERTERS
DAC2812SE MSK-DAC2812SE Datasheet
428Kb / 9P
   5.4W DC-DC CONVERTERS
More results

Similar Description - DAC2814AP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC4814 BURR-BROWN-DAC4814 Datasheet
235Kb / 12P
   Quad 12-Bit Digital-to-Analog Converter Serial Interface
DAC2813 BURR-BROWN-DAC2813 Datasheet
116Kb / 9P
   DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER 12-bit port interface
DAC7612 BURR-BROWN-DAC7612 Datasheet
126Kb / 12P
   Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7612U2K5G4 TI1-DAC7612U2K5G4 Datasheet
322Kb / 16P
[Old version datasheet]   Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7612U2K5 TI1-DAC7612U2K5 Datasheet
322Kb / 16P
[Old version datasheet]   Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC2815 BURR-BROWN-DAC2815 Datasheet
224Kb / 11P
   DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER 8-Bit Port Interface
DAC7611 BURR-BROWN-DAC7611 Datasheet
182Kb / 12P
   12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7611PBG4 TI-DAC7611PBG4 Datasheet
321Kb / 17P
[Old version datasheet]   12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC4813 BURR-BROWN-DAC4813 Datasheet
213Kb / 8P
   QUAD 12-BIT DIGITAL-TO-ANALOG CONVERTER 12-bit port interface
logo
Texas Instruments
DAC7811 TI-DAC7811 Datasheet
698Kb / 18P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com