Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC2815BP Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # DAC2815BP
Description  DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER 8-Bit Port Interface
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC2815BP Datasheet(HTML) 3 Page - Burr-Brown (TI)

  DAC2815BP Datasheet HTML 1Page - Burr-Brown (TI) DAC2815BP Datasheet HTML 2Page - Burr-Brown (TI) DAC2815BP Datasheet HTML 3Page - Burr-Brown (TI) DAC2815BP Datasheet HTML 4Page - Burr-Brown (TI) DAC2815BP Datasheet HTML 5Page - Burr-Brown (TI) DAC2815BP Datasheet HTML 6Page - Burr-Brown (TI) DAC2815BP Datasheet HTML 7Page - Burr-Brown (TI) DAC2815BP Datasheet HTML 8Page - Burr-Brown (TI) DAC2815BP Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
®
DAC2 815
3
POWER SUPPLY
+VS and –VS
±11.4
±15
±18
*
*
*
V
+VL
4.5
5
5.5
*
*
*
V
+IS
+10
+13.5
*
*
mA
–IS
–10
–13.5
*
*
mA
+IL
Digital Inputs = 0V or +VL
0.2
1
*
*
mA
+IL
Digital Inputs = VIL or VIH
5*
mA
Total Power, All DACs
300
410
*
*
mW
TEMPERATURE RANGE
Specified
–40
+85
*
*
°C
Operating
–40
+85
*
*
°C
Thermal Resistance,
θ
JA
75
*
°C/W
SPECIFICATIONS (CONT), Guaranteed over T
A = –40°C to +85°C unless otherwise specified.
ELECTRICAL
Specifications as shown for VS = ±12V or ±15V, VL = +5V, and RL = 2kΩ unless otherwise noted.
DAC2815AP
DAC2815BP
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
NOTES: (1) End point linearity. (2) Guaranteed monotonic. (3) Change in bipolar full scale output. Includes voltage output DAC, voltage reference, and reference
inverter. (4) Inverter output with inverter input connected to +V
REF
. (5) Guaranteed but not tested.
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
ELECTROSTATIC
DISCHARGE SENSITIVITY
Electrostatic discharge can cause damage ranging from
performance degradation to complete device failure. Burr-
Brown Corporation recommends that all integrated circuits be
handled and stored using appropriate ESD protection
methods.
ORDERING INFORMATION
LINEARITY ERROR
MODEL
(LSB)
DAC2815AP
±1
DAC2815BP
±1/2
PACKAGE INFORMATION
PACKAGE DRAWING
MODEL
PACKAGE
NUMBER(1)
DAC2815AP
28-Pin Plastic DIP
215
DAC2815BP
28-Pin Plastic DIP
215
NOTE: (1) For detailed drawing and dimension table, please see end of data
sheet, or Appendix D of Burr-Brown IC Data Book.
ABSOLUTE MAXIMUM RATINGS
+VL to AGND ................................................................................. 0V, +7V
+VL to DGND ................................................................................ 0V, +7V
+VS to AGND .............................................................................. 0V, +18V
–VS to AGND ............................................................................... 0V,–18V
AGND to DGND ................................................................................
±0.3V
Any digital input to DGND .............................................. –0.3V, +VL +0.3V
Ref In to AGND ..................................................................................
±25V
Ref In to DGND ..................................................................................
±25V
Storage Temperature Range .......................................... –55
°C to +125°C
Operating Temperature Range ......................................... –40
°C to +85°C
Lead Temperature (soldering, 10s) ................................................ +300
°C
Junction Temperature .................................................................... +155
°C
Output Short Circuit ................................... Continuous to common or
±V
S
Reference Short Circuit .............................. Continuous to common or +VS


Similar Part No. - DAC2815BP

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
DAC2815D MSK-DAC2815D Datasheet
192Kb / 7P
   6W DUAL DC - DC CONVERTERS
DAC2815DH MSK-DAC2815DH Datasheet
192Kb / 7P
   6W DUAL DC - DC CONVERTERS
DAC2815D MSK-DAC2815D_15 Datasheet
415Kb / 9P
   All Ceramic Capacitors
DAC2815S MSK-DAC2815S Datasheet
428Kb / 9P
   5.4W DC-DC CONVERTERS
DAC2815SE MSK-DAC2815SE Datasheet
428Kb / 9P
   5.4W DC-DC CONVERTERS
More results

Similar Description - DAC2815BP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC2813 BURR-BROWN-DAC2813 Datasheet
116Kb / 9P
   DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER 12-bit port interface
DAC4815 BURR-BROWN-DAC4815 Datasheet
179Kb / 10P
   Quad 12-Bit Digital-to-Analog Converter 8-Bit Port Interface
DAC4813 BURR-BROWN-DAC4813 Datasheet
213Kb / 8P
   QUAD 12-BIT DIGITAL-TO-ANALOG CONVERTER 12-bit port interface
DAC2814 BURR-BROWN-DAC2814 Datasheet
210Kb / 11P
   DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER Serial Interface
DAC4814 BURR-BROWN-DAC4814 Datasheet
235Kb / 12P
   Quad 12-Bit Digital-to-Analog Converter Serial Interface
DAC2932 BURR-BROWN-DAC2932 Datasheet
343Kb / 24P
   DUAL 12-BIT 40MSPS DIGITAL TO ANALOG CONVERTER
logo
Texas Instruments
DAC2902 TI-DAC2902_15 Datasheet
979Kb / 23P
[Old version datasheet]   Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2902 TI1-DAC2902 Datasheet
766Kb / 22P
[Old version datasheet]   Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2932 TI1-DAC2932 Datasheet
829Kb / 29P
[Old version datasheet]   Dual, 12-Bit, 40MSPS Digital-to-analog Converter
ADS5402 TI-ADS5402 Datasheet
575Kb / 40P
[Old version datasheet]   Dual 12-Bit 800Msps Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com