Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMB02070Z1000DB200 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # MMB02070Z1000DB200
Description  Professional MELF Resistors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MMB02070Z1000DB200 Datasheet(HTML) 5 Page - Vishay Siliconix

  MMB02070Z1000DB200 Datasheet HTML 1Page - Vishay Siliconix MMB02070Z1000DB200 Datasheet HTML 2Page - Vishay Siliconix MMB02070Z1000DB200 Datasheet HTML 3Page - Vishay Siliconix MMB02070Z1000DB200 Datasheet HTML 4Page - Vishay Siliconix MMB02070Z1000DB200 Datasheet HTML 5Page - Vishay Siliconix MMB02070Z1000DB200 Datasheet HTML 6Page - Vishay Siliconix MMB02070Z1000DB200 Datasheet HTML 7Page - Vishay Siliconix MMB02070Z1000DB200 Datasheet HTML 8Page - Vishay Siliconix MMB02070Z1000DB200 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
www.vishay.com
For technical questions, contact: melf@vishay.com
Document Number: 28713
18
Revision: 05-Mar-12
MMU 0102, MMA 0204, MMB 0207 - Professional
Vishay Beyschlag
Professional MELF Resistors
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
FUNCTIONAL PERFORMANCE
C
100
150
0
- 50
0
50
0.5
1
W
70
ϑ
Ambient Temperature
amb
MMB 0207
MMU 0102
MMA 0204
Derating - Standard Operation
C
100
150
0
- 50
0
50
0.5
1
W
70
MMB 0207
MMU 0102
MMA 0204
(1)
amb
ϑ
Ambient Temperature
Derating - Power Operation
Note
(1) Specified power rating requires dedicated heat sink pads
100 µs
1 ms
10 ms
1
1 s
10 s
0.1
W
10 µs
100 ms
100
10
MMB 0207
MMU 0102
MMA 0204
Single Pulse
Maximum pulse load, single pulse; applicable if
P
0 and n
≤ 1000 and U ≤ Umax.;
for permissible resistance change equivalent to 8000 h operation
Pulse Duration
t
i


Similar Part No. - MMB02070Z1000DB200

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MMB02070Z0000DB000 VISHAY-MMB02070Z0000DB000 Datasheet
241Kb / 13P
   MMU 0102, MMA 0204, MMB 0207 - Professional
Revision: 05-Mar-12
MMB02070Z0000DB200 VISHAY-MMB02070Z0000DB200 Datasheet
241Kb / 13P
   MMU 0102, MMA 0204, MMB 0207 - Professional
Revision: 05-Mar-12
MMB02070Z0000DB300 VISHAY-MMB02070Z0000DB300 Datasheet
241Kb / 13P
   MMU 0102, MMA 0204, MMB 0207 - Professional
Revision: 05-Mar-12
MMB02070Z0000FB000 VISHAY-MMB02070Z0000FB000 Datasheet
241Kb / 13P
   MMU 0102, MMA 0204, MMB 0207 - Professional
Revision: 05-Mar-12
MMB02070Z0000FB200 VISHAY-MMB02070Z0000FB200 Datasheet
241Kb / 13P
   MMU 0102, MMA 0204, MMB 0207 - Professional
Revision: 05-Mar-12
More results

Similar Description - MMB02070Z1000DB200

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MMA02040C3303FB300 VISHAY-MMA02040C3303FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMU01020C1009FB300 VISHAY-MMU01020C1009FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMA02040C2203FB300 VISHAY-MMA02040C2203FB300 Datasheet
256Kb / 14P
   Professional MELF Resistors
Revision: 05-Mar-12
MMA02040C3301FB300 VISHAY-MMA02040C3301FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMU01020C3003FB300 VISHAY-MMU01020C3003FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMA02040C1209FB300 VISHAY-MMA02040C1209FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMA02040C1008FB300 VISHAY-MMA02040C1008FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMA02040C1808FB300 VISHAY-MMA02040C1808FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMA02040C4701FB300 VISHAY-MMA02040C4701FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMU01020C2202FB300 VISHAY-MMU01020C2202FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMU0102 VISHAY-MMU0102 Datasheet
203Kb / 13P
   Professional MELF Resistors
Revision: 18-Jul-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com