Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA02040C1000FB200 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # MMA02040C1000FB200
Description  Professional MELF Resistors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MMA02040C1000FB200 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button MMA02040C1000FB200 Datasheet HTML 5Page - Vishay Siliconix MMA02040C1000FB200 Datasheet HTML 6Page - Vishay Siliconix MMA02040C1000FB200 Datasheet HTML 7Page - Vishay Siliconix MMA02040C1000FB200 Datasheet HTML 8Page - Vishay Siliconix MMA02040C1000FB200 Datasheet HTML 9Page - Vishay Siliconix MMA02040C1000FB200 Datasheet HTML 10Page - Vishay Siliconix MMA02040C1000FB200 Datasheet HTML 11Page - Vishay Siliconix MMA02040C1000FB200 Datasheet HTML 12Page - Vishay Siliconix MMA02040C1000FB200 Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
www.vishay.com
For technical questions, contact: melf@vishay.com
Document Number: 28713
22
Revision: 05-Mar-12
MMU 0102, MMA 0204, MMB 0207 - Professional
Vishay Beyschlag
Professional MELF Resistors
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
4.39
67 (Cy)
Damp heat,
steady state,
accelerated
(85 ± 2)
C;
(85 ± 5) % RH;
U = 0.3 x
100 V; 1000 h
± (0.25 %
R +10 m
) ±(0.5 % R + 10 m)±(1 % R + 10 m)±(2 % R + 10 m)
4.23
Climatic
sequence:
±
(0.15 % R + 10 m) ± (0.5 % R + 10 m)±(1 % R + 10 m)±(1 % R + 10 m)
4.23.2
2 (Bb)
dry heat
UCT; 16 h
4.23.3
30 (Db)
damp heat,
cyclic
55 °C; 24 h;
90 % RH; 1 cycle
4.23.4
1 (Ab)
cold
LCT; 2 h
4.23.5
13 (M)
low air
pressure
8.5kPa; 2h;
(25 ±
10) °C
4.23.6
30 (Db)
damp heat,
cyclic
55 °C; 24 h;
90 % RH;
5 cycles
4.23.7
-
DC load
U =
U
max; 1 min.
LCT = - 55 °C;
UCT = 155 °C
-
1 (Ab)
Cold
- 55 °C; 2 h
± (0.05 %
R +5 m
)±(0.1 % R +5 m)
4.19
14 (Na)
Rapid
change of
temperature
30 min at LCT;
30 min at UCT;
LCT = - 55 °C;
UCT = 125 °C
5 cycles
± (0.05 %
R + 10 m
)±(0.1 % R + 10 m)
1000 cycles
±
(0.15 % R +10 m)
±
(0.25 % R + 10 m)
LCT = - 55 °C;
UCT = 155 °C
1000 cycles
±
(0.25 % R +10 m)
± (0.5 %
R +10 m
)
4.13
-
Short time
overload:
standard
operation
mode
U = 2.5 x
2 x U
max; 5 s
±
(0.03 % R +5 m)±(0.15 % R +5 m)
Short time
overload:
power
operation
mode
±
(0.05 % R +5 m)±(0.15 % R +5 m)
TEST PROCEDURES AND REQUIREMENTS
EN
60115-1
CLAUSE
IEC
60068-2 (2)
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS
PERMISSIBLE CHANGE (
R)
STABILITY
CLASS 0.25
OR BETTER
STABILITY
CLASS 0.5
OR BETTER
STABILITY
CLASS 1
OR BETTER
STABILITY
CLASS 2
OR BETTER
Stability for
product types:
MMU 0102
10
 to 221k
1
 to < 10 
< 1
> 221 k
MMA 0204
10
 to 332 k
1
 to < 10 
< 1
> 332 k
MMB 0207
10
 to 1 M
1
 to < 10 
< 1
> 1 M
P
70 x R
P
70 x R
P
70 x R


Similar Part No. - MMA02040C1000FB200

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MMA02040C1008FB300 VISHAY-MMA02040C1008FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMA02040C1009FB300 VISHAY-MMA02040C1009FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
More results

Similar Description - MMA02040C1000FB200

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MMA02040C3303FB300 VISHAY-MMA02040C3303FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMU01020C1009FB300 VISHAY-MMU01020C1009FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMA02040C2203FB300 VISHAY-MMA02040C2203FB300 Datasheet
256Kb / 14P
   Professional MELF Resistors
Revision: 05-Mar-12
MMA02040C3301FB300 VISHAY-MMA02040C3301FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMU01020C3003FB300 VISHAY-MMU01020C3003FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMA02040C1209FB300 VISHAY-MMA02040C1209FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMA02040C1008FB300 VISHAY-MMA02040C1008FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMA02040C1808FB300 VISHAY-MMA02040C1808FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMA02040C4701FB300 VISHAY-MMA02040C4701FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMU01020C2202FB300 VISHAY-MMU01020C2202FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMU0102 VISHAY-MMU0102 Datasheet
203Kb / 13P
   Professional MELF Resistors
Revision: 18-Jul-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com