Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA75A Datasheet(PDF) 1 Page - Motorola, Inc

Part # SA75A
Description  MOSORB ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SA75A Datasheet(HTML) 1 Page - Motorola, Inc

  SA75A Datasheet HTML 1Page - Motorola, Inc SA75A Datasheet HTML 2Page - Motorola, Inc SA75A Datasheet HTML 3Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MOTOROLA
SEMICONDUCTOR
TECHNICAL DATA
Motorola TVS/Zener Device Data
4-1
500 Watt Peak Power Data Sheet
Devices listed in bold, italic are Motorola preferred devices.
Zener Transient Voltage Suppressors
Unidirectional and Bidirectional
The SA5.0A series is designed to protect voltage sensitive components from high volt-
age, high energy transients. They have excellent clamping capability, high surge capability,
low zener impedance and fast response time. The SA5.0A series is supplied in Motorola’s
exclusive, cost-effective, highly reliable Surmetic axial leaded package and is ideally-suited
for use in communication systems, numerical controls, process controls, medical equip-
ment, business machines, power supplies and many other industrial/consumer applications.
Specification Features:
Stand-off Zener Voltage Range — 5 to 170 V
Peak Power — 500 Watts @ 1 ms
Maximum Clamp Voltage @ Peak Pulse Current
Low Leakage < 1 µA Above 8.5 Volts
Maximum Temperature Coefficient Specified
Response Time is Typically Less than 1 ns
Mechanical Characteristics:
CASE: Void-free, transfer-molded, thermosetting plastic
FINISH: All external surfaces are corrosion resistant and leads are readily solderable
POLARITY: Cathode indicated by polarity band. When operated in zener mode, will be
positive with respect to anode
MOUNTING POSITION: Any
WAFER FAB LOCATION: Phoenix, Arizona
ASSEMBLY/TEST LOCATION: Guadalajara, Mexico
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Power Dissipation (1)
@ TL ≤ 25°C
PPK
500
Watts
Steady State Power Dissipation
@ TL ≤ 75°C, Lead Length = 3/8″
Derated above TL = 75°C
PD
3
30
Watts
mW/
°C
Forward Surge Current (2)
@ TA = 25°C
IFSM
70
Amps
Operating and Storage Temperature Range
TJ, Tstg
– 55 to +175
°C
Lead Temperature not less than 1/16
″ from the case for 10 seconds: 230°C
NOTES: 1. Nonrepetitive current pulse per Figure 4 and derated above TA = 25°C per Figure 2.
NOTES: 2. 1/2 sine wave (or equivalent square wave), PW = 8.3 ms, duty cycle = 4 pulses per minute maximum.
SA5.0A
through
SA170A
MOSORB
ZENER OVERVOLTAGE
TRANSIENT
SUPPRESSORS
5–170 VOLT
500 WATT PEAK POWER
3 WATT STEADY STATE
CASE 59-04
PLASTIC


Similar Part No. - SA75A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA75A PANJIT-SA75A Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
UN Semiconducctor INC
SA75A UNSEMI-SA75A Datasheet
3Mb / 7P
   5.0 To 190V 500W Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Pan Jit International I...
SA75A PANJIT-SA75A Datasheet
103Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER
logo
Won-Top Electronics
SA75A WTE-SA75A Datasheet
82Kb / 6P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SA75A SOCAY-SA75A Datasheet
475Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
More results

Similar Description - SA75A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1SMB5.0 MOTOROLA-1SMB5.0 Datasheet
230Kb / 4P
   Zener Overvoltage Transient Suppressors
1SMC5.0 MOTOROLA-1SMC5.0 Datasheet
212Kb / 4P
   ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
P6SMB6.8A MOTOROLA-P6SMB6.8A Datasheet
240Kb / 4P
   ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
logo
ON Semiconductor
1.5KE18CARL4 ONSEMI-1.5KE18CARL4 Datasheet
211Kb / 7P
   1500 Watt Mosorb??Zener Transient Voltage Suppressors
August, 2006 ??Rev. 3
15KE68CA ONSEMI-15KE68CA Datasheet
58Kb / 8P
   1500 Watt Mosorb Zener Transient Voltage Suppressors
February, 2002 ??Rev. 2
1N6267A ONSEMI-1N6267A_05 Datasheet
78Kb / 8P
   1500 Watt Mosorb Zener Transient Voltage Suppressors
July, 2005 ??Rev. 7
1N5908 ONSEMI-1N5908 Datasheet
64Kb / 6P
   1500 Watt Mosorb TM Zener Transient Voltage Suppressors
July, 2005 ??Rev. 4
1N6267A ONSEMI-1N6267A_07 Datasheet
77Kb / 7P
   1500 Watt Mosorb TM Zener Transient Voltage Suppressors
February, 2007 ??Rev. 8
1N6373 ONSEMI-1N6373 Datasheet
60Kb / 8P
   1500 Watt Peak Power Mosorb Zener Transient Voltage Suppressors
June, 2002 ??Rev. 2
1N6373 ONSEMI-1N6373_05 Datasheet
79Kb / 8P
   1500 Watt Peak Power Mosorb TM Zener Transient Voltage Suppressors
December, 2005 ??Rev. 4
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com