Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB0264A Datasheet(PDF) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TB0264A
Description  SAW Filter 533.33 MHz SMD 3.8x3.8 mm
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TB0264A Datasheet(HTML) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TB0264A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TB0264A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TB0264A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TB0264A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TB0264A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
4
TST DCC
Release document
E. Outline Drawing :
F. PCB Footprint


Similar Part No. - TB0264A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TB0264A GOLLEDGE-TB0264A Datasheet
82Kb / 4P
   SAW Filter 533.33MHz
More results

Similar Description - TB0264A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0511A TAI-SAW-TA0511A Datasheet
464Kb / 6P
   SAW Filter 830.05 MHz SMD 3.8X3.8 mm
TA0610A TAI-SAW-TA0610A Datasheet
318Kb / 6P
   SAW Filter 930.5 MHz SMD 3.8X3.8 mm
TA0832A TAI-SAW-TA0832A Datasheet
326Kb / 8P
   SAW Filter 915.3 MHz SMD 3.8X3.8 mm
TA0723A TAI-SAW-TA0723A Datasheet
331Kb / 6P
   SAW Filter 433.42 MHz SMD 3.8X3.8 mm
TB0464A TAI-SAW-TB0464A Datasheet
283Kb / 7P
   SAW Filter 400 MHz SMD 3.8X3.8 mm
TA915EC TAI-SAW-TA915EC Datasheet
362Kb / 5P
   SAW Filter 915 MHz SMD 3.8X3.8 mm
TA915FC TAI-SAW-TA915FC Datasheet
364Kb / 5P
   SAW Filter 915 MHz SMD 3.8X3.8 mm
TA0512A TAI-SAW-TA0512A Datasheet
465Kb / 6P
   SAW Filter 874.55 MHz SMD 3.8X3.8 mm
TA2489A TAI-SAW-TA2489A Datasheet
546Kb / 7P
   SAW Filter 332 MHz (BW 24 MHz) SMD 3.8X3.8 mm
TA1602A TAI-SAW-TA1602A Datasheet
431Kb / 7P
   SAW Filter 315 MHz (BW 1.06MHz) SMD 3.8X3.8 mm
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com