Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC715U Datasheet(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # DAC715U
Description  16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC715U Datasheet(HTML) 10 Page - Burr-Brown (TI)

Back Button DAC715U Datasheet HTML 3Page - Burr-Brown (TI) DAC715U Datasheet HTML 4Page - Burr-Brown (TI) DAC715U Datasheet HTML 5Page - Burr-Brown (TI) DAC715U Datasheet HTML 6Page - Burr-Brown (TI) DAC715U Datasheet HTML 7Page - Burr-Brown (TI) DAC715U Datasheet HTML 8Page - Burr-Brown (TI) DAC715U Datasheet HTML 9Page - Burr-Brown (TI) DAC715U Datasheet HTML 10Page - Burr-Brown (TI) DAC715U Datasheet HTML 11Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
®
DAC715
The digital interface of the DAC715 can be made transpar-
ent by asserting A
O, A1, and WR LOW, and asserting CLR
HIGH.
To operate the DAC715 interface as a single-buffered latch,
the DATA INPUT LATCH is permanently enabled by
connecting A0 to DCOM. If A1 is not used to enable the
D/A, it should be connected to DCOM also. For this mode
of operation, the width of WR will need to be at least 80ns
minimum to pass data through the DATA INPUT LATCH
and into the D/A LATCH.
TRANSPARENT INTERFACE
FIGURE 6. Manual Offset and Gain Adjust Circuits.
5k
3
4
6
+10V V
OUT
10k
IDAC
0-2mA
≈ +2.5V
15k
R
3
27k
R
1
100
P
2
10k
Ω – 100kΩ
P
1
1k
5
170
Internal
+10V Reference
V
REF OUT
–V
CC
+V
CC
Gain Adjust
Offset Adjust
2
ACOM
R
2
2M
For no external adjustments, pins 4 and 6 are not connected.
External resistors R1 - R4 are standard ±1% values. Range of
adjustment at least ±0.03% FSR.


Similar Part No. - DAC715U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC715U TI1-DAC715U Datasheet
230Kb / 14P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC715UB TI1-DAC715UB Datasheet
230Kb / 14P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC715UBG4 TI1-DAC715UBG4 Datasheet
230Kb / 14P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC715UG4 TI1-DAC715UG4 Datasheet
230Kb / 14P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC715UK TI1-DAC715UK Datasheet
230Kb / 14P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
More results

Similar Description - DAC715U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC715 TI1-DAC715 Datasheet
230Kb / 14P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC712 TI1-DAC712 Datasheet
434Kb / 23P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
logo
Burr-Brown (TI)
DAC712 BURR-BROWN-DAC712 Datasheet
302Kb / 12P
   16-BIT DIGITAL-TO-ANALOG CONVERTER With 16-Bit Bus Interface
PCM2702 BURR-BROWN-PCM2702 Datasheet
117Kb / 11P
   16-Bit Stereo DIGITAL-TO-ANALOG CONVERTER with Interface
logo
Texas Instruments
DAC716 TI1-DAC716 Datasheet
176Kb / 16P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
logo
Burr-Brown (TI)
DAC716 BURR-BROWN-DAC716 Datasheet
201Kb / 13P
   16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
logo
Texas Instruments
DAC714 TI1-DAC714 Datasheet
779Kb / 22P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface
logo
Burr-Brown (TI)
DAC714 BURR-BROWN-DAC714 Datasheet
127Kb / 14P
   16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
   16-Bit Analog-to-Digital Converter
logo
DATEL, Inc.
5962-8953101HXA DATEL-5962-8953101HXA Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com